Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EGPA250E Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # EGPA250E
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

EGPA250E Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  EGPA250E Datasheet HTML 1Page - Nippon Precision Circuits Inc EGPA250E Datasheet HTML 2Page - Nippon Precision Circuits Inc EGPA250E Datasheet HTML 3Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Long life, Downsized, 125℃
Please refer to "Product code guide (radial lead type)"
Sleeve (PET : Brown)
L'
15min.
4min.
Vent
◆DIMENSIONS [mm]
◆PART NUMBERING SYSTEM
φD
φd
F
φD'
L'
12.5
  14.5  16   18
0.6  0.8   0.8
0.8
5.0
7.5
7.5
7.5
φD+0.5max.
L+1.5max.
Gas escape end seal
Terminal Code : E
Supplement code
Size code
Capacitance tolerance code
Capacitance code (ex. 470µF:471, 1,000µF:102)
Lead forming·taping code
Terminal code
Voltage code (ex. 25V:250, 50V:500)
Series code
Category
E GP A A A A E A A A A A
A A A S
M
8
1
15
16
17
14
18
11
12 13
5
6
7
2
3
4
9
10
Higher temperature
Downsized
Higher ripple current
GPA
LXZ
GXE
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
(1/3)
◆SPECIFICATIONS
Items
Characteristics
(at 20℃, 120Hz)
(at 20℃, 1 minute)
(at 20℃, 120Hz)
(at 120Hz)
Category
Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current
Dissipation Factor
(tanδ)
Low Temperature
Characteristics
(Max. Impedance Ratio)
Endurance
Shelf Life
-40 to +125℃
25 to 100Vdc
±20% (M)
I=0.03CV or 4µA, whichever is greater.
Where, I : Max. leakage current (µA), C : Nominal capacitance (µF), V : Rated voltage (V)
When nominal capacitance exceeds 1,000µF, add 0.02 to the above value for each 1,000µF increase.
The following specifications shall be satisfied when the capacitors are restored to 20℃ after subjected to DC voltage with the rated ripple
current is applied (the peak voltage shall not exceed the rated voltage) for 5,000 hours (3,000 hours for 25L and less) at 125 ℃.
Capacitance change
≦±30% of the initial value
D.F. (tanδ)
≦300% of the initial specified value
Leakage current
≦The initial specified value
The following specifications shall be satisfied when the capacitors are restored to 20℃ after exposing them for 1,000 hours at 125℃ without
voltage applied. Before the measurement, the capacitor shall be preconditioned by applying voltage according to Item 4.1 of JIS C 5101-4.
Capacitance change
≦±30% of the initial value
D.F. (tanδ)
≦300% of the initial specified value
Leakage current
≦The initial specified value
Rated voltage (Vdc)
tanδ(Max.)
Rated voltage (Vdc)
Z(-25℃)/Z(+20℃)
Z(-40℃)/Z(+20℃)
2
4
2
4
2
4
2
4
2
4
2
4
GPASeries
Upgrude!
CAT. No. E1001M
Downsized, low impedance and high-ripple current version of GXE
series
Specified ESR after endurance test
For high ripple current automotive applications.
(Direct fuel injection and electric power steering etc.)
Endurance with ripple current : 3,000 to 5,000 hours at 125℃
Solvent resistant type (see PRECAUTIONS AND GUIDELINES)
RoHS Compliant
25V
35V
50V
63V
80V
100V
25V
35V
50V
63V
80V
100V
0.14
0.12
0.10
0.10
0.08
0.08
Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications.


Similar Part No. - EGPA250E

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EGPA250E CHEMI-CON-EGPA250E Datasheet
428Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
EGPA250E CHEMI-CON-EGPA250E Datasheet
428Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
EGPA250E CHEMI-CON-EGPA250E Datasheet
428Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
EGPA250E CHEMI-CON-EGPA250E Datasheet
428Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
EGPA250E CHEMI-CON-EGPA250E Datasheet
428Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - EGPA250E

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com