Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MALREKC00DJ415C00F Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MALREKC00DJ415C00F
Description  Aluminum Capacitors Radial Style
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MALREKC00DJ415C00F Datasheet(HTML) 2 Page - Vishay Siliconix

  MALREKC00DJ415C00F Datasheet HTML 1Page - Vishay Siliconix MALREKC00DJ415C00F Datasheet HTML 2Page - Vishay Siliconix MALREKC00DJ415C00F Datasheet HTML 3Page - Vishay Siliconix MALREKC00DJ415C00F Datasheet HTML 4Page - Vishay Siliconix MALREKC00DJ415C00F Datasheet HTML 5Page - Vishay Siliconix MALREKC00DJ415C00F Datasheet HTML 6Page - Vishay Siliconix MALREKC00DJ415C00F Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Not for New Design
EKC
www.vishay.com
Vishay Roederstein
Revision: 10-Jul-12
2
Document Number: 25009
For technical questions, contact: aluminiumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
GENERAL NOTE
• For Standard Packaging Quantity (SPQ) and Minimum Order Quantity (MOQ) please refer to our price list or contact customer
service
• For other packaging forms please refer to Vishay Roederstein General Information
560

10 x 25
12.5 x 20
12.5 x 30
12.5 x 40
680
8 x 20
10 x 20
12.5 x 25
12.5 x 35
16 x 30
820
10 x 25
10 x 30
12.5 x 40
16 x 35
1000
10 x 20
12.5 x 25
16 x 20
16 x 30
16 x 40
1200
10 x 25
10 x 30
12.5 x 35
16 x 35
-
1500
10 x 30
12.5 x 25
12.5 x 30
12.5 x 40
16 x 40
-
1800
12.5 x 20
12.5 x 35
16 x 30
-
-
2200
12.5 x 25
16 x 20
12.5 x 40
16 x 35
-
-
2700
12.5 x 30
12.5 x 35
16 x 30
16 x 40
-
-
3300
12.5 x 35
12.5 x 40
16 x 35
-
-
-
3900
12.5 x 40
16 x 30
16 x 40
-
-
-
4700
16 x 35
--
--
5600
16 x 30
16 x 40
-
-
-
-
6800
16 x 35
-
-
-
-
-
8200
16 x 40
-
-
-
-
-
RADIAL STYLE: DIMENSIONS in millimeters
Ø D
5
6.3
8
10
12.5
16
18
22
25
S
2.0
2.5
3.5
5.0
5.0
7.5
7.5
10.0
12.5
Ø d
0.5
0.5
0.6
0.6
0.6
0.8
0.8
1.0
1.0
1.5
2.0
0.5
1.0
DIMENSIONS in millimeters AND AVAILABLE FORMS
SELECTION CHART FOR CR, UR, AND RELEVANT NOMINAL CASE SIZES (Ø D x L in mm)
CR
(μF)
RATED VOLTAGE (V)
10
16
25
35
50
63
L +
β max.
Ø d ± 0.05 tinned copper-ply steel
S ± 0.5
15 min.
4 min.
+
-
Casing Insulation
L
max.
15 min.
4 min.
Ø D
≤ 16 long leads MALREKC00...
L
max.
4.5 ± 0.5
S ± 0.5
Ø D
≤ 16 shortened leads MALREKC05...
(S = 2/2.5/3.5/5/7.5 mm)


Similar Part No. - MALREKC00DJ415C00F

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MALREKC00DJ415C00F VISHAY-MALREKC00DJ415C00F Datasheet
98Kb / 7P
   Aluminum Capacitors Radial Style
Revision: 05-Nov-08
More results

Similar Description - MALREKC00DJ415C00F

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EKF VISHAY-EKF Datasheet
89Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 13-Jun-08
EKV VISHAY-EKV Datasheet
94Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKV VISHAY-EKV_12 Datasheet
102Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
EKS VISHAY-EKS Datasheet
209Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 18-Aug-04
EKA VISHAY-EKA Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKC VISHAY-EKC Datasheet
98Kb / 7P
   Aluminum Capacitors Radial Style
Revision: 05-Nov-08
EKB VISHAY-EKB_12 Datasheet
118Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
EKO VISHAY-EKO Datasheet
305Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 30-Aug-05
EKX VISHAY-EKX Datasheet
100Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKE VISHAY-EKE Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 15-Jul-08
EKB VISHAY-EKB Datasheet
113Kb / 9P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com