Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E52-IC1GT Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # E52-IC1GT
Description  A WIDE VARIETY OF HIGH-PRECISION TEMPERATURE SENSORS
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E52-IC1GT Datasheet(HTML) 3 Page - Omron Electronics LLC

  E52-IC1GT Datasheet HTML 1Page - Omron Electronics LLC E52-IC1GT Datasheet HTML 2Page - Omron Electronics LLC E52-IC1GT Datasheet HTML 3Page - Omron Electronics LLC E52-IC1GT Datasheet HTML 4Page - Omron Electronics LLC E52-IC1GT Datasheet HTML 5Page - Omron Electronics LLC E52-IC1GT Datasheet HTML 6Page - Omron Electronics LLC E52-IC1GT Datasheet HTML 7Page - Omron Electronics LLC E52-IC1GT Datasheet HTML 8Page - Omron Electronics LLC E52-IC1GT Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
E52
3
■ Accessories
It is recommended that the following accessories be used for mounting Temperature Sensors.
■ Lead Wires
Accessory
Temperature
range
Mounting example
Page
Compression
Fitting
600
°C max.
Mounting with
Compression
Fitting
Note: The Compression Fitting is not
of airtight construction. Do not
use the Compression Fitting for
applications in which the
exposure of the sensing object
will cause problems.
30
Loose Flange
400
°C max.
Mounting with
Loose Flange
Note: 1. Use the Loose Flange in
normal atmospheric
pressure. The Loose
Flange is not of airtight
construction.
2. Use the Loose Flange at
400
°C max.
3. Do not apply the Loose
Flange to protective tubing
diameters other than the
applicable ones.
Compression Fitting
PT screw
Welding
Terminal box
Protective tubing
Loose Flange
Mounting screw
Terminal box
Protective tubing
Accessory
Specification
Temperature range
Page
For resistance ther-
mometers
Standard
Vinyl-covered with twelve 0.18-dia. conductors (0.3 mm thick) and
4.8 mm in outer dia.
−20°C to 70°C---
Heat resistive
Glass-wool-covered with twenty 0.18-dia. conductors (0.5 mm thick) ex-
ternally shielded with stainless steel, 5.2 mm in outer dia.
0
°C to 180°C
Sleeve: 0
°C to 100°C
For thermocouples
(compensating con-
ductor)
Standard
Vinyl-covered with seven 0.3-dia. conductors (0.5 mm thick) and 3.2 x
5.0 mm in outer dia.
−20°C to 70°C32
Heat resistive
Glass-wool-covered with seven 0.3-dia. conductors (0.5 mm thick) exter-
nally shielded with stainless steel, 2.9 x 4.6 mm in outer dia.
0
°C to 150°C
Sleeve: 0
°C to 100°C


Similar Part No. - E52-IC1GT

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
E52-16QS04-B EATON-E52-16QS04-B Datasheet
3Mb / 102P
   Stainless steel tube
E52-16QS04-B1 EATON-E52-16QS04-B1 Datasheet
3Mb / 102P
   Stainless steel tube
E52-16QS04-C EATON-E52-16QS04-C Datasheet
3Mb / 102P
   Stainless steel tube
E52-16QS04-C1 EATON-E52-16QS04-C1 Datasheet
3Mb / 102P
   Stainless steel tube
E52-18RU04-B EATON-E52-18RU04-B Datasheet
3Mb / 102P
   Stainless steel tube
More results

Similar Description - E52-IC1GT

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
AA-400 TEC-AA-400 Datasheet
136Kb / 1P
   Wide variety of reflectors available
logo
ALPS ELECTRIC CO.,LTD.
SKHUALE010 ALPS-SKHUALE010 Datasheet
471Kb / 4P
   A wide variety of products including dust-proof type.
SKHU ALPS-SKHU_15 Datasheet
789Kb / 4P
   A wide variety of products including dust-proof type
EC12D ALPS-EC12D Datasheet
878Kb / 6P
   Insulated shaft type with a wide variety of applications
logo
TOKYO SEIMITSU CO., LTD
SURFCOM-3DF ACCRETECH-SURFCOM-3DF Datasheet
247Kb / 1P
   Performs a wide variety of 3D solid analysis of intricate surface profile
logo
Shanghai Leiditech Elec...
HL90-250 LEIDITECH-HL90-250 Datasheet
375Kb / 3P
   Telecom and wide variety of electronic equipment
logo
List of Unclassifed Man...
CFP50 ETC2-CFP50 Datasheet
109Kb / 3P
   The highly absorbent precision cleaning swab with a wide variety of head sizes and shapes
logo
ALPS ELECTRIC CO.,LTD.
RK168 ALPS-RK168_15 Datasheet
790Kb / 5P
   Remote controllable and available in a wide variety of products
logo
PHOENIX CONTACT
2799348 PHOENIX-2799348 Datasheet
48Kb / 2P
   For a variety of applications
logo
Rosenberger Hochfrequen...
23C21D-40ML5 ROSENBERGER-23C21D-40ML5 Datasheet
351Kb / 2P
   A wide variety of transmissionline topologies and pcb-parameters like permittivity
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com