Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MALREKE00BA322C00K Datasheet(PDF) 5 Page - Vishay Siliconix

Part # MALREKE00BA322C00K
Description  Aluminum Capacitors Radial Style
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MALREKE00BA322C00K Datasheet(HTML) 5 Page - Vishay Siliconix

  MALREKE00BA322C00K Datasheet HTML 1Page - Vishay Siliconix MALREKE00BA322C00K Datasheet HTML 2Page - Vishay Siliconix MALREKE00BA322C00K Datasheet HTML 3Page - Vishay Siliconix MALREKE00BA322C00K Datasheet HTML 4Page - Vishay Siliconix MALREKE00BA322C00K Datasheet HTML 5Page - Vishay Siliconix MALREKE00BA322C00K Datasheet HTML 6Page - Vishay Siliconix MALREKE00BA322C00K Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
EKE
www.vishay.com
Vishay Roederstein
Revision: 14-Mar-12
5
Document Number: 25008
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
100
2.2
5 x 11
0.08
48.23
2.50
52
0.42
MALREKE00AA122L00K
3.3
5 x 11
0.08
32.15
2.50
64
0.42
MALREKE00AA133L00K
4.7
5 x 11
0.08
22.58
2.50
76
0.42
MALREKE00AA147L00K
10
6.3 x 11
0.08
10.61
1.00
128
0.43
MALREKE00BA210L00K
22
8 x 11.5
0.08
4.823
0.60
224
1.05
MALREKE00PB222L00K
33
10 x 12.5
0.08
3.215
0.40
319
1.90
MALREKE00DC233L00K
47
10 x 16
0.08
2.258
0.30
417
2.40
MALREKE00DD247L00K
100
12.5 x 20
0.08
1.061
0.15
570
4.50
MALREKE00FE310L00K
150
12.5 x 25
0.08
0.707
0.12
762
4.70
MALREKE00FG315L00K
220
16 x 25
0.08
0.482
0.070
1250
6.60
MALREKE00JG322L00K
330
16 x 31.5
0.08
0.322
0.050
1404
9.00
MALREKE00JS333L00K
470
18 x 40
0.08
0.226
0.030
1980
15.0
MALREKE00KK347L00K
160
33
10 x 20
0.15
6.029
1.30
565
3.00
MALREKE00DE233M00K
150
16 x 31.5
0.15
1.326
0.22
1300
9.00
MALREKE00JS315M00K
220
16 x 31.5
0.15
0.904
0.22
1300
9.00
MALREKE00JS322M00K
330
18 x 31.5
0.15
0.603
0.22
1700
11.0
MALREKE00KS333M00K
200
22
10 x 20
0.15
9.043
1.50
440
3.00
MALREKE00DE222S00K
33
12.5 x 20
0.15
6.029
0.91
590
4.50
MALREKE00FE233S00K
47
12.5 x 20
0.15
4.233
0.91
780
4.50
MALREKE00FE247S00K
100
16 x 25
0.15
1.989
0.27
1280
6.60
MALREKE00JG310S00K
150
18 x 25
0.15
1.326
0.27
1500
9.00
MALREKE00KG315S00K
220
18 x 31.5
0.15
0.904
0.22
1700
11.0
MALREKE00KS322S00K
250
10
10 x 20
0.15
19.89
3.50
300
3.00
MALREKE00DE210N00K
22
12.5 x 20
0.15
9.043
2.30
480
4.50
MALREKE00FE222N00K
33
12.5 x 25
0.15
6.029
1.70
630
4.70
MALREKE00FG233N00K
47
12.5 x 25
0.15
4.233
1.70
630
4.70
MALREKE00FG247N00K
100
16 x 31.5
0.15
1.989
0.63
1400
9.00
MALREKE00JS310N00K
150
18 x 31.5
0.15
1.326
0.42
1450
11.0
MALREKE00KS315N00K
220
18 x 40
0.15
0.904
0.35
1485
15.0
MALREKE00KK322N00K
400
10
10 x 20
0.20
26.53
2.90
180
3.00
MALREKE00DE210X00K
22
12.5 x 25
0.20
12.06
1.30
300
4.70
MALREKE00FG222X00K
33
16 x 20
0.20
8.038
0.91
600
5.80
MALREKE00JE233X00K
47
16 x 25
0.20
5.644
0.73
700
6.60
MALREKE00JG247X00K
100
18 x 40
0.20
2.653
0.34
1250
15.0
MALREKE00KK310X00K
450
3.3
10 x 20
0.20
80.38
6.50
150
3.00
MALREKE00DE133P00K
4.7
12.5 x 20
0.20
56.44
3.60
200
4.50
MALREKE00FE147P00K
10
12.5 x 25
0.20
26.53
2.50
315
4.70
MALREKE00FG210P00K
22
16 x 25
0.20
12.06
1.70
570
6.60
MALREKE00JG222P00K
33
16 x 31.5
0.20
8.038
1.10
620
9.00
MALREKE00JS233P00K
47
18 x 31.5
0.20
5.644
0.93
900
11.0
MALREKE00KS247P00K
LOW TEMPERATURE BEHAVIOR (at 120 Hz)
IMPEDANCE RATIO
Z (T2)/Z (T1)
RATED VOLTAGE
(V)
T2/T1
6.3
10
16
25 ~ 100
160 ~ 250
350 ~ 450
- 25 °C/+ 20 °C
4
3
2238
- 40 °C/+ 20 °C
8
6
4
3
4
-
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
120 Hz
(μF)
DIMENSIONS
Ø D x L
(mm)
tan
120 Hz
RESR
120 Hz/
20 °C
(
)
Z
100 kHz/
20 °C
(
)
IR
100 kHz/
105 °C
(mA)
WEIGHT
(g)
CATALOG NUMBER
(Long Leads)


Similar Part No. - MALREKE00BA322C00K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MALREKE00BA322C00K VISHAY-MALREKE00BA322C00K Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 15-Jul-08
More results

Similar Description - MALREKE00BA322C00K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EKF VISHAY-EKF Datasheet
89Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 13-Jun-08
EKV VISHAY-EKV Datasheet
94Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKV VISHAY-EKV_12 Datasheet
102Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
EKS VISHAY-EKS Datasheet
209Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 18-Aug-04
EKA VISHAY-EKA Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKC VISHAY-EKC Datasheet
98Kb / 7P
   Aluminum Capacitors Radial Style
Revision: 05-Nov-08
EKB VISHAY-EKB_12 Datasheet
118Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
EKO VISHAY-EKO Datasheet
305Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 30-Aug-05
EKX VISHAY-EKX Datasheet
100Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKE VISHAY-EKE Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 15-Jul-08
EKB VISHAY-EKB Datasheet
113Kb / 9P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com