Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E52-THE5A Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # E52-THE5A
Description  A WIDE VARIETY OF HIGH-PRECISION TEMPERATURE SENSORS
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E52-THE5A Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button E52-THE5A Datasheet HTML 4Page - Omron Electronics LLC E52-THE5A Datasheet HTML 5Page - Omron Electronics LLC E52-THE5A Datasheet HTML 6Page - Omron Electronics LLC E52-THE5A Datasheet HTML 7Page - Omron Electronics LLC E52-THE5A Datasheet HTML 8Page - Omron Electronics LLC E52-THE5A Datasheet HTML 9Page - Omron Electronics LLC E52-THE5A Datasheet HTML 10Page - Omron Electronics LLC E52-THE5A Datasheet HTML 11Page - Omron Electronics LLC E52-THE5A Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
E52
8
■ Model Number Legend
The type of resistance thermometer, protective tubing length, and lead length can be specified as shown below.
Thermocouples
1. Element type
CA: K
IC: J
PR: R
2. Protective tubing length (L)
Specify the length in centimeters in the following range: Unit (cm)
E52-
@@A (Exposed-lead Model)
E52-
@@B and E52-@@C (except E52-PR@C)
E52-PR
@C
3. Terminal
A: Exposed lead wires (element type: K, J)
B: Exposed terminals (element type: K, J)
C: Enclosed terminals (element type: K, J, R)
4. Diameter
Specify the protective tubing material according to the table.
5. Heat resistance
Specify this item for the exposed-lead models only.
6. Lead length (M)
Specify the length in meters in the following range for the E52-
@@A only.
Range: 1 to 100 m
7. Protective tubing material
Examples
Element: K; protective tubing length: 420 mm, exposed leads, protective tubing dia.: 4.8 mm, heat resistive, lead length: 10 m
E52-CA42A D=4.8 NETU 10M
Element: J; protective tubing length: 360 mm, enclosed terminals, protective tubing dia.: 3.2
E52-IC36C D=3.2
E52-
@@@ D=@@@M@
123
4
5 6
7
Diameter (D)
Length (L)
1
2 to 200
1.6
3 to 500
3.2
5 to 2,000
4.8
8 to 2,300
6.4
10 to 1,200
8
12 to 1,000
Diameter (D)
Length (L)
3.2
11 to 2,000
4.8
14 to 2,300
6.4
16 to 1,200
8.0
18 to 1,000
10
21 to 126
12
24 to 126
15
29 to 156
22
39 to 206
Diameter (D)
Length (L)
17
50, 75, 100
Code
Diameter
(D)
Protective tubing
construction
Protective tubing
material
1
1 mm
Sheathed
SUS316
1.6
1.6 mm
Sheathed
SUS316
3.2
3.2 mm
Sheathed
SUS316
4.8
4.8 mm
Sheathed
SUS316
6.4
6.4 mm
Sheathed
SUS316
8
8 mm
Sheathed
SUS316
10
10 mm
Standard
SUS316, SUS310S
12
12 mm
Standard
SUS316, SUS310S
15
15 mm
Standard
SUS316, SUS310S
22
22 mm
Standard
SUS316, SUS310S
17
17 mm
Standard
PT1, PT0
Code
Temperature range
Lead type
---
−20°C to 70°C
Sleeve: 0
°C to 70°C
Vinyl-covered
NETU
0
°C to 150°C
Sleeve: 0
°C to 100°C
Glass-wool-covered with exter-
nal shield
Code
Protective tubing
material
Element type
---
SUS316
K, J
SUS310S
SUS310S
K, D = 10 to 22
PT1
JIS ceramic Cat.1
R
PT0
JIS special ceramic
R


Similar Part No. - E52-THE5A

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
E52-16QS04-B EATON-E52-16QS04-B Datasheet
3Mb / 102P
   Stainless steel tube
E52-16QS04-B1 EATON-E52-16QS04-B1 Datasheet
3Mb / 102P
   Stainless steel tube
E52-16QS04-C EATON-E52-16QS04-C Datasheet
3Mb / 102P
   Stainless steel tube
E52-16QS04-C1 EATON-E52-16QS04-C1 Datasheet
3Mb / 102P
   Stainless steel tube
E52-18RU04-B EATON-E52-18RU04-B Datasheet
3Mb / 102P
   Stainless steel tube
More results

Similar Description - E52-THE5A

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
AA-400 TEC-AA-400 Datasheet
136Kb / 1P
   Wide variety of reflectors available
logo
ALPS ELECTRIC CO.,LTD.
SKHUALE010 ALPS-SKHUALE010 Datasheet
471Kb / 4P
   A wide variety of products including dust-proof type.
SKHU ALPS-SKHU_15 Datasheet
789Kb / 4P
   A wide variety of products including dust-proof type
EC12D ALPS-EC12D Datasheet
878Kb / 6P
   Insulated shaft type with a wide variety of applications
logo
TOKYO SEIMITSU CO., LTD
SURFCOM-3DF ACCRETECH-SURFCOM-3DF Datasheet
247Kb / 1P
   Performs a wide variety of 3D solid analysis of intricate surface profile
logo
Shanghai Leiditech Elec...
HL90-250 LEIDITECH-HL90-250 Datasheet
375Kb / 3P
   Telecom and wide variety of electronic equipment
logo
List of Unclassifed Man...
CFP50 ETC2-CFP50 Datasheet
109Kb / 3P
   The highly absorbent precision cleaning swab with a wide variety of head sizes and shapes
logo
ALPS ELECTRIC CO.,LTD.
RK168 ALPS-RK168_15 Datasheet
790Kb / 5P
   Remote controllable and available in a wide variety of products
logo
PHOENIX CONTACT
2799348 PHOENIX-2799348 Datasheet
48Kb / 2P
   For a variety of applications
logo
Rosenberger Hochfrequen...
23C21D-40ML5 ROSENBERGER-23C21D-40ML5 Datasheet
351Kb / 2P
   A wide variety of transmissionline topologies and pcb-parameters like permittivity
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com