Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIL-STD-285 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MIL-STD-285
Description  GORE-SHIELD짰 GS2100 EMI Gasket is a conductive, adhesive backed, EMI gasketing material that is moderately soft and is approved for spacefl ight and military applications.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MIL-STD-285 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MIL-STD-285 Datasheet HTML 1Page - List of Unclassifed Manufacturers MIL-STD-285 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
gs2100 emi gaskets
Gore-Shield
®
W. L. Gore & Associates, Inc.
GORE-SHIELD, GORE and designs are trademarks of W. L. Gore & Associates, Inc. ©2008 W. L. Gore & Associates, Inc.
North America
1 (800) 445-GORE (4673)
Europe
+49 9144 6010
+44 1382 561511
International
1 (302) 292-5100
China: Beijing
+86 10 6510 2980
China: Shanghai
+86 21 6247 1999
China: Shenzhen
+86 755 8359 8262
gore.com/emi
More international phone
numbers can be found at
gore.com/phone
Japan
+81 3 3570 8712
Korea
+82 2 393-3411
Taiwan
+886 2 8771 7799
Singapore
+65 6 733 2882
Nominal Material Properties
Hardness
(Shore A) 45
Density (gm/cc)
0.34
Fire Safety Rating (UL-94)
V-0
Electrical Properties
Volume Resistivity
1.5 ohm-cm @ 500psi,
Ag electrodes
Shielding Effectiveness
(with adhesive)
>45dB @ 1GHz
(ARP 1705 Method)
Load and Shielding
Effectiveness vs. % Compression
GS2100 with Adhesive
Military Specifications and Standards
DEF STAN 59-103
EMI/EMP Gasket
Components
DESC 92017
Gaskets, EMI/RFI
Shielding, Expanded PTFE
MIL-G-83528
Gasketing Material,
Conductive Elastomer,
Shielding Gasket, EMI/RFI
MIL-STD-810
Environmental Test
Methods and Engineering
Guidelines
MIL-STD-285
Attenuation
Measurements for
Enclosures
Underwriter’s Laboratory Inc. Test Methods
UL-94 V-0
Flammability Test for
Materials
Performance Against
Standards
General
Shipped material shall be capable of meeting the
performance characteristics specified herein when tested
against the following methods.
Volume Resistivity
DESC 92017
<1.5 ohm-cm (0.25mm
thick)
MIL-G-83528
3.45 MPa (500 psi) load
Shielding Effectiveness
DESC 92017
MIL-G-83528
“E” field – 100dB
200MHz to 18GHz
Electromagnetic Discharge
Charge
<150 volts 25°C,
45% R.H. loss less than
100 volts within 0.5 sec
Pass
Electromagnetic Pulse (EMP) Survivability
DEF STAN 59-103
Pass
Reusability for EMI Seal
MIL-G-83528
Pass (>80db after 10
closings)
Temperature Operating Range
Without Adhesive
–200°C – +200°C
With Adhesive
–40°C – +95C
Density/Specific Gravity
ASTM-D-1622-88
0.34g/cc
Corrosion Resistance
DEF STAN 59-103
Pass
Outgassing
ASTM-E-595 and ESA
PSS-01-702
Pass (
<1% mass loss)
Contaminant Resistance
DESC 92017,
MIL-G-83528, BS 3G
100-Part 2, and DEF STAN
59-103- Part 3/1
Pass
Vibration Resistance
DESC 92017 and MIL-G-
83528
Pass
Water Seal
DEF STAN 59-103/Part 3
and IP 65
Pass
Accelerated Life (Heat Aging)
MIL-G-83528 and DEF
STAN 59-103 - Part 3/1
Pass
Mold Growth
BS 2011 - Part 2-1J
None
European Space Agency Specifications and Standards
ESA PSS-01-702
Total Mass Loss and
Collected Volatile
Condensable Materials
from Outgassing in a
Vacuum
NASA ASTM-E-595
British Standard Specifications
BS 903
Methods of Testing
Vulcanized Rubber
BS 2011
Environmental Testing
BS 3G 100
General Requirements
for Part 2, Section 3
Equipment for Use in
Sub-Section 3.12 Aircraft,
Environmental Conditions,
Fluid Contamination
BS 5713
UV Resistance Part 106.4,
Method 3
800
700
600
500
400
300
200
100
0
60
50
40
30
20
10
0
0
10
20
30
40
50
60
% Compression
Load, psi
SE @ 2 GHz
Applicable Specifications
and Standards
ASTM Standard Test Methods
F38 - Method B
Creep Relaxation
F37
Sealability of Gasket
Materials
D1622
Specific Gravity
F104
Contaminant Resistance
D395
Compression Set
F36
Compressibility and
Recovery Gasket Materials
D2240
Durometer Hardness
E595
Outgassing in a Vacuum


Similar Part No. - MIL-STD-285

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MIL-STD-285 ETC2-MIL-STD-285 Datasheet
373Kb / 1P
   Techsil Conductive Elastomer
MIL-STD-285 ETC2-MIL-STD-285 Datasheet
513Kb / 1P
   Techsil Conductive Elastomer
MIL-STD-285 ETC2-MIL-STD-285 Datasheet
513Kb / 1P
   Techsil Conductive Elastomer
MIL-STD-285 ETC2-MIL-STD-285 Datasheet
513Kb / 1P
   Techsil Conductive Elastomer
MIL-STD-285 ETC2-MIL-STD-285 Datasheet
372Kb / 1P
   Techsil Conductive Elastomer
More results

Similar Description - MIL-STD-285

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS500EMI ETC1-GS500EMI Datasheet
74Kb / 2P
   GORE-SHIELD짰 GS500 EMI Gasket is a conductive, adhesive backed, EMI gasketing material that is moderately soft and is ideally suited for wireless infrastructure and telecommunications applications.
GS5200EMI ETC1-GS5200EMI Datasheet
765Kb / 2P
   GORE-SHIELD짰 GS5200 EMI Gasket is a highly conductive, adhesive-backed, EMI gasketing material that is ideally suited for wireless infrastructure and telecommunications applications.
EDR-21-060 ETC2-EDR-21-060 Datasheet
83Kb / 2P
   Spacefl ight and Military Approved
15517 ETC2-15517 Datasheet
57Kb / 1P
   DEHP is a substance that is used as a plasticiser to make PVC plastic soft and flexible. It is a colourless and odourless organic chemical.
logo
Amphenol Corporation
P-UE86-3G2420-X0361 AMPHENOL-P-UE86-3G2420-X0361 Datasheet
740Kb / 4P
   AND EMI GASKET
P-UE86-3G1420-X0X61 AMPHENOL-P-UE86-3G1420-X0X61 Datasheet
304Kb / 4P
   OPTIONS AND EMI GASKET
P-UE86-3G4420-X0X61 AMPHENOL-P-UE86-3G4420-X0X61 Datasheet
544Kb / 5P
   OPTIONS AND EMI GASKET
logo
Ohmite Mfg. Co.
RA-2TX-25E OHMITE-RA-2TX-25E Datasheet
5Mb / 2P
   A HEAT SINK IS A MASS OF THERMALLY CONDUCTIVE MATERIAL
logo
Murata Manufacturing Co...
VFC2HL81D105K2K1 MURATA1-VFC2HL81D105K2K1_V01 Datasheet
205Kb / 3P
   VFC2H series is EMI suppression filters of lead type that combines the varistor and capacitor.
08/24/2022
VFC2HL81C474K1K1 MURATA1-VFC2HL81C474K1K1_V01 Datasheet
204Kb / 3P
   VFC2H series is EMI suppression filters of lead type that combines the varistor and capacitor.
08/24/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com