Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

14-5846-040-000-829 Datasheet(PDF) 3 Page - AVX Corporation

Part # 14-5846-040-000-829
Description  0.4 mmPitch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

14-5846-040-000-829 Datasheet(HTML) 3 Page - AVX Corporation

  14-5846-040-000-829 Datasheet HTML 1Page - AVX Corporation 14-5846-040-000-829 Datasheet HTML 2Page - AVX Corporation 14-5846-040-000-829 Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
NO.OF
POS.
AB
C
6.0
8.0
10.0
12.0
14.0
16.0
18.0
3.6
5.6
7.6
9.6
11.6
13.6
15.6
7.0
9.0
11.0
13.0
15.0
17.0
19.0
20
30
40
50
60
70
80
NO.OF
POS.
AB
C
16
16
24
24
24
24
32
7.5
7.5
11.5
11.5
11.5
11.5
14.2
28.4
20
30
40
50
60
70
80
0.4mm Pitch
SERIES
5846 STSMT
Receptacle Vertical SMT
ORDERING CODE
24 5846 XXX 000 829+
Number of positions
1000
/
PACKING QUANTITY
1000 /Reel
RoHS
RoHS Compliant Product
Note) Feel free to contact our sales department
for available numbers of positions.


Similar Part No. - 14-5846-040-000-829

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
14-5802-054-002-829 AVX-14-5802-054-002-829 Datasheet
461Kb / 2P
   0.4 mmPitch
More results

Similar Description - 14-5846-040-000-829

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
245805040000829 AVX-245805040000829 Datasheet
151Kb / 2P
   0.4 mmPitch
14-5602-024-001-829 AVX-14-5602-024-001-829 Datasheet
291Kb / 6P
   0.4 mmPitch
145805060000829 AVX-145805060000829 Datasheet
209Kb / 2P
   0.4 mmPitch
14-5802-054-002-829 AVX-14-5802-054-002-829 Datasheet
461Kb / 2P
   0.4 mmPitch
24-5602-070-000-829 AVX-24-5602-070-000-829 Datasheet
291Kb / 6P
   0.4 mmPitch
145602016001829 AVX-145602016001829 Datasheet
256Kb / 4P
   0.4 Series 5602 mmPitch
145077050115861 AVX-145077050115861 Datasheet
244Kb / 5P
   1.0 mmPitch
14-5608-060-010-861 AVX-14-5608-060-010-861 Datasheet
415Kb / 4P
   0.8 mmPitch
14-5015-064-002-861 AVX-14-5015-064-002-861 Datasheet
225Kb / 3P
   1.0 mmPitch
logo
Everlight Electronics C...
ELD-425SYGWA EVERLIGHT-ELD-425SYGWA Datasheet
127Kb / 5P
   0.4 Dual Digit Displays
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com