Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TO-247AD Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TO-247AD
Description  INSULATED GATEBIPOLARTRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TO-247AD Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TO-247AD Datasheet HTML 1Page - List of Unclassifed Manufacturers TO-247AD Datasheet HTML 2Page - List of Unclassifed Manufacturers TO-247AD Datasheet HTML 3Page - List of Unclassifed Manufacturers TO-247AD Datasheet HTML 4Page - List of Unclassifed Manufacturers TO-247AD Datasheet HTML 5Page - List of Unclassifed Manufacturers TO-247AD Datasheet HTML 6Page - List of Unclassifed Manufacturers TO-247AD Datasheet HTML 7Page - List of Unclassifed Manufacturers TO-247AD Datasheet HTML 8Page - List of Unclassifed Manufacturers TO-247AD Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
IRGP4640DPbF/IRGP4640D-EPbF
www.irf.com © 2012 International Rectifier
January 8, 2013
2
Notes:
 VCC = 80% (VCES), VGE = 20V, L = 100μH, RG = 10
‚ Refer to AN-1086 for guidelines for measuring V
(BR)CES safely.
ƒ Pulse width limited by max. junction temperature.
„ Ris measured at T
J of approximately 90°C.
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ.
Max. Units
Conditions
V(BR)CES
Collector-to-Emitter BreakdownVoltage
600
V
VGE = 0V, IC = 100μA
d
V(BR)CES/T J
T emperatureCoeff.of BreakdownVoltage
—0.30—
V/°C VGE = 0V, IC = 1mA (25°C-175°C)
1.60
1.90
IC = 24A, VGE = 15V, TJ = 25°C
VCE(on)
Collector-to-Emitter Saturation Voltage
1.90
V
IC = 24A, VGE = 15V, TJ = 150°C
—2.00—
IC = 24A, VGE = 15V, TJ = 175°C
VGE(th)
Gate Threshold Voltage
4.0
6.5
V
VCE = VGE, IC = 700μA
VGE(th)/TJ
Threshold Voltage temp. coefficient
-18
mV/°C VCE = VGE, IC = 1.0mA (25°C - 175°C)
gfe
Forward Transconductance
17
S
VCE = 50V, IC = 24A, PW = 80μs
ICES
Collector-to-Emitter Leakage Current
2.0
25
μAVGE = 0V, VCE = 600V
—775
VGE = 0V, VCE = 600V, TJ = 175°C
VFM
Diode Forward Voltage Drop
1.80
2.6
V
IF = 24A
—1.28—
IF = 24A, TJ = 175°C
IGES
Gate-to-Emitter Leakage Current
±100
nA
VGE = ±20V
Switching Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ.
Max. Units
Qg
Total Gate Charge (turn-on)
50
75
IC = 24A
Qge
Gate-to-Emitter Charge (turn-on)
13
20
nC
VGE = 15V
Qgc
Gate-to-Collector Charge (turn-on)
21
31
VCC = 400V
Eon
Turn-On Switching Loss
115
201
IC = 24A, VCC = 400V, VGE = 15V
Eoff
Turn-Off Switching Loss
600
700
μJRG = 10
, L = 200μH, LS = 150nH, TJ = 25°C
Etotal
Total Switching Loss
715
901
Energy los s es include tail &diode revers e recovery
td(on)
Turn-On delay time
41
53
IC = 24A, VCC = 400V, VGE = 15V
tr
Rise time
22
31
ns
RG = 10
, L = 200μH, LS = 150nH, TJ = 25°C
td(off)
Turn-Off delay time
104
115
tf
Fall time
29
41
Eon
Turn-On Switching Loss
420
IC = 24A, VCC = 400V, VGE=15V
Eoff
Turn-Off Switching Loss
840
μJRG=10
, L= 200μH, LS=150nH, TJ = 175°C
Etotal
Total Switching Loss
1260
Energy los s es include tail &diode revers e recovery
td(on)
Turn-On delay time
40
IC = 24A, VCC = 400V, VGE = 15V
tr
Rise time
24
ns
RG = 10
, L = 200μH, LS = 150nH
td(off)
Turn-Off delay time
125
TJ = 175°C
tf
Fall time
39
Cies
Input Capacitance
1490
pF
VGE = 0V
Coes
Output Capacitance
129
VCC = 30V
Cres
Reverse Transfer Capacitance
45
f = 1.0Mhz
TJ = 175°C, IC = 96A
RBSOA
Reverse Bias Safe Operating Area
FULL SQUARE
VCC = 480V, Vp =600V
Rg = 10
, VGE = +20V to 0V
SCSOA
Short Circuit Safe Operating Area
5
μsVCC = 400V, Vp =600V
Rg = 10
, VGE = +15V to 0V
Erec
Reverse Recovery Energy of the Diode
621
μJTJ = 175°C
trr
Diode Reverse Recovery Time
89
ns
VCC = 400V, IF = 24A
Irr
Peak Reverse Recovery Current
37
A
VGE = 15V, Rg = 10
, L =200μH, Ls = 150nH
Conditions


Similar Part No. - TO-247AD

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
TO-247AD LUGUANG-TO-247AD Datasheet
415Kb / 2P
   Schottky Barrier Rectifiers
TO-247AD LUGUANG-TO-247AD Datasheet
239Kb / 2P
   Schottky Barrier Rectifiers
TO-247AD LUGUANG-TO-247AD Datasheet
244Kb / 2P
   Schottky Barrier Rectifiers
TO-247AD LUGUANG-TO-247AD Datasheet
382Kb / 2P
   Schottky Barrier Rectifiers
logo
List of Unclassifed Man...
TO-247AD ETC1-TO-247AD Datasheet
338Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTORWITH ULTRAFAST SOFT RECOVERY DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com