Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

27-8071-110-011-840 Datasheet(PDF) 4 Page - AVX Corporation

Part # 27-8071-110-011-840
Description  Plug Straight
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

27-8071-110-011-840 Datasheet(HTML) 4 Page - AVX Corporation

  27-8071-110-011-840 Datasheet HTML 1Page - AVX Corporation 27-8071-110-011-840 Datasheet HTML 2Page - AVX Corporation 27-8071-110-011-840 Datasheet HTML 3Page - AVX Corporation 27-8071-110-011-840 Datasheet HTML 4Page - AVX Corporation 27-8071-110-011-840 Datasheet HTML 5Page - AVX Corporation 27-8071-110-011-840 Datasheet HTML 6Page - AVX Corporation 27-8071-110-011-840 Datasheet HTML 7Page - AVX Corporation 27-8071-110-011-840 Datasheet HTML 8Page - AVX Corporation 27-8071-110-011-840 Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
SERIES
リセプタクル ライトアングル TYPE A
Receptacle Right Angle
8071
MULTI LINE MODULE CONNECTORS
■Daughter Card
TYPE A
■Bottom Shield
TYPE A
82 8071  110 501 XXX
注文コード Ordering Code
FINISH CODE 
862:Au0.1μm
840:Au0.38μm
863:Au0.76μm
833:Pd/Ni0.65
27 8071 110 XXX XXX
注文コード Ordering Code
VARIATION 
001:TYPE A 110P(キー付シールド無、ボス有り)
    (with coding key, without shield, with boss)
002:TYPE A 110P(キー付シールド無、ボス無し)
    (with coding key, without shield, without boss)
011:TYPE A 110P(キー付シールド有り、ボス有り)
    (with coding key, with shield, with boss)
012:TYPE A 110P(キー付シールド有り、ボス無し)
    (with coding key, with shield, without boss)
FINISH CODE 
862:Au0.1μm
840:Au0.38μm
863:Au0.76μm
833:Pd/Ni0.65
Without Bottom Shield
Example
With Bottom Shield
Without Shield
With Shield


Similar Part No. - 27-8071-110-011-840

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
27-8000-120-45 JDSU-27-8000-120-45 Datasheet
288Kb / 6P
   Up to 400mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
27-8000-140-45 JDSU-27-8000-140-45 Datasheet
288Kb / 6P
   Up to 400mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
27-8000-160-45 JDSU-27-8000-160-45 Datasheet
288Kb / 6P
   Up to 400mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
27-8000-180-45 JDSU-27-8000-180-45 Datasheet
288Kb / 6P
   Up to 400mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
27-8000-190 JDSU-27-8000-190 Datasheet
271Kb / 6P
   Up to 300 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
More results

Similar Description - 27-8071-110-011-840

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
56S101-115N5 ROSENBERGER-56S101-115N5 Datasheet
45Kb / 2P
   STRAIGHT PLUG
51S106-006N5 ROSENBERGER-51S106-006N5 Datasheet
42Kb / 2P
   STRAIGHT PLUG
53S107-108N5 ROSENBERGER-53S107-108N5 Datasheet
72Kb / 2P
   STRAIGHT PLUG
51S107-802N5 ROSENBERGER-51S107-802N5 Datasheet
42Kb / 2P
   STRAIGHT PLUG
64S115-C09N1 ROSENBERGER-64S115-C09N1 Datasheet
275Kb / 2P
   Straight Plug
53S107-803N5 ROSENBERGER-53S107-803N5 Datasheet
76Kb / 2P
   STRAIGHT PLUG
45S101-102L5 ROSENBERGER-45S101-102L5 Datasheet
43Kb / 2P
   STRAIGHT PLUG
45S105-101L5 ROSENBERGER-45S105-101L5 Datasheet
79Kb / 2P
   STRAIGHT PLUG
MF1S111-1H8L5-NM ROSENBERGER-MF1S111-1H8L5-NM Datasheet
109Kb / 2P
   straight plug
logo
Japan Aviation Electron...
JB1DB03PL JAE-JB1DB03PL Datasheet
165Kb / 1P
   STRAIGHT PLUG
JN2DS10SL1-R JAE-JN2DS10SL1-R Datasheet
223Kb / 1P
   STRAIGHT PLUG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com