Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TO-247AD Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TO-247AD
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TO-247AD Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TO-247AD Datasheet HTML 1Page - List of Unclassifed Manufacturers TO-247AD Datasheet HTML 2Page - List of Unclassifed Manufacturers TO-247AD Datasheet HTML 3Page - List of Unclassifed Manufacturers TO-247AD Datasheet HTML 4Page - List of Unclassifed Manufacturers TO-247AD Datasheet HTML 5Page - List of Unclassifed Manufacturers TO-247AD Datasheet HTML 6Page - List of Unclassifed Manufacturers TO-247AD Datasheet HTML 7Page - List of Unclassifed Manufacturers TO-247AD Datasheet HTML 8Page - List of Unclassifed Manufacturers TO-247AD Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
www.irf.com © 2012 International Rectifier
January 8, 2013
2
IRGP4660DPbF/IRGP4660D-EPbF
Notes:
 VCC = 80% (VCES), VGE = 20V, L = 200μH, RG = 10.
‚ Refer to AN-1086 for guidelines for measuring V
(BR)CES safely.
ƒ Pulse width limited by max. junction temperature.
„ Ris measured at TJ of approximately 90°C.
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ.
Max. Units
Conditions
V(BR)CES
Collector-to-Emitter BreakdownVoltage
600
V
VGE = 0V, IC = 150μA
d
V(BR)CES/T J
T emperatureCoeff. of BreakdownVoltage
—0.30
V/°C VGE = 0V, IC = 1mA (25°C-175°C)
1.60
1.90
IC = 48A, VGE = 15V, TJ = 25°C
VCE(on)
Collector-to-Emitter Saturation Voltage
1.90
V
IC = 48A, VGE = 15V, TJ = 150°C
—2.00
IC = 48A, VGE = 15V, TJ = 175°C
VGE(th)
Gate Threshold Voltage
4.0
6.5
V
VCE = VGE, IC = 1.4mA
VGE(th)/T J
Threshold Voltage temp. coefficient
-21
mV/°C VCE = VGE, IC = 1.0mA (25°C - 175°C)
gfe
Forward Transconductance
32
S
VCE = 50V, IC = 48A, PW = 80μs
ICES
Collector-to-Emitter Leakage Current
1.0
150
μAVGE = 0V, VCE = 600V
450
1000
VGE = 0V, VCE = 600V, TJ = 175°C
VFM
Diode Forward Voltage Drop
1.95
2.91
V
IF = 48A
—1.45
IF = 48A, TJ = 175°C
IGES
Gate-to-Emitter Leakage Current
±100
nA
VGE = ±20V
Switching Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ.
Max. Units
Qg
Total Gate Charge (turn-on)
95
140
IC = 48A
Qge
Gate-to-Emitter Charge (turn-on)
28
42
nC
VGE = 15V
Qgc
Gate-to-Collector Charge (turn-on)
35
53
VCC = 400V
Eon
Turn-On Switching Loss
625
1141
IC = 48A, VCC = 400V, VGE = 15V
Eoff
Turn-Off Switching Loss
1275
1481
μJRG = 10
, L = 200μH, LS = 150nH, TJ = 25°C
Etotal
Total Switching Loss
1900
2622
E nergy los s es includetail & diode revers erecovery
td(on)
Turn-On delay time
60
78
IC = 48A, VCC = 400V, VGE = 15V
tr
Rise time
4056ns
RG = 10
, L = 200μH, LS = 150nH, TJ = 25°C
td(off)
Turn-Off delay time
145
176
tf
Fall time
35
46
Eon
Turn-On Switching Loss
1625
IC = 48A, VCC = 400V, VGE=15V
Eoff
Turn-Off Switching Loss
1585
μJRG=10
, L=200μH, LS=150nH, TJ = 175°C
Etotal
Total Switching Loss
3210
E nergy los s es includetail & diode revers erecovery
td(on)
Turn-On delay time
55
IC = 48A, VCC = 400V, VGE = 15V
tr
Rise time
45
ns
RG = 10
, L = 200μH, LS = 150nH
td(off)
Turn-Off delay time
165
TJ = 175°C
tf
Fall time
45
Cies
Input Capacitance
3025
pF
VGE = 0V
Coes
Output Capacitance
245
VCC = 30V
Cres
Reverse Transfer Capacitance
90
f = 1.0Mhz
TJ = 175°C, IC = 192A
RBSOA
Reverse Bias Safe Operating Area
FULL SQUARE
VCC = 480V, Vp =600V
Rg = 10
, VGE = +15V to 0V
SCSOA
Short Circuit Safe Operating Area
5
μsVCC = 400V, Vp =600V
Rg = 10
, VGE = +15V to 0V
Erec
Reverse Recovery Energy of the Diode
845
μJTJ = 175°C
trr
Diode Reverse Recovery Time
115
ns
VCC = 400V, IF = 48A
Irr
Peak Reverse Recovery Current
40
A
VGE = 15V, Rg = 10, L =200μH, Ls = 150nH
Conditions


Similar Part No. - TO-247AD

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
TO-247AD LUGUANG-TO-247AD Datasheet
415Kb / 2P
   Schottky Barrier Rectifiers
TO-247AD LUGUANG-TO-247AD Datasheet
239Kb / 2P
   Schottky Barrier Rectifiers
TO-247AD LUGUANG-TO-247AD Datasheet
244Kb / 2P
   Schottky Barrier Rectifiers
TO-247AD LUGUANG-TO-247AD Datasheet
382Kb / 2P
   Schottky Barrier Rectifiers
logo
List of Unclassifed Man...
TO-247AD ETC1-TO-247AD Datasheet
337Kb / 12P
   INSULATED GATEBIPOLARTRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results

Similar Description - TO-247AD

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGB4059DPBF IRF-IRGB4059DPBF Datasheet
286Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4064DPBF IRF-IRGB4064DPBF Datasheet
370Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGI4061DPBF IRF-IRGI4061DPBF Datasheet
288Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGIB7B60KD IRF-IRGIB7B60KD Datasheet
435Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGR3B60KD2 IRF-IRGR3B60KD2 Datasheet
257Kb / 13P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PH40UDPBF IRF-IRG4PH40UDPBF_15 Datasheet
261Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGP4066DPBF IRF-IRGP4066DPBF_15 Datasheet
322Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4061DPBF IRF-IRGB4061DPBF_15 Datasheet
410Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC30KDPBF IRF-IRG4PC30KDPBF_15 Datasheet
346Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC40KDPBF IRF-IRG4PC40KDPBF_15 Datasheet
326Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGPS60B120KDP IRF-IRGPS60B120KDP_15 Datasheet
141Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com