Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDPF7N60NZ Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FDPF7N60NZ
Description  N-Channel UniFETTM II MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDPF7N60NZ Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FDPF7N60NZ Datasheet HTML 1Page - Fairchild Semiconductor FDPF7N60NZ Datasheet HTML 2Page - Fairchild Semiconductor FDPF7N60NZ Datasheet HTML 3Page - Fairchild Semiconductor FDPF7N60NZ Datasheet HTML 4Page - Fairchild Semiconductor FDPF7N60NZ Datasheet HTML 5Page - Fairchild Semiconductor FDPF7N60NZ Datasheet HTML 6Page - Fairchild Semiconductor FDPF7N60NZ Datasheet HTML 7Page - Fairchild Semiconductor FDPF7N60NZ Datasheet HTML 8Page - Fairchild Semiconductor FDPF7N60NZ Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
©2010 Fairchild Semiconductor Corporation
FDP7N60NZ / FDPF7N60NZ Rev. C0
www.fairchildsemi.com
3
Typical Performance Characteristics
Figure 1. On-Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On-Resistance Variation vs.
Figure 4. Body Diode Forward Voltage
Drain Current and Gate Voltage
Variation vs. Source Current
and Temperature
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
45
67
8
0.1
1
10
100
-55
o
C
150
o
C
* Notes :
1. VDS = 20V
2. 250s Pulse Test
25
o
C
VGS, Gate-Source Voltage[V]
0.1
1
10
20
0.1
1
10
20
*Notes:
1. 250s Pulse Test
2. TC = 25
o
C
VGS = 15.0 V
10.0 V
8.0 V
7.0 V
6.5 V
6.0 V
VDS, Drain-Source Voltage[V]
0.40.6
0.81.0
1.21.4
1
10
100
Notes:
1. V
GS = 0V
2. 250s Pulse Test
150
o
C
V
SD, Body Diode Forward Voltage [V]
25
o
C
0
2
4
6
8
10
12
14
0.8
1.0
1.2
1.4
1.6
1.8
2.0
* Note : TJ = 25
o
C
VGS = 20V
VGS = 10V
ID, Drain Current [A]
0
2
4
6
8
10
12
14
0
2
4
6
8
10
* Note : ID = 6.5A
VDS = 120V
VDS = 300V
VDS = 480V
Qg, Total Gate Charge [nC]
0.1
1
10
1
10
100
1000
5000
Coss
Ciss
Ciss = Cgs + Cgd (Cds = shorted)
Coss = Cds + Cgd
Crss = Cgd
* Note:
1. VGS = 0V
2. f = 1MHz
Crss
VDS, Drain-Source Voltage [V]
30


Similar Part No. - FDPF7N60NZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDPF7N60NZ FAIRCHILD-FDPF7N60NZ Datasheet
285Kb / 10P
   N-Channel MOSFET 600V, 6.5A, 1.25?
logo
Inchange Semiconductor ...
FDPF7N60NZ ISC-FDPF7N60NZ Datasheet
296Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDPF7N60NZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD8N50NZTM FAIRCHILD-FDD8N50NZTM Datasheet
326Kb / 8P
   N-Channel UniFETTM II MOSFET?
FDPF3N50NZ FAIRCHILD-FDPF3N50NZ Datasheet
328Kb / 9P
   N-Channel UniFETTM II MOSFET?
FDPF12N50NZ FAIRCHILD-FDPF12N50NZ Datasheet
388Kb / 10P
   N-Channel UniFETTM II MOSFET?
FDPF5N50NZU FAIRCHILD-FDPF5N50NZU Datasheet
337Kb / 8P
   N-Channel UniFETTM II Ultra FRFETTM MOSFET?
FDA16N50F109 FAIRCHILD-FDA16N50F109 Datasheet
1Mb / 8P
   N-Channel UniFETTM MOSFET
FDD7N60NZTM FAIRCHILD-FDD7N60NZTM Datasheet
668Kb / 9P
   N-Channel UniFETTM II MOSFET 600 V, 5.5 A, 1.25 廓
FDP8N50NZ FAIRCHILD-FDP8N50NZ Datasheet
882Kb / 10P
   N-Channel UniFETTM II MOSFET 500 V, 8 A, 850 m
October 2013
FDPF12N60NZ FAIRCHILD-FDPF12N60NZ Datasheet
376Kb / 10P
   N-Channel UniFETTM II MOSFET 600 V, 12 A, 650 m?
FDPF12N50NZT FAIRCHILD-FDPF12N50NZT Datasheet
854Kb / 10P
   N-Channel UniFETTM II MOSFET 500 V, 11.5 A, 520 m
FDP16N50U FAIRCHILD-FDP16N50U Datasheet
826Kb / 9P
   N-Channel UniFETTM Ultra FRFET MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com