Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3.0SMCJ7.0 Datasheet(PDF) 3 Page - First Components International

Part # 3.0SMCJ7.0
Description  5.0V to 220V SMD TRANSIENT VOLTAGE SUPPRESSORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

3.0SMCJ7.0 Datasheet(HTML) 3 Page - First Components International

  3.0SMCJ7.0 Datasheet HTML 1Page - First Components International 3.0SMCJ7.0 Datasheet HTML 2Page - First Components International 3.0SMCJ7.0 Datasheet HTML 3Page - First Components International 3.0SMCJ7.0 Datasheet HTML 4Page - First Components International 3.0SMCJ7.0 Datasheet HTML 5Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Max.
Reverse
CASE
@
Leakage
Marking
Min.(V)
Max(V)
Ir(Ma)
@VRWM
IR
3.0SMCJ5.0
6.4
7.55
10.00
5.0
1000.00
312.50
9.6
HDD
3.0SMCJ5.0A
6.4
7.25
10.00
5.0
1000.00
328.00
9.2
HDE
3.0SMCJ6.0
6.67
8.45
10.00
6.0
1000.00
263.00
11.4
HDF
3.0SMCJ6.0A
6.67
7.67
10.00
6.0
1000.00
291.00
10.3
HDG
3.0SMCJ6.5
7.22
9.14
10.00
6.5
500.00
243.90
12.3
HDH
3.0SMCJ6.5A
7.22
8.3
10.00
6.5
500.00
267.90
11.2
HDK
3.0SMCJ7.0
7.78
9.86
10.00
7.0
200.00
225.60
13.3
HDL
3.0SMCJ7.0A
7.78
8.95
10.00
7.0
200.00
250.00
12.0
HDM
3.0SMCJ7.5
8.33
10.67
1.00
7.5
100.00
209.80
14.3
HDN
3.0SMCJ7.5A
8.33
9.58
1.00
7.5
100.00
232.60
12.9
HDP
3.0SMCJ8.0
8.89
1130
1.00
8.0
50.00
200.00
15.0
HDQ
3.0SMCJ8.0A
8.89
10.2
1.00
8.0
50.00
220.60
13.6
HDR
3.0SMCJ8.5
9.44
11.9
1.00
8.5
25.00
188.80
15.9
HDS
3.0SMCJ8.5A
9.44
10.8
1.00
8.5
25.00
208.40
14.4
HDT
3.0SMCJ9.0
10
12.6
1.00
9.0
10.00
177.40
16.9
HDU
3.0SMCJ9.0A
10
11.5
1.00
9.0
10.00
194.80
15.4
HDV
3.0SMCJ10
11.1
11.5
1.00
10.0
5.00
159.60
18.8
HDW
3.0SMCJ10A
11.1
13.5
1.00
10.0
5.00
176.50
17.0
HDX
3.0SMCJ11
12.2
15.4
1.00
11.0
5.00
149.20
20.1
HDY
3.0SMCJ11A
12.2
14
1.00
11.0
5.00
164.80
18.2
HDZ
3.0SMCJ12
13.3
16.9
1.00
12.0
5.00
136.40
22.0
HED
3.0SMCJ12A
13.3
15.3
1.00
12.0
5.00
150.80
19.9
HEE
3.0SMCJ13
14.4
18.2
1.00
13.0
5.00
126.00
23.8
HEF
3.0SMCJ13A
14.4
16.5
1.00
13.0
5.00
139.50
21.5
HEG
3.0SMCJ14
15.6
19.8
1.00
14.0
5.00
116.20
25.8
HEH
3.0SMCJ14A
15.6
17.9
1.00
14.0
5.00
129.40
23.2
HEK
3.0SMCJ15
16.7
21.1
1.00
15.0
5.00
111.60
26.9
HEL
3.0SMCJ15A
16.7
19.2
1.00
15.0
5.00
123.00
24.4
HEM
3.0SMCJ16
17.8
22.6
1.00
16.0
5.00
104.20
28.8
HEN
3.0SMCJ16A
17.8
20.5
1.00
16.0
5.00
115.40
26.0
HEP
3.0SMCJ17
18.9
23.9
1.00
17.0
5.00
98.40
30.5
HEQ
3.0SMCJ17A
18.9
21.7
1.00
17.0
5.00
106.60
27.6
HER
3.0SMCJ18
20
25.3
1.00
18.0
5.00
93.20
32.2
HES
3.0SMCJ18A
20
25.3
1.00
18.0
5.00
102.80
29.2
HET
3.0SMCJ20
22.2
28.1
1.00
20.0
5.00
83.80
35.8
HEU
3.0SMCJ20A
22.2
25.5
1.00
20.0
5.00
92.60
32.4
HEV
3.0SMCJ22
24.4
30.9
1.00
22.0
5.00
76.20
39.4
HEW
MAX REVERSE
VOLTAGE@IRSM
CLAMING
Vc
VOLTAGE
3000W
FCI Part
Number#
BREAKDOWN
WORKING
PEAK
REVERSE
VOLTAGE
Peak Pulse
Current
@IPP
Data Sheet
5 .0 V to 220 V S M D T R A N S I E N T
VOLTAGESUPPRESSORS


Similar Part No. - 3.0SMCJ7.0

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
3.0SMCJ7.0 WTE-3.0SMCJ7.0 Datasheet
65Kb / 5P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
3.0SMCJ7.0 WTE-3.0SMCJ7.0 Datasheet
81Kb / 6P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Taiwan Semiconductor Co...
3.0SMCJ7.0 TSC-3.0SMCJ7.0 Datasheet
73Kb / 4P
   Surface Mount Transient Voltage Suppressor
3.0SMCJ7.0 TSC-3.0SMCJ7.0 Datasheet
279Kb / 4P
   3000 Watts Surface Mount Transient Voltage Suppressor
logo
Pan Jit International I...
3.0SMCJ7.0 PANJIT-3.0SMCJ7.0 Datasheet
112Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 3.0SMCJ7.0

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SA FORMOSA-SA Datasheet
166Kb / 7P
   500W Axial Leaded Transient Voltage Suppressors-5.0V-220V
logo
First Components Intern...
SMCJ5.0 FCI-SMCJ5.0 Datasheet
161Kb / 4P
   5.0V to 170V SMD TRANSIENT VOLTAGE SUPPRESSORS
SMAJ5.0 FCI-SMAJ5.0 Datasheet
179Kb / 4P
   5.0V to 170V SMD TRANSIENT VOLTAGE SUPPRESSORS
SMBJ5.0 FCI-SMBJ5.0 Datasheet
186Kb / 4P
   5.0V to 170V SMD TRANSIENT VOLTAGE SUPPRESSORS
5KP FCI-5KP Datasheet
187Kb / 4P
   5.0V to 110V GPP TRANSIENT VOLTAGE SUPPRESSORS
SA5.0 FCI-SA5.0 Datasheet
178Kb / 4P
   5.0V to 170V GPP TRANSIENT VOLTAGE SUPPRESSORS
logo
Central Semiconductor C...
PB_CMATVS3V3_1509 CENTRAL-PB_CMATVS3V3_1509 Datasheet
1Mb / 2P
   3.3V and 5.0V Transient Voltage Suppressors
logo
EPCOS
B72510T5250K062 EPCOS-B72510T5250K062 Datasheet
3Mb / 72P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72580V0110K062 EPCOS-B72580V0110K062_12 Datasheet
2Mb / 82P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
logo
GOOD-ARK Electronics
3KP5.0 GOOD-ARK-3KP5.0 Datasheet
161Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 220V
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com