Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70TR40 Datasheet(PDF) 2 Page - First Components International

Part # 70TR40
Description  70 Amp GPP PASSIVATED STUD POWER DIODE High Current Capability
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

70TR40 Datasheet(HTML) 2 Page - First Components International

  70TR40 Datasheet HTML 1Page - First Components International 70TR40 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
70 Amp GPP PASSIVATED
STUD POWER DIODE
IRRM Max @ Tj=Tj Max
IRRM --15mA--
-------------- 9mA -------------
--- 4.5mA--
I 2 t max I2t for Fusing
I2t
--------------- 7100A2S @ 10mS @ 50Hz---------------
--------------- 6450A2S @ 8.3mS @60Hz --------------
--------------- 5000A2S @ 10mS @ 50Hz --------------
--------------- 4550A2S @ 8.3mS @60Hz --------------
PR Max Non-Repetitive Peak reverse
Power 2 10uS SQ pulse Tj =Tj Max
PR
--------------------------------
20KW ------------------------------
Operating Temperature Range
Tj
----------------
-65 to +180℃
----------
-65 to +150℃
*Avalanche Version Only Available VRRM 400V to 1600V


Similar Part No. - 70TR40

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
70T03AJ VBSEMI-70T03AJ Datasheet
959Kb / 8P
   N-Channel 30-V (D-S) MOSFET
logo
Advanced Power Electron...
70T03GH A-POWER-70T03GH Datasheet
75Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
VBsemi Electronics Co.,...
70T03GJ VBSEMI-70T03GJ Datasheet
959Kb / 8P
   N-Channel 30-V (D-S) MOSFET
70T03GJ-HF VBSEMI-70T03GJ-HF Datasheet
959Kb / 8P
   N-Channel 30-V (D-S) MOSFET
logo
Silicon Standard Corp.
70T03H SSC-70T03H Datasheet
284Kb / 5P
   simple drive requirement
More results

Similar Description - 70TR40

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
150UR120 FCI-150UR120 Datasheet
211Kb / 1P
   150 Amp GPP PASSIVATED STUD POWER DIODE
logo
FCI connector
150RU120 FCI-CONNECTOR-150RU120 Datasheet
613Kb / 2P
   150 Amp GPP PASSIVATED STUD POWER DIODE
logo
First Components Intern...
50T20 FCI-50T20 Datasheet
201Kb / 1P
   50.0 AMPS AUTOMOTIVE STUD LEAD DIODE High current capability
SF11G FCI-SF11G Datasheet
522Kb / 2P
   1.0 Amp Glass Passivated Super Fast Rectifiers High surge current capability
PTFR2502 FCI-PTFR2502 Datasheet
757Kb / 2P
   25.0 Amp TIN CAN AUTO DIODE High surge current capability
PTFR5002 FCI-PTFR5002 Datasheet
561Kb / 2P
   50.0 Amp TIN CAN AUTO DIODE High surge current capability
SCFR2502 FCI-SCFR2502 Datasheet
2Mb / 2P
   25.0 Amp SOZA CELL AUTO DIODE High surge current capability
PTFR3502 FCI-PTFR3502 Datasheet
538Kb / 2P
   35.0 Amp TIN CAN AUTO DIODE High surge current capability
UFP30C05 FCI-UFP30C05 Datasheet
175Kb / 2P
   30 Amp GPP SUPERFAST POWER RECTIFIERS
SCFR7002 FCI-SCFR7002 Datasheet
606Kb / 2P
   70 Amps SOZA CELL AUTO DIODES High surge current capability
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com