Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT9P031I12STD Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # MT9P031I12STD
Description  1/2.5-Inch 5Mp CMOS Digital Image Sensor
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MT9P031I12STD Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button MT9P031I12STD Datasheet HTML 3Page - List of Unclassifed Manufacturers MT9P031I12STD Datasheet HTML 4Page - List of Unclassifed Manufacturers MT9P031I12STD Datasheet HTML 5Page - List of Unclassifed Manufacturers MT9P031I12STD Datasheet HTML 6Page - List of Unclassifed Manufacturers MT9P031I12STD Datasheet HTML 7Page - List of Unclassifed Manufacturers MT9P031I12STD Datasheet HTML 8Page - List of Unclassifed Manufacturers MT9P031I12STD Datasheet HTML 9Page - List of Unclassifed Manufacturers MT9P031I12STD Datasheet HTML 10Page - List of Unclassifed Manufacturers MT9P031I12STD Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
PDF: 09005aef81a4a477/Source: 09005aef81a4a495
MT9P031_DS - Rev. F 5/11 EN
7
©2005 Aptina Imaging Corporation. All rights reserved.
MT9P031: 1/2.5-Inch 5Mp Digital Image Sensor
General Description
General Description
The MT9P031 sensor can be operated in its default mode or programmed by the user for
frame size, exposure, gain setting, and other parameters. The default mode outputs a full
resolution image at 14 frames per second (fps).
An on-chip analog-to-digital converter (ADC) provides 12 bits per pixel. FRAME_VALID
(FV) and LINE_VALID (LV) signals are output on dedicated pins, along with a pixel clock
that is synchronous with valid data.
The MT9P031produces extraordinarily clear, sharp digital pictures, and its ability to
capture both continuous video and single frames makes it the perfect choice for a wide
range of consumer and industrial applications, including cell phones, digital still
cameras, digital video cameras, and PC cameras.
Functional Overview
The MT9P031 is a progressive-scan sensor that generates a stream of pixel data at a
constant frame rate. It uses an on-chip, phase-locked loop (PLL) to generate all internal
clocks from a single master input clock running between 6 and 27 MHz. The maximum
pixel rate is 96 Mp/s, corresponding to a clock rate of 96 MHz. Figure 1 illustrates a block
diagram of the sensor.
Figure 1:
Block Diagram
User interaction with the sensor is through the two-wire serial bus, which communi-
cates with the array control, analog signal chain, and digital signal chain. The core of the
sensor is a 5Mp active-pixel array. The timing and control circuitry sequences through
the rows of the array, resetting and then reading each row in turn. In the time interval
between resetting a row and reading that row, the pixels in the row integrate incident
light. The exposure is controlled by varying the time interval between reset and readout.
Once a row has been read, the data from the columns is sequenced through an analog
signal chain (providing offset correction and gain), and then through an ADC. The
output from the ADC is a 12-bit value for each pixel in the array. The ADC output passes
through a digital processing signal chain (which provides further data path corrections
and applies digital gain). The pixel data are output at a rate of up to 96 Mp/s, in addition
to frame and line synchronization signals.
Pixel Array
2752H x 2004V
SCLK
SDATA
SADDR
PIXCLK
DOUT[11:0]
LV
FV
STROBE
Serial
Interface
Analog Signal Chain
Data Path
TRIGGER
EXTCLK
RESET_BAR
STANDBY_BAR
OE


Similar Part No. - MT9P031I12STD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MT9P031I12STC-DP ONSEMI-MT9P031I12STC-DP Datasheet
1Mb / 46P
   5 Mp CMOS Digital Image Sensor
Rev. J 5/15 EN
MT9P031I12STC-DP ONSEMI-MT9P031I12STC-DP Datasheet
322Kb / 32P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
January, 2017 ??Rev. 10
MT9P031I12STC-DP ONSEMI-MT9P031I12STC-DP Datasheet
350Kb / 32P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
August, 2021 ??Rev. 11
MT9P031I12STC-DR ONSEMI-MT9P031I12STC-DR Datasheet
1Mb / 46P
   5 Mp CMOS Digital Image Sensor
Rev. J 5/15 EN
MT9P031I12STC-DR ONSEMI-MT9P031I12STC-DR Datasheet
322Kb / 32P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
January, 2017 ??Rev. 10
More results

Similar Description - MT9P031I12STD

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT9E001 MICRON-MT9E001 Datasheet
1Mb / 97P
   1/2.5-Inch CMOS Digital Image Sensor
logo
ON Semiconductor
MT9P006 ONSEMI-MT9P006_17 Datasheet
323Kb / 33P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
January, 2017 ??Rev. 5
MT9P001 ONSEMI-MT9P001_17 Datasheet
324Kb / 33P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
January, 2017 ??Rev. 12
MT9P401 ONSEMI-MT9P401_17 Datasheet
364Kb / 45P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
May, 2017 ??Rev. 6
MT9P031 ONSEMI-MT9P031_17 Datasheet
322Kb / 32P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
January, 2017 ??Rev. 10
MT9P031 ONSEMI-MT9P031_V01 Datasheet
350Kb / 32P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
August, 2021 ??Rev. 11
AR0132AT ONSEMI-AR0132AT Datasheet
1Mb / 56P
   1/3-Inch CMOS Digital Image Sensor
Rev. 9, 2/16 EN
MT9M034 ONSEMI-MT9M034_16 Datasheet
1Mb / 53P
   1/3-Inch CMOS Digital Image Sensor
Rev. 8, 2/16 EN
AR0130CS ONSEMI-AR0130CS_16 Datasheet
1Mb / 49P
   1/3-Inch CMOS Digital Image Sensor
Rev. 12, 1/16 EN
MT9M034 ONSEMI-MT9M034_17 Datasheet
358Kb / 39P
   1/3-Inch CMOS Digital Image Sensor
May, 2017 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com