Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

150UR120 Datasheet(PDF) 1 Page - First Components International

Part # 150UR120
Description  150 Amp GPP PASSIVATED STUD POWER DIODE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

150UR120 Datasheet(HTML) 1 Page - First Components International

  150UR120 Datasheet HTML 1Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Symbol
Characteristic
Conditions
Tc
Value
Unit
BLOCKING
V RRM
Repetitive peak reverse voltage
25 200~1600
V
I RRM
Repetitive peak reverse current
V= V RRM
25
<15
mA
CONDUCTING
I F (AV)
Mean forward current
180° sin ,50 Hz, TCASE =130°C
150
A
I RMS
RMS forward current
2
40
A
I FSM
Surge forward current
Sine wave, 10 ms
3600
A
I² t
I² t
Sine wave, 10 ms
180
64800
A²s
V FM
Forward voltage
Forward current =
450 A
25
1.5
V
r F
Forward slope resistance
180
0.9
mΩ
MOUNTING
R th(j-c)
Thermal impedance
Junction to case, 180° sine
<0.3
C/W
R th(c-h)
Thermal impedance
Case to heatsink
0.05
°C/W
T j
Max. junction temperature
1
25
°C
T stg
Storage temperature
-40 .... 1
75
°C
M
Mounting Torque
<12
NM
Weight
180
g
Outline drawing reference
DO-8 & DO-30
Data Sheet
150 Amp GPP PASSIVATED
STUD POWER DIODE
DO-8
Dimensions in mm
Description
Mechanical Dimensions
150U120 Anode to Stud Wire; 150UR120 Cathode to Stud Wire


Similar Part No. - 150UR120

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
150UR120 NAINA-150UR120 Datasheet
87Kb / 1P
   SILICON POWER DIODE
150UR120 NAINA-150UR120 Datasheet
108Kb / 2P
   Standard Recovery Diodes (Stud and Flat Base Type)
logo
International Rectifier
150UR120D IRF-150UR120D Datasheet
87Kb / 6P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
150UR120D VISHAY-150UR120D Datasheet
99Kb / 6P
   Standard Recovery Diodes (Stud Version), 150 A
Revision: 21-May-08
150UR120D VISHAY-150UR120D Datasheet
115Kb / 7P
   Standard Recovery Diodes (Stud Version), 150 A
Revision: 21-May-08
More results

Similar Description - 150UR120

ManufacturerPart #DatasheetDescription
logo
FCI connector
150RU120 FCI-CONNECTOR-150RU120 Datasheet
613Kb / 2P
   150 Amp GPP PASSIVATED STUD POWER DIODE
logo
First Components Intern...
70TR10 FCI-70TR10 Datasheet
88Kb / 2P
   70 Amp GPP PASSIVATED STUD POWER DIODE High Current Capability
UFP30C05 FCI-UFP30C05 Datasheet
175Kb / 2P
   30 Amp GPP SUPERFAST POWER RECTIFIERS
FGF2001 FCI-FGF2001 Datasheet
107Kb / 2P
   20 AMP ISOLATED POWER PACK GPP STANDARD RECTIFIERS
logo
Solid States Devices, I...
SDA48 SSDI-SDA48 Datasheet
170Kb / 2P
   150 AMP 50 VOLTS MATCHED POWER SCHOTTKY DIODE ARRAY
logo
New Jersey Semi-Conduct...
1N3085 NJSEMI-1N3085 Datasheet
187Kb / 2P
   150 Amp Avg Silicon Rectifier Diode
logo
Microsemi Corporation
HUM2010 MICROSEMI-HUM2010 Datasheet
79Kb / 4P
   PIN DIODE HIGH POWER STUD
HUM2001 MICROSEMI-HUM2001 Datasheet
178Kb / 4P
   PIN DIODE High Power Stud
logo
First Components Intern...
EM513 FCI-EM513 Datasheet
232Kb / 2P
   1.0 Amp Surface Mount Glass Passivated Diode
logo
Diodes Incorporated
GP50PF-1A DIODES-GP50PF-1A Datasheet
65Kb / 1P
   50 AMP PRESS FIT HIGH VOLTAGE DIODES (GPP DIE)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com