Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MALIEYH07LA518B02K Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MALIEYH07LA518B02K
Description  Aluminum Capacitors Standard - 105 °C Snap-In
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MALIEYH07LA518B02K Datasheet(HTML) 1 Page - Vishay Siliconix

  MALIEYH07LA518B02K Datasheet HTML 1Page - Vishay Siliconix MALIEYH07LA518B02K Datasheet HTML 2Page - Vishay Siliconix MALIEYH07LA518B02K Datasheet HTML 3Page - Vishay Siliconix MALIEYH07LA518B02K Datasheet HTML 4Page - Vishay Siliconix MALIEYH07LA518B02K Datasheet HTML 5Page - Vishay Siliconix MALIEYH07LA518B02K Datasheet HTML 6Page - Vishay Siliconix MALIEYH07LA518B02K Datasheet HTML 7Page - Vishay Siliconix MALIEYH07LA518B02K Datasheet HTML 8Page - Vishay Siliconix MALIEYH07LA518B02K Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
EYH
www.vishay.com
Vishay Roederstein
Revision: 24-May-13
1
Document Number: 25139
For technical questions, contact: aluminumcaps3@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Aluminum Capacitors
Standard - 105 °C Snap-In
FEATURES
• Useful life: 2000 h at + 105 °C
• Polarized aluminum electrolytic capacitors
• Small dimensions
• High C x U product
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• General
purpose
audio/video
systems,
industrial
electronics, telecommunication
• Smoothing and filtering
• Standard and switch mode power supplies
long
life
high
voltage
EYH
158
094
QUICK REFERENCE DATA
DESCRIPTION
UNIT
VALUE
Nominal case size (Ø D x L)
mm
22 x 25 to 40 x 60
Rated capacitance range CR
μF
820 to 68 000
Capacitance tolerance
%
± 20
Rated voltage range, UR
V
6.3 to 100
Category temperature range
°C
- 40 to + 105
Load life at 105 °C
h
2000
Shelf life at 0 V, 105 °C
h
1000
Based on sectional specifications
IEC 60384-4/EN 130300
Climatic category IEC 60068
40/105/56
SELECTION CHART FOR CR, UR, AND RELEVANT NOMINAL CASE SIZES (Ø D x L in mm)
CR
(μF)
UR (V)
6.3
10
162535506380
100
820
-------
22 x 25
22 x 30
25 x 25
1000
-------
22 x 30
22 x 35
25 x 25
25 x 30
1200
------
22 x 25
22 x 30
22 x 40
25 x 25
25 x 35
30 x 25
1500
------
22 x 30
22 x 35
22 x 45
25 x 25
25 x 30
25 x 40
30 x 30
1800
------
22 x 30
22 x 40
25 x 25
25 x 35
25 x 45
30 x 25
30 x 35
2200
------
22 x 35
22 x 45
25 x 50
25 x 30
25 x 35
30 x 40
30 x 30
35 x 30
2700
-----
22 x 30
22 x 40
25 x 30
25 x 45
30 x 45
30 x 25
30 x 35
35 x 35


Similar Part No. - MALIEYH07LA518B02K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MALIEYH07LA518B02K VISHAY-MALIEYH07LA518B02K Datasheet
116Kb / 9P
   Aluminum Capacitors Standard - 105 °C Snap-in
Revision: 14-Feb-08
More results

Similar Description - MALIEYH07LA518B02K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EYH VISHAY-EYH Datasheet
116Kb / 9P
   Aluminum Capacitors Standard - 105 °C Snap-in
Revision: 14-Feb-08
81D VISHAY-81D Datasheet
348Kb / 5P
   Aluminum Capacitors 105 °C, Snap-In
Revision: 25-Aug-08
81DA VISHAY-81DA_08 Datasheet
321Kb / 4P
   Aluminum Capacitors 105 °C, Snap-In
Revision: 26-Aug-08
logo
Cornell Dubilier Electr...
LP472M016A1P3 CDE-LP472M016A1P3 Datasheet
167Kb / 3P
   105 ?C Snap-In Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
EYN VISHAY-EYN Datasheet
120Kb / 9P
   Aluminum Capacitors Standard - 85 °C Snap-In
Revision: 24-May-13
logo
RFE international
LSM RFE-LSM Datasheet
830Kb / 7P
   Aluminum Electrolytic Capacitors LSM Series: Snap In, 105 C
AUG-30-2023
logo
Vishay Siliconix
81DA VISHAY-81DA Datasheet
61Kb / 3P
   Aluminum Capacitors 105 째C, Snap-in
Revision: 16-Jul-04
logo
Cornell Dubilier Electr...
SLP103M010A1P3 CDE-SLP103M010A1P3 Datasheet
1Mb / 8P
   105 쨘C Aluminum Electrolytic Snap-In Capacitors
logo
List of Unclassifed Man...
381EL271M160H012E ETC2-381EL271M160H012E Datasheet
372Kb / 5P
   105 ?C Ultra-Long Life Snap-In, Aluminum
logo
RFE international
LSG RFE-LSG Datasheet
575Kb / 4P
   Aluminum Electrolytic Capacitors LSG Series: Snap-in Terminal Type, 105°C
8-FEB-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com