Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MALIEYH07BU527B02K Datasheet(PDF) 6 Page - Vishay Siliconix

Part # MALIEYH07BU527B02K
Description  Aluminum Capacitors Standard - 105 °C Snap-In
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MALIEYH07BU527B02K Datasheet(HTML) 6 Page - Vishay Siliconix

  MALIEYH07BU527B02K Datasheet HTML 1Page - Vishay Siliconix MALIEYH07BU527B02K Datasheet HTML 2Page - Vishay Siliconix MALIEYH07BU527B02K Datasheet HTML 3Page - Vishay Siliconix MALIEYH07BU527B02K Datasheet HTML 4Page - Vishay Siliconix MALIEYH07BU527B02K Datasheet HTML 5Page - Vishay Siliconix MALIEYH07BU527B02K Datasheet HTML 6Page - Vishay Siliconix MALIEYH07BU527B02K Datasheet HTML 7Page - Vishay Siliconix MALIEYH07BU527B02K Datasheet HTML 8Page - Vishay Siliconix MALIEYH07BU527B02K Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
EYH
www.vishay.com
Vishay Roederstein
Revision: 24-May-13
6
Document Number: 25139
For technical questions, contact: aluminumcaps3@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
35
3300
22 x 25
1.62
1020
0.141
MALIEYH07LU433F02K
MALIEYH07LU433F42K
3900
22 x 30
1.88
1108
0.121
MALIEYH07LV439F02K
MALIEYH07LV439F42K
4700
22 x 35
2.14
1217
0.103
MALIEYH07LA447F02K
MALIEYH07LA447F42K
4700
25 x 25
2.09
1217
0.103
MALIEYH07AU447F02K
MALIEYH07AU447F42K
5600
22 x 35
2.29
1328
0.088
MALIEYH07LA456F02K
MALIEYH07LA456F42K
5600
25 x 30
2.37
1328
0.088
MALIEYH07AV456F02K
MALIEYH07AV456F42K
6800
22 x 40
2.61
1464
0.075
MALIEYH07LB468F02K
MALIEYH07LB468F42K
6800
25 x 35
2.71
1464
0.075
MALIEYH07AA468F02K
MALIEYH07AA468F42K
8200
22 x 50
3.02
1607
0.065
MALIEYH07LD482F02K
MALIEYH07LD482F42K
8200
25 x 40
3.02
1607
0.065
MALIEYH07AB482F02K
MALIEYH07AB482F42K
8200
30 x 30
2.95
1607
0.065
MALIEYH07BV482F02K
MALIEYH07BV482F42K
10 000
25 x 45
3.43
1775
0.055
MALIEYH07AC510F02K
MALIEYH07AC510F42K
10 000
30 x 35
3.38
1775
0.055
MALIEYH07BA510F02K
MALIEYH07BA510F42K
12 000
25 x 50
3.78
1944
0.048
MALIEYH07AD512F02K
MALIEYH07AD512F42K
12 000
35 x 30
3.67
1944
0.048
MALIEYH07CV512F02K
MALIEYH07CV512F42K
15 000
35 x 35
4.12
2174
0.041
MALIEYH07CA515F02K
MALIEYH07CA515F42K
18 000
35 x 40
4.52
2381
0.037
MALIEYH07CB518F02K
MALIEYH07CB518F42K
22 000
35 x 45
4.95
2632
0.032
MALIEYH07CC522F02K
MALIEYH07CC522F42K
22 000
40 x 40
5.04
2632
0.032
MALIEYH07DB522F02K
MALIEYH07DB522F42K
27 000
40 x 50
5.92
2916
0.029
MALIEYH07DD527F02K
MALIEYH07DD527F42K
50
2700
22 x 30
1.94
1102
0.123
MALIEYH07LV427H02K
MALIEYH07LV427H42K
3300
22 x 35
2.20
1219
0.103
MALIEYH07LA433H02K
MALIEYH07LA433H42K
3900
22 x 40
2.52
1325
0.089
MALIEYH07LB439H02K
MALIEYH07LB439H42K
3900
25 x 35
2.62
1325
0.089
MALIEYH07AA439H02K
MALIEYH07AA439H42K
3900
30 x 25
2.54
1325
0.089
MALIEYH07BU439H02K
MALIEYH07BU439H42K
4700
22 x 45
2.81
1454
0.076
MALIEYH07LC447H02K
MALIEYH07LC447H42K
4700
25 x 40
2.93
1454
0.076
MALIEYH07AB447H02K
MALIEYH07AB447H42K
4700
30 x 30
2.87
1454
0.076
MALIEYH07BV447H02K
MALIEYH07BV447H42K
5600
22 x 50
3.11
1587
0.066
MALIEYH07LD456H02K
MALIEYH07LD456H42K
5600
25 x 40
3.11
1587
0.066
MALIEYH07AB456H02K
MALIEYH07AB456H42K
5600
30 x 35
3.21
1587
0.066
MALIEYH07BA456H02K
MALIEYH07BA456H42K
6800
25 x 50
3.64
1749
0.057
MALIEYH07AD468H02K
MALIEYH07AD468H42K
6800
30 x 40
3.61
1749
0.057
MALIEYH07BB468H02K
MALIEYH07BB468H42K
6800
35 x 30
3.53
1749
0.057
MALIEYH07CV468H02K
MALIEYH07CV468H42K
8200
30 x 45
3.94
1921
0.049
MALIEYH07BC482H02K
MALIEYH07BC482H42K
8200
35 x 35
3.87
1921
0.049
MALIEYH07CA482H02K
MALIEYH07CA482H42K
10 000
30 x 50
4.42
2121
0.043
MALIEYH07BD510H02K
MALIEYH07BD510H42K
10 000
35 x 40
4.37
2121
0.043
MALIEYH07CB510H02K
MALIEYH07CB510H42K
12 000
35 x 45
4.78
2324
0.038
MALIEYH07CC512H02K
MALIEYH07CC512H42K
15 000
35 x 50
5.24
2598
0.033
MALIEYH07CD515H02K
MALIEYH07CD515H42K
15 000
40 x 40
5.13
2598
0.033
MALIEYH07DB515H02K
MALIEYH07DB515H42K
18 000
40 x 50
5.76
2846
0.030
MALIEYH07DD518H02K
MALIEYH07DD518H42K
22 000
40 x 50
5.98
3146
0.027
MALIEYH07DD522H02K
MALIEYH07DD522H42K
27 000
40 x 60
6.61
3486
0.024
MALIEYH07DF527H02K
MALIEYH07DF527H42K
63
1200
22 x 25
1.37
825
0.276
MALIEYH07LU412J02K
MALIEYH07LU412J42K
1500
22 x 30
1.50
922
0.224
MALIEYH07LV415J02K
MALIEYH07LV415J42K
1500
25 x 25
1.54
922
0.224
MALIEYH07AU415J02K
MALIEYH07AU415J42K
1800
22 x 30
1.64
1010
0.189
MALIEYH07LV418J02K
MALIEYH07LV418J42K
1800
25 x 25
1.69
1010
0.189
MALIEYH07AU418J02K
MALIEYH07AU418J42K
2200
22 x 35
1.86
1117
0.157
MALIEYH07LA422J02K
MALIEYH07LA422J42K
2200
25 x 30
1.92
1117
0.157
MALIEYH07AV422J02K
MALIEYH07AV422J42K
2700
22 x 40
2.17
1237
0.130
MALIEYH07LB427J02K
MALIEYH07LB427J42K
2700
25 x 30
2.13
1237
0.130
MALIEYH07AV427J02K
MALIEYH07AV427J42K
2700
30 x 25
2.18
1237
0.130
MALIEYH07BU427J02K
MALIEYH07BU427J42K
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
120 Hz
(μF)
NOMINAL
CASE SIZE
D x L
(mm)
IR
120 Hz
(A)
IL5
(μA)
ESR
120 Hz
MAX.
(
)
ORDERING CODE
6 mm PIN LENGTH
ORDERING CODE
4 mm PIN LENGTH


Similar Part No. - MALIEYH07BU527B02K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MALIEYH07BU527B02K VISHAY-MALIEYH07BU527B02K Datasheet
116Kb / 9P
   Aluminum Capacitors Standard - 105 °C Snap-in
Revision: 14-Feb-08
More results

Similar Description - MALIEYH07BU527B02K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EYH VISHAY-EYH Datasheet
116Kb / 9P
   Aluminum Capacitors Standard - 105 °C Snap-in
Revision: 14-Feb-08
81D VISHAY-81D Datasheet
348Kb / 5P
   Aluminum Capacitors 105 °C, Snap-In
Revision: 25-Aug-08
81DA VISHAY-81DA_08 Datasheet
321Kb / 4P
   Aluminum Capacitors 105 °C, Snap-In
Revision: 26-Aug-08
logo
Cornell Dubilier Electr...
LP472M016A1P3 CDE-LP472M016A1P3 Datasheet
167Kb / 3P
   105 ?C Snap-In Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
EYN VISHAY-EYN Datasheet
120Kb / 9P
   Aluminum Capacitors Standard - 85 °C Snap-In
Revision: 24-May-13
logo
RFE international
LSM RFE-LSM Datasheet
830Kb / 7P
   Aluminum Electrolytic Capacitors LSM Series: Snap In, 105 C
AUG-30-2023
logo
Vishay Siliconix
81DA VISHAY-81DA Datasheet
61Kb / 3P
   Aluminum Capacitors 105 째C, Snap-in
Revision: 16-Jul-04
logo
Cornell Dubilier Electr...
SLP103M010A1P3 CDE-SLP103M010A1P3 Datasheet
1Mb / 8P
   105 쨘C Aluminum Electrolytic Snap-In Capacitors
logo
List of Unclassifed Man...
381EL271M160H012E ETC2-381EL271M160H012E Datasheet
372Kb / 5P
   105 ?C Ultra-Long Life Snap-In, Aluminum
logo
RFE international
LSG RFE-LSG Datasheet
575Kb / 4P
   Aluminum Electrolytic Capacitors LSG Series: Snap-in Terminal Type, 105°C
8-FEB-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com