Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MALIEYN07LV518B02K Datasheet(PDF) 5 Page - Vishay Siliconix

Part # MALIEYN07LV518B02K
Description  Aluminum Capacitors Standard - 85 °C Snap-In
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MALIEYN07LV518B02K Datasheet(HTML) 5 Page - Vishay Siliconix

  MALIEYN07LV518B02K Datasheet HTML 1Page - Vishay Siliconix MALIEYN07LV518B02K Datasheet HTML 2Page - Vishay Siliconix MALIEYN07LV518B02K Datasheet HTML 3Page - Vishay Siliconix MALIEYN07LV518B02K Datasheet HTML 4Page - Vishay Siliconix MALIEYN07LV518B02K Datasheet HTML 5Page - Vishay Siliconix MALIEYN07LV518B02K Datasheet HTML 6Page - Vishay Siliconix MALIEYN07LV518B02K Datasheet HTML 7Page - Vishay Siliconix MALIEYN07LV518B02K Datasheet HTML 8Page - Vishay Siliconix MALIEYN07LV518B02K Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
EYN
www.vishay.com
Vishay Roederstein
Revision: 24-May-13
5
Document Number: 25137
For technical questions, contact: aluminumcaps3@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
16
15 000
25 x 30
4.45
1162
0.035
MALIEYN07AV515D02K
MALIEYN07AV515D42K
15 000
30 x 25
4.56
1162
0.035
MALIEYN07BU515D02K
MALIEYN07BU515D42K
18 000
22 x 40
4.77
1273
0.032
MALIEYN07LB518D02K
MALIEYN07LB518D42K
18 000
25 x 35
4.96
1273
0.032
MALIEYN07AA518D02K
MALIEYN07AA518D42K
18 000
30 x 30
5.10
1273
0.032
MALIEYN07BV518D02K
MALIEYN07BV518D42K
22 000
22 x 50
5.51
1407
0.028
MALIEYN07LD522D02K
MALIEYN07LD522D42K
22 000
25 x 40
5.51
1407
0.028
MALIEYN07AB522D02K
MALIEYN07AB522D42K
22 000
30 x 30
5.39
1407
0.028
MALIEYN07BV522D02K
MALIEYN07BV522D42K
27 000
25 x 45
6.06
1559
0.026
MALIEYN07AC527D02K
MALIEYN07AC527D42K
27 000
30 x 35
5.98
1972
0.026
MALIEYN07BA527D02K
MALIEYN07BA527D42K
33 000
30 x 40
6.56
2180
0.023
MALIEYN07BB533D02K
MALIEYN07BB533D42K
33 000
35 x 30
6.41
2180
0.023
MALIEYN07CV533D02K
MALIEYN07CV533D42K
39 000
30 x 45
7.08
2370
0.022
MALIEYN07BC539D02K
MALIEYN07BC539D42K
47 000
30 x 50
7.62
2602
0.020
MALIEYN07BD547D02K
MALIEYN07BD547D42K
47 000
35 x 40
7.54
2602
0.020
MALIEYN07CB547D02K
MALIEYN07CB547D42K
56 000
40 x 40
8.23
2840
0.019
MALIEYN07DB556D02K
MALIEYN07DB556D42K
68 000
35 x 50
8.63
3129
0.018
MALIEYN07CD568D02K
MALIEYN07CD568D42K
100 000
40 x 60
10.20
3795
0.017
MALIEYN07DF610D02K
MALIEYN07DF610D42K
25
5600
22 x 25
2.65
898
0.083
MALIEYN07LU456E02K
MALIEYN07LU456E42K
6800
22 x 30
3.06
990
0.071
MALIEYN07LV468E02K
MALIEYN07LV468E42K
6800
25 x 25
3.15
990
0.071
MALIEYN07AU468E02K
MALIEYN07AU468E42K
8200
22 x 35
3.45
1087
0.061
MALIEYN07LA482E02K
MALIEYN07LA482E42K
8200
25 x 30
3.57
1087
0.061
MALIEYN07AV482E02K
MALIEYN07AV482E42K
10 000
22 x 40
3.95
1200
0.052
MALIEYN07LB510E02K
MALIEYN07LB510E42K
10 000
25 x 30
3.89
1200
0.052
MALIEYN07AV510E02K
MALIEYN07AV510E42K
10 000
30 x 25
3.99
1200
0.052
MALIEYN07BU510E02K
MALIEYN07BU510E42K
12 000
22 x 45
4.41
1643
0.046
MALIEYN07LC512E02K
MALIEYN07LC512E42K
12 000
25 x 35
4.37
1643
0.046
MALIEYN07AA512E02K
MALIEYN07AA512E42K
12 000
30 x 30
4.50
1643
0.046
MALIEYN07BV512E02K
MALIEYN07BV512E42K
15 000
22 x 50
4.94
1837
0.039
MALIEYN07LD515E02K
MALIEYN07LD515E42K
15 000
25 x 40
4.94
1837
0.039
MALIEYN07AB515E02K
MALIEYN07AB515E42K
15 000
30 x 35
5.10
1837
0.039
MALIEYN07BA515E02K
MALIEYN07BA515E42K
18 000
25 x 45
5.45
2012
0.035
MALIEYN07AC518E02K
MALIEYN07AC518E42K
18 000
30 x 35
5.38
2012
0.035
MALIEYN07BA518E02K
MALIEYN07BA518E42K
18 000
35 x 30
5.51
2012
0.035
MALIEYN07CV518E02K
MALIEYN07CV518E42K
22 000
30 x 45
6.22
2225
0.031
MALIEYN07BC522E02K
MALIEYN07BC522E42K
22 000
35 x 35
6.12
2225
0.031
MALIEYN07CA522E02K
MALIEYN07CA522E42K
27 000
30 x 50
6.82
2465
0.028
MALIEYN07BD527E02K
MALIEYN07BD527E42K
27 000
35 x 40
6.74
2465
0.028
MALIEYN07CB527E02K
MALIEYN07CB527E42K
33 000
35 x 45
7.35
2725
0.025
MALIEYN07CC533E02K
MALIEYN07CC533E42K
33 000
40 x 40
7.48
2725
0.025
MALIEYN07DB533E02K
MALIEYN07DB533E42K
35
4700
22 x 30
3.06
1028
0.085
MALIEYN07LV447F02K
MALIEYN07LV447F42K
4700
25 x 25
2.98
1028
0.085
MALIEYN07AU447F02K
MALIEYN07AU447F42K
5600
22 x 35
3.28
1122
0.073
MALIEYN07LA456F02K
MALIEYN07LA456F42K
5600
25 x 30
3.39
1122
0.073
MALIEYN07AV456F02K
MALIEYN07AV456F42K
6800
22 x 40
3.73
1464
0.063
MALIEYN07LB468F02K
MALIEYN07LB468F42K
6800
25 x 30
3.67
1464
0.063
MALIEYN07AV468F02K
MALIEYN07AV468F42K
6800
30 x 25
3.76
1464
0.063
MALIEYN07BU468F02K
MALIEYN07BU468F42K
8200
22 x 45
4.13
1607
0.054
MALIEYN07LC482F02K
MALIEYN07LC482F42K
8200
25 x 35
4.10
1607
0.054
MALIEYN07AA482F02K
MALIEYN07AA482F42K
8200
30 x 30
4.22
1607
0.054
MALIEYN07BV482F02K
MALIEYN07BV482F42K
10 000
22 x 50
4.68
1775
0.047
MALIEYN07LD510F02K
MALIEYN07LD510F42K
10 000
25 x 40
4.68
1775
0.047
MALIEYN07AB510F02K
MALIEYN07AB510F42K
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
120 Hz
(μF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
120 Hz
(A)
IL5
(μA)
ESR
120 Hz
MAX.
(
)
ORDERING CODE
6 mm PIN LENGTH
ORDERING CODE
4 mm PIN LENGTH


Similar Part No. - MALIEYN07LV518B02K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MALIEYC07AA312P02 VISHAY-MALIEYC07AA312P02 Datasheet
109Kb / 9P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 03-Nov-08
MALIEYC07AA315X02 VISHAY-MALIEYC07AA315X02 Datasheet
109Kb / 9P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 03-Nov-08
MALIEYC07AA339N02 VISHAY-MALIEYC07AA339N02 Datasheet
109Kb / 9P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 03-Nov-08
MALIEYC07AA356S02 VISHAY-MALIEYC07AA356S02 Datasheet
109Kb / 9P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 03-Nov-08
MALIEYC07AB315P02 VISHAY-MALIEYC07AB315P02 Datasheet
109Kb / 9P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 03-Nov-08
More results

Similar Description - MALIEYN07LV518B02K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
80D VISHAY-80D_12 Datasheet
92Kb / 4P
   Aluminum Capacitors 85 °C, Snap-In
Revision: 29-Aug-11
logo
Cornell Dubilier Electr...
LPW822M1AN25V-W CDE-LPW822M1AN25V-W Datasheet
161Kb / 3P
   85 ?C Snap-In Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
82DA VISHAY-82DA Datasheet
189Kb / 3P
   Aluminum Capacitors 85 C, Snap-in, General Purpose
Revision: 23-May-05
82D VISHAY-82D Datasheet
362Kb / 6P
   Aluminum Capacitors 85 °C, Snap-In, General Purpose
Revision: 27-Aug-08
EYH VISHAY-EYH_13 Datasheet
108Kb / 9P
   Aluminum Capacitors Standard - 105 °C Snap-In
Revision: 24-May-13
EYH VISHAY-EYH Datasheet
116Kb / 9P
   Aluminum Capacitors Standard - 105 °C Snap-in
Revision: 14-Feb-08
80D VISHAY-80D Datasheet
340Kb / 5P
   Aluminum Capacitors 85 째C, Snap-In
Revision: 27-Aug-08
logo
Cornell Dubilier Electr...
3410DF472M100HPA1 CDE-3410DF472M100HPA1 Datasheet
169Kb / 4P
   85 ?C, 4-Pin, Multipin Snap-In Aluminum Electrolytic
logo
Vishay Siliconix
82DA VISHAY-82DA_08 Datasheet
189Kb / 4P
   Aluminum Capacitors 85 째C, Snap-In, General Purpose
Revision: 29-Aug-08
81D VISHAY-81D Datasheet
348Kb / 5P
   Aluminum Capacitors 105 °C, Snap-In
Revision: 25-Aug-08
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com