Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC4320FBD144 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # LPC4320FBD144
Description  32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet; two High-speed USBs; advanced configurable peripherals
Download  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC4320FBD144 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button LPC4320FBD144 Datasheet HTML 6Page - NXP Semiconductors LPC4320FBD144 Datasheet HTML 7Page - NXP Semiconductors LPC4320FBD144 Datasheet HTML 8Page - NXP Semiconductors LPC4320FBD144 Datasheet HTML 9Page - NXP Semiconductors LPC4320FBD144 Datasheet HTML 10Page - NXP Semiconductors LPC4320FBD144 Datasheet HTML 11Page - NXP Semiconductors LPC4320FBD144 Datasheet HTML 12Page - NXP Semiconductors LPC4320FBD144 Datasheet HTML 13Page - NXP Semiconductors LPC4320FBD144 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 153 page
background image
LPC4350_30_20_10
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 4 — 26 March 2013
10 of 153
NXP Semiconductors
LPC4350/30/20/10
32-bit ARM Cortex-M4/M0 microcontroller
P1_1
R2
N1
K2
58
42
[2]
N;
PU
I/O
GPIO0[8] — General purpose digital input/output pin.
Boot pin (see Table 5).
O
CTOUT_7 — SCT output 7. Match output 3 of timer 1.
I/O
EMC_A6 — External memory address line 6.
I/O
SGPIO8 — General purpose digital input/output pin.
-
R — Function reserved.
I/O
SSP0_MISO — Master In Slave Out for SSP0.
-
R — Function reserved.
-
R — Function reserved.
P1_2
R3
N2
K1
60
43
[2]
N;
PU
I/O
GPIO0[9] — General purpose digital input/output pin.
Boot pin (see Table 5).
O
CTOUT_6 — SCT output 6. Match output 2 of timer 1.
I/O
EMC_A7 — External memory address line 7.
I/O
SGPIO9 — General purpose digital input/output pin.
-
R — Function reserved.
I/O
SSP0_MOSI — Master Out Slave in for SSP0.
-
R — Function reserved.
-
R — Function reserved.
P1_3
P5
M2
J1
61
44
[2]
N;
PU
I/O
GPIO0[10] — General purpose digital input/output pin.
O
CTOUT_8 — SCT output 8. Match output 0 of timer 2.
I/O
SGPIO10 — General purpose digital input/output pin.
O
EMC_OE — LOW active Output Enable signal.
O
USB0_IND1 — USB0 port indicator LED control
output 1.
I/O
SSP1_MISO — Master In Slave Out for SSP1.
-
R — Function reserved.
O
SD_RST — SD/MMC reset signal for MMC4.4 card.
P1_4
T3
P2
J2
64
47
[2]
N;
PU
I/O
GPIO0[11] — General purpose digital input/output pin.
O
CTOUT_9 — SCT output 9. Match output 3 of timer 3.
I/O
SGPIO11 — General purpose digital input/output pin.
O
EMC_BLS0 — LOW active Byte Lane select signal 0.
O
USB0_IND0 — USB0 port indicator LED control output 0.
I/O
SSP1_MOSI — Master Out Slave in for SSP1.
-
R — Function reserved.
O
SD_VOLT1 — SD/MMC bus voltage select output 1.
Table 3.
Pin description …continued
LCD, Ethernet, USB0, and USB1 functions are not available on all parts. See Table 2.
Symbol
Description


Similar Part No. - LPC4320FBD144

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC4320FBD144 NXP-LPC4320FBD144 Datasheet
1Mb / 145P
   32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet two High-speed USBs; advanced configurable peripherals
Rev. 2.1-23 September2011
More results

Similar Description - LPC4320FBD144

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC4350 PHILIPS-LPC4350_12 Datasheet
2Mb / 149P
   32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet; two High-speed USBs; advanced configurable peripherals
Rev. 3.1-5 January 2012
LPC4350 NXP-LPC4350 Datasheet
1Mb / 145P
   32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet two High-speed USBs; advanced configurable peripherals
Rev. 2.1-23 September2011
LPC4370 NXP-LPC4370 Datasheet
2Mb / 150P
   32-bit ARM Cortex-M4 2 x M0 MCU 282 kB SRAM Ethernet two HS USBs 80 Msps 12-bit ADC configurable peripherals
Rev. 2-21 October 2013
LPC43S50 NXP-LPC43S50 Datasheet
7Mb / 156P
   32-bit ARM Cortex-M4/M0 flashless MCU with security features; up to 264 kB SRAM, Ethernet; two HS USBs, AES engine, LCD, EMC, SPIFI
Rev. 1.3 - 20 January 2020
LPC5411X NXP-LPC5411X Datasheet
2Mb / 105P
   32-bit ARM Cortex-M4/M0 MCU
Rev. 2.1-9 May 2018
LPC4367JET100E NXP-LPC4367JET100E Datasheet
2Mb / 156P
   32-bit ARM Cortex-M4/M0 MCU; up to 1 MB flash and 154 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
Rev. 1.2-14 March 2016
LPC436X NXP-LPC436X Datasheet
6Mb / 156P
   32-bit ARM Cortex-M4/M0 MCU; up to 1 MB flash and 154 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
Rev. 1.3-10 January 2020
LPC435X NXP-LPC435X Datasheet
7Mb / 162P
   32-bit ARM Cortex-M4/M0 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
LPC1850 NXP-LPC1850 Datasheet
550Kb / 84P
   32-bit ARM Cortex-M3 MCU; up to 200 kB SRAM; Ethernet, two High-speed USB, LCD
Rev. 1-3 January 2011
LPC43S6X NXP-LPC43S6X Datasheet
6Mb / 156P
   32-bit ARM Cortex-M4/M0 MCU; up to 1 MB flash and 154 kB SRAM; Ethernet, two High-speed USB, LCD, EMC, AES engine
Rev. 1.3-13 January 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com