Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MALIEYN07BV533B02K Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MALIEYN07BV533B02K
Description  Aluminum Capacitors Standard - 85 °C Snap-In
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MALIEYN07BV533B02K Datasheet(HTML) 4 Page - Vishay Siliconix

  MALIEYN07BV533B02K Datasheet HTML 1Page - Vishay Siliconix MALIEYN07BV533B02K Datasheet HTML 2Page - Vishay Siliconix MALIEYN07BV533B02K Datasheet HTML 3Page - Vishay Siliconix MALIEYN07BV533B02K Datasheet HTML 4Page - Vishay Siliconix MALIEYN07BV533B02K Datasheet HTML 5Page - Vishay Siliconix MALIEYN07BV533B02K Datasheet HTML 6Page - Vishay Siliconix MALIEYN07BV533B02K Datasheet HTML 7Page - Vishay Siliconix MALIEYN07BV533B02K Datasheet HTML 8Page - Vishay Siliconix MALIEYN07BV533B02K Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
EYN
www.vishay.com
Vishay Roederstein
Revision: 24-May-13
4
Document Number: 25137
For technical questions, contact: aluminumcaps3@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Unless otherwise specified, all electrical values apply at
Tamb = 20 °C, P = 80 kPa to 120 kPa, RH = 45 % to 75 %.
ORDERING EXAMPLE
Electrolytic capacitor EYN series
4700 μF/35 V; ± 20 %
Nominal case size: 22 mm x 30 mm
Snap-in pin 4 mm, fully insulated
Ordering code: MALIEYN07LV447F42K
ELECTRICAL DATA
SYMBOL
DESCRIPTION
CR
Rated capacitance at 120 Hz
UR
Rated voltage
ESR
Equivalent series resistance at 120 Hz
IR
Rated RMS ripple current at 120 Hz, 85 °C
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
120 Hz
(μF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
120 Hz
(A)
IL5
(μA)
ESR
120 Hz
MAX.
(
)
ORDERING CODE
6 mm PIN LENGTH
ORDERING CODE
4 mm PIN LENGTH
6.3
18 000
22 x 30
3.85
1010
0.033
MALIEYN07LV518B02K
MALIEYN07LV518B42K
18 000
25 x 25
3.96
1010
0.033
MALIEYN07AU518B02K
MALIEYN07AU518B42K
22 000
22 x 35
4.34
1117
0.030
MALIEYN07LA522B02K
MALIEYN07LA522B42K
27 000
22 x 40
4.85
1237
0.027
MALIEYN07LB527B02K
MALIEYN07LB527B42K
27 000
30 x 25
4.89
1237
0.027
MALIEYN07BU527B02K
MALIEYN07BU527B42K
33 000
22 x 45
5.36
1368
0.024
MALIEYN07LC533B02K
MALIEYN07LC533B42K
33 000
25 x 35
5.32
1368
0.024
MALIEYN07AA533B02K
MALIEYN07AA533B42K
33 000
30 x 30
5.47
1368
0.024
MALIEYN07BV533B02K
MALIEYN07BV533B42K
39 000
22 x 50
5.83
1487
0.022
MALIEYN07LD539B02K
MALIEYN07LD539B42K
39 000
25 x 40
5.82
1487
0.022
MALIEYN07AB539B02K
MALIEYN07AB539B42K
39 000
35 x 25
5.82
1487
0.022
MALIEYN07CU539B02K
MALIEYN07CU539B42K
47 000
30 x 35
6.26
1632
0.021
MALIEYN07BA547B02K
MALIEYN07BA547B42K
47 000
35 x 30
6.41
1632
0.021
MALIEYN07CV547B02K
MALIEYN07CV547B42K
56 000
30 x 40
6.80
1782
0.020
MALIEYN07BB556B02K
MALIEYN07BB556B42K
56 000
35 x 30
6.64
1782
0.020
MALIEYN07CV556B02K
MALIEYN07CV556B42K
100 000
40 x 40
8.49
2381
0.017
MALIEYN07DB610B02K
MALIEYN07DB610B42K
10
12 000
22 x 25
3.31
1039
0.044
MALIEYN07LU512C02K
MALIEYN07LU512C42K
15 000
22 x 30
3.82
1162
0.038
MALIEYN07LV515C02K
MALIEYN07LV515C42K
15 000
25 x 25
3.39
1162
0.038
MALIEYN07AU515C02K
MALIEYN07AU515C42K
18 000
22 x 35
4.28
1273
0.034
MALIEYN07LA518C02K
MALIEYN07LA518C42K
18 000
25 x 25
4.17
1273
0.034
MALIEYN07AU518C02K
MALIEYN07AU518C42K
22 000
22 x 40
4.79
1407
0.030
MALIEYN07LB522C02K
MALIEYN07LB522C42K
22 000
25 x 30
4.71
1407
0.030
MALIEYN07AV522C02K
MALIEYN07AV522C42K
22 000
30 x 25
4.83
1407
0.030
MALIEYN07BU522C02K
MALIEYN07BU522C42K
27 000
22 x 45
5.30
1559
0.027
MALIEYN07LC527C02K
MALIEYN07LC527C42K
27 000
25 x 35
5.26
1559
0.027
MALIEYN07AA527C02K
MALIEYN07AA527C42K
27 000
30 x 30
5.41
1559
0.027
MALIEYN07BV527C02K
MALIEYN07BV527C42K
33 000
22 x 50
5.82
1723
0.025
MALIEYN07LD533C02K
MALIEYN07LD533C42K
33 000
25 x 40
5.81
1723
0.025
MALIEYN07AB533C02K
MALIEYN07AB533C42K
33 000
35 x 25
5.81
1723
0.025
MALIEYN07CU533C02K
MALIEYN07CU533C42K
39 000
25 x 45
6.31
1873
0.023
MALIEYN07AC539C02K
MALIEYN07AC539C42K
39 000
35 x 30
6.38
1873
0.023
MALIEYN07CV539C02K
MALIEYN07CV539C42K
39 000
30 x 35
6.22
1873
0.023
MALIEYN07BA539C02K
MALIEYN07BA539C42K
47 000
25 x 50
6.83
2057
0.021
MALIEYN07AD547C02K
MALIEYN07AD547C42K
47 000
30 x 40
6.78
2057
0.021
MALIEYN07BB547C02K
MALIEYN07BB547C42K
56 000
30 x 45
7.31
2245
0.020
MALIEYN07BC556C02K
MALIEYN07BC556C42K
100 000
40 x 50
9.35
3000
0.017
MALIEYN07DD610C02K
MALIEYN07DD610C42K
16
10 000
22 x 25
3.32
949
0.046
MALIEYN07LU510D02K
MALIEYN07LU510D42K
12 000
22 x 30
3.55
1039
0.041
MALIEYN07LV512D02K
MALIEYN07LV512D42K
12 000
25 x 25
3.89
1039
0.041
MALIEYN07AU512D02K
MALIEYN07AU512D42K
15 000
22 x 35
4.29
1162
0.035
MALIEYN07LA515D02K
MALIEYN07LA515D42K


Similar Part No. - MALIEYN07BV533B02K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MALIEYC07AA312P02 VISHAY-MALIEYC07AA312P02 Datasheet
109Kb / 9P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 03-Nov-08
MALIEYC07AA315X02 VISHAY-MALIEYC07AA315X02 Datasheet
109Kb / 9P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 03-Nov-08
MALIEYC07AA339N02 VISHAY-MALIEYC07AA339N02 Datasheet
109Kb / 9P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 03-Nov-08
MALIEYC07AA356S02 VISHAY-MALIEYC07AA356S02 Datasheet
109Kb / 9P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 03-Nov-08
MALIEYC07AB315P02 VISHAY-MALIEYC07AB315P02 Datasheet
109Kb / 9P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 03-Nov-08
More results

Similar Description - MALIEYN07BV533B02K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
80D VISHAY-80D_12 Datasheet
92Kb / 4P
   Aluminum Capacitors 85 °C, Snap-In
Revision: 29-Aug-11
logo
Cornell Dubilier Electr...
LPW822M1AN25V-W CDE-LPW822M1AN25V-W Datasheet
161Kb / 3P
   85 ?C Snap-In Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
82DA VISHAY-82DA Datasheet
189Kb / 3P
   Aluminum Capacitors 85 C, Snap-in, General Purpose
Revision: 23-May-05
82D VISHAY-82D Datasheet
362Kb / 6P
   Aluminum Capacitors 85 °C, Snap-In, General Purpose
Revision: 27-Aug-08
EYH VISHAY-EYH_13 Datasheet
108Kb / 9P
   Aluminum Capacitors Standard - 105 °C Snap-In
Revision: 24-May-13
EYH VISHAY-EYH Datasheet
116Kb / 9P
   Aluminum Capacitors Standard - 105 °C Snap-in
Revision: 14-Feb-08
80D VISHAY-80D Datasheet
340Kb / 5P
   Aluminum Capacitors 85 째C, Snap-In
Revision: 27-Aug-08
logo
Cornell Dubilier Electr...
3410DF472M100HPA1 CDE-3410DF472M100HPA1 Datasheet
169Kb / 4P
   85 ?C, 4-Pin, Multipin Snap-In Aluminum Electrolytic
logo
Vishay Siliconix
82DA VISHAY-82DA_08 Datasheet
189Kb / 4P
   Aluminum Capacitors 85 째C, Snap-In, General Purpose
Revision: 29-Aug-08
81D VISHAY-81D Datasheet
348Kb / 5P
   Aluminum Capacitors 105 °C, Snap-In
Revision: 25-Aug-08
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com