Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16936 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX16936
Description  36V, 220kHz to 2.2MHz Step-Down Converter with 28μA Quiescent Current
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16936 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX16936 Datasheet HTML 1Page - Maxim Integrated Products MAX16936 Datasheet HTML 2Page - Maxim Integrated Products MAX16936 Datasheet HTML 3Page - Maxim Integrated Products MAX16936 Datasheet HTML 4Page - Maxim Integrated Products MAX16936 Datasheet HTML 5Page - Maxim Integrated Products MAX16936 Datasheet HTML 6Page - Maxim Integrated Products MAX16936 Datasheet HTML 7Page - Maxim Integrated Products MAX16936 Datasheet HTML 8Page - Maxim Integrated Products MAX16936 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
MAX16936
36V, 220kHz to 2.2MHz Step-Down Converter
with 28µA Quiescent Current
4
Maxim Integrated
Note 2: Device not in dropout condition.
Note 3: Guaranteed by design; not production tested.
Note 4: FB regulation voltage is 1%, 1.01V (max), for -40°C < TA < +105°C.
Note 5: Contact the factory for SYNC frequency outside the specified range.
ELECTRICAL CHARACTERISTICS (continued)
(VSUP = VSUPSW = 14V, VEN = 14V, L1 = 2.2FH, CIN = 4.7FF, COUT = 22FF, CBIAS = 1FF, CBST = 0.1FF, RFOSC = 12kI,
TA = TJ = -40NC to +125NC, unless otherwise noted. Typical values are at TA = +25NC.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
External Input Clock Low
Threshold
VFSYNC_LO
VFSYNC falling
0.4
V
Soft-Start Time
tSS
5.6
8
12
ms
ENABLE INPUT (EN)
Enable Input High Threshold
VEN_HI
2.4
V
Enable Input Low Threshold
VEN_LO
0.6
Enable Threshold Voltage
Hysteresis
VEN_HYS
0.2
V
Enable Input Current
IEN
TA = +25NC
0.1
1
F
A
POWER GOOD (PGOOD)
PGOOD Switching Level
VTH_RISING
VFB rising, VPGOOD = high
93
95
97
%VFB
VTH_FALLING
VFB falling, VPGOOD =low
90
92
94
PGOOD Debounce Time
10
25
50
F
s
PGOOD Output Low Voltage
ISINK = 5mA
0.4
V
PGOOD Leakage Current
VOUT in regulation, TA = +25NC
1
F
A
SYNCOUT Low Voltage
ISINK = 5mA
0.4
V
SYNCOUT Leakage Current
TA = +25NC
1
F
A
FSYNC Leakage Current
TA = +25NC
1
F
A
OVERVOLTAGE PROTECTION
Overvoltage Protection
Threshold
VOUT rising (monitored at FB pin)
107
%
VOUT falling (monitored at FB pin)
105


Similar Part No. - MAX16936

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16936 MAXIM-MAX16936 Datasheet
581Kb / 8P
   current-mode step-down converter with low operating current
Rev 2; 3/20
MAX16936EVKIT MAXIM-MAX16936EVKIT Datasheet
581Kb / 8P
   current-mode step-down converter with low operating current
Rev 2; 3/20
MAX16936RATEA/V++ MAXIM-MAX16936RATEA/V+ Datasheet
1Mb / 17P
   36V, 220kHz to 2.2MHz Step-Down Converters with 28關A Quiescent Current
2018
MAX16936RATEB/V++ MAXIM-MAX16936RATEB/V+ Datasheet
1Mb / 17P
   36V, 220kHz to 2.2MHz Step-Down Converters with 28關A Quiescent Current
2018
MAX16936RAUEA/V++ MAXIM-MAX16936RAUEA/V+ Datasheet
1Mb / 17P
   36V, 220kHz to 2.2MHz Step-Down Converters with 28關A Quiescent Current
2018
More results

Similar Description - MAX16936

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16936 MAXIM-MAX16936_V01 Datasheet
1Mb / 17P
   36V, 220kHz to 2.2MHz Step-Down Converters with 28關A Quiescent Current
2018
MAX16909 MAXIM-MAX16909_12 Datasheet
2Mb / 18P
   36V, 220kHz to 1MHz Step-Down Converter with Low Operating Current
Rev 2; 8/12
MAX16909 MAXIM-MAX16909 Datasheet
2Mb / 18P
   36V, 220kHz to 1MHz Step-Down Converter with Low Operating Current
Rev 0; 3/11
MAX16909 MAXIM-MAX16909_V01 Datasheet
1Mb / 20P
   36V, 220kHz to 1MHz Step-Down Converter with Low Operating Current
2017
MAX16907 MAXIM-MAX16907_V01 Datasheet
1Mb / 18P
   36V, 2.2MHz Step-Down Converter with Low Operating Current
2017
MAX16907 MAXIM-MAX16907 Datasheet
2Mb / 17P
   36V, 2.2MHz Step-Down Converter with Low Operating Current
Rev 0; 3/11
MAX16977 MAXIM-MAX16977_V01 Datasheet
1Mb / 18P
   36V, 2A, 2.2MHz Step-Down Converter with Low Operating Current
2017
MAX16935 MAXIM-MAX16935_V01 Datasheet
1Mb / 17P
   36V, 3.5A, 2.2MHz Step-Down Converters with 28關A Quiescent Current
2018
MAX16977 MAXIM-MAX16977 Datasheet
2Mb / 17P
   36V, 2A, 2.2MHz Step-Down Converter with Low Operating Current
Rev 0; 5/11
MAX20002 MAXIM-MAX20002_V01 Datasheet
669Kb / 19P
   36V, 220kHz to 2.2MHz, 2A/3A Fully Integrated Step-Down Converters with 15關A Operating Current
2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com