Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16936SAUEA Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX16936SAUEA
Description  36V, 220kHz to 2.2MHz Step-Down Converter with 28μA Quiescent Current
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16936SAUEA Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX16936SAUEA Datasheet HTML 6Page - Maxim Integrated Products MAX16936SAUEA Datasheet HTML 7Page - Maxim Integrated Products MAX16936SAUEA Datasheet HTML 8Page - Maxim Integrated Products MAX16936SAUEA Datasheet HTML 9Page - Maxim Integrated Products MAX16936SAUEA Datasheet HTML 10Page - Maxim Integrated Products MAX16936SAUEA Datasheet HTML 11Page - Maxim Integrated Products MAX16936SAUEA Datasheet HTML 12Page - Maxim Integrated Products MAX16936SAUEA Datasheet HTML 13Page - Maxim Integrated Products MAX16936SAUEA Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
MAX16936
36V, 220kHz to 2.2MHz Step-Down Converter
with 28µA Quiescent Current
10
Maxim Integrated
Synchronization Input (FSYNC)
FSYNC is a logic-level input useful for operating mode
selection and frequency control. Connecting FSYNC to
BIAS or to an external clock enables fixed-frequency
FPWM operation. Connecting FSYNC to AGND enables
skip mode operation.
The external clock frequency at FSYNC can be higher
or lower than the internal clock by 20%. Ensure the duty
cycle of the external clock used has a minimum pulse
width of 100ns. The device synchronizes to the external
clock within one cycle. When the external clock signal
at FSYNC is absent for more than two clock cycles, the
device reverts back to the internal clock.
System Enable (EN)
An enable control input (EN) activates the device from its
low-power shutdown mode. EN is compatible with inputs
from automotive battery level down to 3.5V. The high
voltage compatibility allows EN to be connected to SUP,
KEY/KL30, or the inhibit pin (INH) of a CAN transceiver.
EN turns on the internal regulator. Once VBIAS is above
the internal lockout threshold, VUVL = 3.15V (typ), the
controller activates and the output voltage ramps up
within 8ms.
A logic-low at EN shuts down the device. During shut-
down, the internal linear regulator and gate drivers turn
off. Shutdown is the lowest power state and reduces the
quiescent current to 5FA (typ). Drive EN high to bring the
device out of shutdown.
Figure 1. Internal Block Diagram
FBSW
OUT
COMP
PGOOD
EN
FB
SOFT
START
SLOPE
COMP
FBOK
EAMP
HSD
LSD
AON
LOGIC
CS
REF
HVLDO
SWITCH
OVER
PWM
SUP
BIAS
BST
SUPSW
LX
PGND
SYNCOUT
BIAS
FSYNC FOSC
AGND
OSC
MAX16936


Similar Part No. - MAX16936SAUEA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16936SAUEA/V++ MAXIM-MAX16936SAUEA/V+ Datasheet
1Mb / 17P
   36V, 220kHz to 2.2MHz Step-Down Converters with 28關A Quiescent Current
2018
More results

Similar Description - MAX16936SAUEA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16936 MAXIM-MAX16936_V01 Datasheet
1Mb / 17P
   36V, 220kHz to 2.2MHz Step-Down Converters with 28關A Quiescent Current
2018
MAX16909 MAXIM-MAX16909_12 Datasheet
2Mb / 18P
   36V, 220kHz to 1MHz Step-Down Converter with Low Operating Current
Rev 2; 8/12
MAX16909 MAXIM-MAX16909 Datasheet
2Mb / 18P
   36V, 220kHz to 1MHz Step-Down Converter with Low Operating Current
Rev 0; 3/11
MAX16909 MAXIM-MAX16909_V01 Datasheet
1Mb / 20P
   36V, 220kHz to 1MHz Step-Down Converter with Low Operating Current
2017
MAX16907 MAXIM-MAX16907_V01 Datasheet
1Mb / 18P
   36V, 2.2MHz Step-Down Converter with Low Operating Current
2017
MAX16907 MAXIM-MAX16907 Datasheet
2Mb / 17P
   36V, 2.2MHz Step-Down Converter with Low Operating Current
Rev 0; 3/11
MAX16977 MAXIM-MAX16977_V01 Datasheet
1Mb / 18P
   36V, 2A, 2.2MHz Step-Down Converter with Low Operating Current
2017
MAX16935 MAXIM-MAX16935_V01 Datasheet
1Mb / 17P
   36V, 3.5A, 2.2MHz Step-Down Converters with 28關A Quiescent Current
2018
MAX16977 MAXIM-MAX16977 Datasheet
2Mb / 17P
   36V, 2A, 2.2MHz Step-Down Converter with Low Operating Current
Rev 0; 5/11
MAX20002 MAXIM-MAX20002_V01 Datasheet
669Kb / 19P
   36V, 220kHz to 2.2MHz, 2A/3A Fully Integrated Step-Down Converters with 15關A Operating Current
2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com