Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16936RATEA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX16936RATEA
Description  36V, 220kHz to 2.2MHz Step-Down Converter with 28μA Quiescent Current
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16936RATEA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX16936RATEA Datasheet HTML 1Page - Maxim Integrated Products MAX16936RATEA Datasheet HTML 2Page - Maxim Integrated Products MAX16936RATEA Datasheet HTML 3Page - Maxim Integrated Products MAX16936RATEA Datasheet HTML 4Page - Maxim Integrated Products MAX16936RATEA Datasheet HTML 5Page - Maxim Integrated Products MAX16936RATEA Datasheet HTML 6Page - Maxim Integrated Products MAX16936RATEA Datasheet HTML 7Page - Maxim Integrated Products MAX16936RATEA Datasheet HTML 8Page - Maxim Integrated Products MAX16936RATEA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
MAX16936
36V, 220kHz to 2.2MHz Step-Down Converter
with 28µA Quiescent Current
General Description
The MAX16936 is a 2.5A current-mode step-down con-
verter with integrated high-side and low-side MOSFETs
designed to operate with an external Schottky diode
for better efficiency. The low-side MOSFET enables
fixed-frequency forced-PWM (FPWM) operation under
light-load applications. The device operates with input
voltages from 3.5V to 36V, while using only 28FA qui-
escent current at no load. The switching frequency is
resistor programmable from 220kHz to 2.2MHz and can
be synchronized to an external clock. The MAX16936’s
output voltage is available as 5V/3.3V fixed or adjustable
from 1V to 10V. The wide input voltage range along with its
ability to operate at 98% duty cycle during undervoltage
transients make the MAX16936 ideal for automotive and
industrial applications.
Under light-load applications, the FSYNC logic input
allows the MAX16936 to either operate in skip mode for
reduced current consumption or fixed-frequency FPWM
mode to eliminate frequency variation to minimize EMI.
Fixed-frequency FPWM mode is extremely useful for
power supplies designed for RF transceivers where tight
emission control is necessary. Protection features include
cycle-by-cycle current limit and thermal shutdown with
automatic recovery. Additional features include a power-
good monitor to ease power-supply sequencing and a
180N out-of-phase clock output relative to the internal
oscillator at SYNCOUT to create cascaded power sup-
plies with multiple MAX16936s.
The MAX16936 operates over the -40NC to +125NC
automotive temperature range and is available in 16-pin
TSSOP-EP and 5mm x 5mm, 16-pin TQFN-EP packages.
Features
S
Wide 3.5V to 36V Input Voltage Range
S
42V Load Dump Protection
S
Enhanced Current-Mode Control Architecture
S
Fixed Output Voltage with ±2% Accuracy (5V/3.3V)
or Externally Resistor Adjustable (1V to 10V)
S
220kHz to 2.2MHz Switching Frequency with Three
Operation Modes
28µA Ultra-Low Quiescent Current Skip Mode
Forced Fixed-Frequency Operation
External Frequency Synchronization
S
Spread-Spectrum Frequency Modulation
S
Automatic LX Slew Rate Adjustment for Optimum
Efficiency Across Operating Frequency Range
S
180° Out-of-Phase Clock Output at SYNCOUT
S
Low-BOM-Count Current-Mode Control
Architecture
S
Power-Good Output
S
Enable Input Compatible from 3.3V Logic Level
to 42V
S
Thermal Shutdown Protection
S
-40°C to +125°C Automotive Temperature Range
S
AEC-Q100 Qualified
Applications
Point of Load Applications
Distributed DC Power Systems
Navigation and Radio Head Units
19-6626; Rev 1; 4/13
Ordering Information/Selector Guide appears at end of data
sheet.
Typical Application Circuit appears at end of data sheet.
For related parts and recommended products to use with this part, refer to: www.maximintegrated.com/MAX16936.related
For pricing, delivery, and ordering information, please contact Maxim Direct at
1-888-629-4642, or visit Maxim Integrated’s website at www.maximintegrated.com.


Similar Part No. - MAX16936RATEA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16936RATEA/V++ MAXIM-MAX16936RATEA/V+ Datasheet
1Mb / 17P
   36V, 220kHz to 2.2MHz Step-Down Converters with 28關A Quiescent Current
2018
More results

Similar Description - MAX16936RATEA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16936 MAXIM-MAX16936_V01 Datasheet
1Mb / 17P
   36V, 220kHz to 2.2MHz Step-Down Converters with 28關A Quiescent Current
2018
MAX16909 MAXIM-MAX16909_12 Datasheet
2Mb / 18P
   36V, 220kHz to 1MHz Step-Down Converter with Low Operating Current
Rev 2; 8/12
MAX16909 MAXIM-MAX16909 Datasheet
2Mb / 18P
   36V, 220kHz to 1MHz Step-Down Converter with Low Operating Current
Rev 0; 3/11
MAX16909 MAXIM-MAX16909_V01 Datasheet
1Mb / 20P
   36V, 220kHz to 1MHz Step-Down Converter with Low Operating Current
2017
MAX16907 MAXIM-MAX16907_V01 Datasheet
1Mb / 18P
   36V, 2.2MHz Step-Down Converter with Low Operating Current
2017
MAX16907 MAXIM-MAX16907 Datasheet
2Mb / 17P
   36V, 2.2MHz Step-Down Converter with Low Operating Current
Rev 0; 3/11
MAX16977 MAXIM-MAX16977_V01 Datasheet
1Mb / 18P
   36V, 2A, 2.2MHz Step-Down Converter with Low Operating Current
2017
MAX16935 MAXIM-MAX16935_V01 Datasheet
1Mb / 17P
   36V, 3.5A, 2.2MHz Step-Down Converters with 28關A Quiescent Current
2018
MAX16977 MAXIM-MAX16977 Datasheet
2Mb / 17P
   36V, 2A, 2.2MHz Step-Down Converter with Low Operating Current
Rev 0; 5/11
MAX20002 MAXIM-MAX20002_V01 Datasheet
669Kb / 19P
   36V, 220kHz to 2.2MHz, 2A/3A Fully Integrated Step-Down Converters with 15關A Operating Current
2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com