Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16936RATEA Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX16936RATEA
Description  36V, 220kHz to 2.2MHz Step-Down Converter with 28μA Quiescent Current
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16936RATEA Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX16936RATEA Datasheet HTML 1Page - Maxim Integrated Products MAX16936RATEA Datasheet HTML 2Page - Maxim Integrated Products MAX16936RATEA Datasheet HTML 3Page - Maxim Integrated Products MAX16936RATEA Datasheet HTML 4Page - Maxim Integrated Products MAX16936RATEA Datasheet HTML 5Page - Maxim Integrated Products MAX16936RATEA Datasheet HTML 6Page - Maxim Integrated Products MAX16936RATEA Datasheet HTML 7Page - Maxim Integrated Products MAX16936RATEA Datasheet HTML 8Page - Maxim Integrated Products MAX16936RATEA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
MAX16936
36V, 220kHz to 2.2MHz Step-Down Converter
with 28µA Quiescent Current
5
Maxim Integrated
Typical Operating Characteristics
(VSUP = VSUPSW = 14V, VEN = 14V, VOUT = 5V, VFYSNC = 0V, RFOSC = 12kI, TA = +25NC, unless otherwise noted.)
SUPPLY CURRENT vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
26
16
15
20
25
30
35
40
45
50
10
636
5V/2.2MHz
SKIP MODE
SWITCHING FREQUENCY vs. RFOSC
RFOSC (kΩ)
102
72
42
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
0
12
132
FSW vs. TEMPERATURE
TEMPERATURE (°C)
110
95
-25 -10 5
35 50 65
20
80
2.04
2.08
2.12
2.16
2.20
2.24
2.28
2.00
-40
125
VIN = 14V,
PWM MODE
VOUT = 5V
VOUT = 3.3V
FSW vs. LOAD CURRENT
ILOAD (A)
2.0
1.5
1.0
0.5
426
427
428
429
430
431
432
433
434
435
425
0
2.5
VIN = 14V,
PWM MODE
VOUT = 5V
VOUT = 3.3V
FSW vs. LOAD CURRENT
ILOAD (A)
2.0
1.5
1.0
0.5
2.12
2.14
2.16
2.18
2.20
2.22
2.24
2.26
2.28
2.30
2.10
0
2.5
VIN = 14V,
PWM MODE
VOUT = 5V
VOUT = 3.3V
VOUT LOAD REGULATION
ILOAD (A)
2.0
1.5
1.0
0.5
4.92
4.94
4.96
4.98
5.00
5.02
5.04
5.06
5.08
5.10
4.90
0
2.5
VOUT = 5V, VIN = 14V
PWM MODE
400kHz
2.2MHz
VOUT LOAD REGULATION
ILOAD (A)
2.0
1.5
1.0
0.5
4.92
4.94
4.96
4.98
5.00
5.02
5.04
5.06
5.08
5.10
4.90
0
2.5
VOUT = 5V, VIN = 14V
SKIP MODE
400kHz
2.2MHz
EFFICIENCY vs. LOAD CURRENT
LOAD CURRENT (A)
0.1
0.001
10
20
30
40
50
60
70
80
90
100
0
010
fSW = 400kHz, VIN = 14V
SKIP MODE
PWM MODE
3.3V
3.3V
5V
5V
EFFICIENCY vs. LOAD CURRENT
LOAD CURRENT (A)
0.1
0.001
10
20
30
40
50
60
70
80
90
100
0
010
fSW = 2.2MHz, VIN = 14V
SKIP MODE
PWM MODE
3.3V
3.3V
5V
5V


Similar Part No. - MAX16936RATEA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16936RATEA/V++ MAXIM-MAX16936RATEA/V+ Datasheet
1Mb / 17P
   36V, 220kHz to 2.2MHz Step-Down Converters with 28關A Quiescent Current
2018
More results

Similar Description - MAX16936RATEA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16936 MAXIM-MAX16936_V01 Datasheet
1Mb / 17P
   36V, 220kHz to 2.2MHz Step-Down Converters with 28關A Quiescent Current
2018
MAX16909 MAXIM-MAX16909_12 Datasheet
2Mb / 18P
   36V, 220kHz to 1MHz Step-Down Converter with Low Operating Current
Rev 2; 8/12
MAX16909 MAXIM-MAX16909 Datasheet
2Mb / 18P
   36V, 220kHz to 1MHz Step-Down Converter with Low Operating Current
Rev 0; 3/11
MAX16909 MAXIM-MAX16909_V01 Datasheet
1Mb / 20P
   36V, 220kHz to 1MHz Step-Down Converter with Low Operating Current
2017
MAX16907 MAXIM-MAX16907_V01 Datasheet
1Mb / 18P
   36V, 2.2MHz Step-Down Converter with Low Operating Current
2017
MAX16907 MAXIM-MAX16907 Datasheet
2Mb / 17P
   36V, 2.2MHz Step-Down Converter with Low Operating Current
Rev 0; 3/11
MAX16977 MAXIM-MAX16977_V01 Datasheet
1Mb / 18P
   36V, 2A, 2.2MHz Step-Down Converter with Low Operating Current
2017
MAX16935 MAXIM-MAX16935_V01 Datasheet
1Mb / 17P
   36V, 3.5A, 2.2MHz Step-Down Converters with 28關A Quiescent Current
2018
MAX16977 MAXIM-MAX16977 Datasheet
2Mb / 17P
   36V, 2A, 2.2MHz Step-Down Converter with Low Operating Current
Rev 0; 5/11
MAX20002 MAXIM-MAX20002_V01 Datasheet
669Kb / 19P
   36V, 220kHz to 2.2MHz, 2A/3A Fully Integrated Step-Down Converters with 15關A Operating Current
2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com