Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16936SATEA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX16936SATEA
Description  36V, 220kHz to 2.2MHz Step-Down Converter with 28μA Quiescent Current
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16936SATEA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX16936SATEA Datasheet HTML 1Page - Maxim Integrated Products MAX16936SATEA Datasheet HTML 2Page - Maxim Integrated Products MAX16936SATEA Datasheet HTML 3Page - Maxim Integrated Products MAX16936SATEA Datasheet HTML 4Page - Maxim Integrated Products MAX16936SATEA Datasheet HTML 5Page - Maxim Integrated Products MAX16936SATEA Datasheet HTML 6Page - Maxim Integrated Products MAX16936SATEA Datasheet HTML 7Page - Maxim Integrated Products MAX16936SATEA Datasheet HTML 8Page - Maxim Integrated Products MAX16936SATEA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
MAX16936
36V, 220kHz to 2.2MHz Step-Down Converter
with 28µA Quiescent Current
2
Maxim Integrated
SUP, SUPSW, LX, EN to PGND ............................-0.3V to +42V
SUP to SUPSW.....................................................-0.3V to +0.3V
BIAS to AGND.........................................................-0.3V to +6V
SYNCOUT, FOSC, COMP, FSYNC,
PGOOD, FB to AGND ........................ -0.3V to (VBIAS + 0.3V)
OUT to PGND........................................................-0.3V to +12V
BST to LX.................................................................-0.3V to +6V
AGND to PGND...................................................-0.3V to + 0.3V
LX Continuous RMS Current ...................................................3A
Output Short-Circuit Duration....................................Continuous
Continuous Power Dissipation (TA = +70NC)*
TSSOP (derate 26.1mw/NC above +70NC) .............2088.8mW
TQFN (derate 28.6mw/NC above +70NC) ...............2285.7mW
Operating Temperature Range........................ -40NC to +125NC
Junction Temperature .....................................................+150NC
Storage Temperature Range............................ -65NC to +150NC
Lead Temperature (soldering, 10s) ................................+300NC
Soldering Temperature (reflow) ......................................+260NC
ABSOLUTE MAXIMUM RATINGS
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-layer
board. For detailed information on package thermal considerations, refer to www.maximintegrated.com/thermal-tutorial.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional opera-
tion of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
*As per JEDEC51 standard (multilayer board).
TSSOP
Junction-to-Ambient Thermal Resistance (BJA) .......38.3NC/W
Junction-to-Case Thermal Resistance (BJC) .................3NC/W
TQFN
Junction-to-Ambient Thermal Resistance (BJA) ..........35NC/W
Junction-to-Case Thermal Resistance (BJC) ..............2.7NC/W
PACKAGE THERMAL CHARACTERISTICS (Note 1)
ELECTRICAL CHARACTERISTICS
(VSUP = VSUPSW = 14V, VEN = 14V, L1 = 2.2FH, CIN = 4.7FF, COUT = 22FF, CBIAS = 1FF, CBST = 0.1FF, RFOSC = 12kI,
TA = TJ = -40NC to +125NC, unless otherwise noted. Typical values are at TA = +25NC.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VSUP, VSUPSW
3.5
36
V
Load Dump Event Supply
Voltage
VSUP_LD
tLD < 1s
42
V
Supply Current
ISUP_STANDBY
Standby mode, no load, VOUT = 5V,
VFSYNC = 0V
28
40
F
A
Shutdown Supply Current
ISHDN
VEN = 0V
5
8
F
A
BIAS Regulator Voltage
VBIAS
VSUP = VSUPSW = 6V to 42V,
IBIAS = 0 to 10mA
4.7
5
5.4
V
BIAS Undervoltage Lockout
VUVBIAS
VBIAS rising
2.95
3.15
3.40
V
BIAS Undervoltage Lockout
Hysteresis
450
650
mV
Thermal Shutdown Threshold
+175
N
C
Thermal Shutdown Threshold
Hysteresis
15
N
C
OUTPUT VOLTAGE (OUT)
FPWM Mode Output Voltage
VOUT
VFB = VBIAS, 6V < VSUPSW < 36V,
fixed-frequency mode (Note 2)
4.9
5
5.1
V


Similar Part No. - MAX16936SATEA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16936SATEA/V++ MAXIM-MAX16936SATEA/V+ Datasheet
1Mb / 17P
   36V, 220kHz to 2.2MHz Step-Down Converters with 28關A Quiescent Current
2018
More results

Similar Description - MAX16936SATEA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16936 MAXIM-MAX16936_V01 Datasheet
1Mb / 17P
   36V, 220kHz to 2.2MHz Step-Down Converters with 28關A Quiescent Current
2018
MAX16909 MAXIM-MAX16909_12 Datasheet
2Mb / 18P
   36V, 220kHz to 1MHz Step-Down Converter with Low Operating Current
Rev 2; 8/12
MAX16909 MAXIM-MAX16909 Datasheet
2Mb / 18P
   36V, 220kHz to 1MHz Step-Down Converter with Low Operating Current
Rev 0; 3/11
MAX16909 MAXIM-MAX16909_V01 Datasheet
1Mb / 20P
   36V, 220kHz to 1MHz Step-Down Converter with Low Operating Current
2017
MAX16907 MAXIM-MAX16907_V01 Datasheet
1Mb / 18P
   36V, 2.2MHz Step-Down Converter with Low Operating Current
2017
MAX16907 MAXIM-MAX16907 Datasheet
2Mb / 17P
   36V, 2.2MHz Step-Down Converter with Low Operating Current
Rev 0; 3/11
MAX16977 MAXIM-MAX16977_V01 Datasheet
1Mb / 18P
   36V, 2A, 2.2MHz Step-Down Converter with Low Operating Current
2017
MAX16935 MAXIM-MAX16935_V01 Datasheet
1Mb / 17P
   36V, 3.5A, 2.2MHz Step-Down Converters with 28關A Quiescent Current
2018
MAX16977 MAXIM-MAX16977 Datasheet
2Mb / 17P
   36V, 2A, 2.2MHz Step-Down Converter with Low Operating Current
Rev 0; 5/11
MAX20002 MAXIM-MAX20002_V01 Datasheet
669Kb / 19P
   36V, 220kHz to 2.2MHz, 2A/3A Fully Integrated Step-Down Converters with 15關A Operating Current
2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com