Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VN2222LM Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VN2222LM
Description  N-Channel Enhancement-Mode MOSFET Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VN2222LM Datasheet(HTML) 1 Page - Vishay Siliconix

  VN2222LM Datasheet HTML 1Page - Vishay Siliconix VN2222LM Datasheet HTML 2Page - Vishay Siliconix VN2222LM Datasheet HTML 3Page - Vishay Siliconix VN2222LM Datasheet HTML 4Page - Vishay Siliconix VN2222LM Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
VN10/0605/0610/2222 Series
Siliconix
S-52429—Rev. E, 28-Apr-97
1
N-Channel Enhancement-Mode MOSFET Transistors
VN10LE
VN0605T
VN2222LL
VN10LM
VN0610LL
VN2222LM
Product Summary
Part Number
V(BR)DSS Min (V)
rDS(on) Max (W)
VGS(th) (V)
ID Min (A)
VN10LE
5 @ VGS = 10 V
0.8 to 2.5
0.38
VN10LM
5 @ VGS = 10 V
0.8 to 2.5
0.32
VN0605T
60
5 @ VGS = 10 V
0.8 to 3.0
0.18
VN0610LL
60
5 @ VGS = 10 V
0.8 to 2.5
0.28
VN2222LL
7.5 @ VGS = 5 V
0.6 to 2.5
0.23
VN2222LM
7.5 @ VGS = 5 V
0.6 to 2.5
0.26
Features
Benefits
Applications
D Low On-Resistance: 2.5 W
D Low Threshold: <2.1 V
D Low Input Capacitance: 22 pF
D Fast Switching Speed: 7 ns
D Low Input and Output Leakage
D Low Offset Voltage
D Low-Voltage Operation
D Easily Driven Without Buffering
D High-Speed Circuits
D Low Error Voltage
D Direct Logic-Level Interface: TTL/CMOS
D Solid State Relays
D Drivers: Relays, Solenoids, Lamps, Hammers,
Displays, Memories, Transistors, etc.
D Battery Operated Systems
VN0605T (V2)*
*Marking Code for TO-236
TO-237
(Tab Drain)
Top View
S
D
G
1
2
3
TO-206AC
(TO-52)
Top View
D
G
S
1
23
TO-226AA
(TO-92)
Top View
S
D
G
1
2
3
G
TO-236
(SOT-23)
S
D
Top View
2
3
1
VN10LE
VN10LM
VN2222LM
VN0610LL
VN2222LL
Updates to this data sheet may be obtained via facsimile by calling Siliconix FaxBack, 1-408-970-5600. Please request FaxBack document #70212.


Similar Part No. - VN2222LM

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
VN2222LM CALOGIC-VN2222LM Datasheet
24Kb / 2P
   N-Channel Enhancement-Mode MOS Transistors
logo
List of Unclassifed Man...
VN2222LM ETC-VN2222LM Datasheet
63Kb / 2P
   N CHANNEL ENHANCEMENT MODE D MOS POWER FETS
logo
TEMIC Semiconductors
VN2222LM TEMIC-VN2222LM Datasheet
112Kb / 5P
   N-Channel Enhancement-Mode MOS Transistors
More results

Similar Description - VN2222LM

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
SMU15N05 TEMIC-SMU15N05 Datasheet
350Kb / 4P
   N-Channel Enhancement-Mode Transistors
logo
List of Unclassifed Man...
2N7012 ETC1-2N7012 Datasheet
368Kb / 4P
   N - CHANNEL ENHANCEMENT MODE TRANSISTORS
logo
TEMIC Semiconductors
SUP75N06 TEMIC-SUP75N06 Datasheet
72Kb / 4P
   N-Channel Enhancement-Mode Transistors
logo
List of Unclassifed Man...
VN0300 ETC1-VN0300 Datasheet
197Kb / 5P
   N-Channel Enhancement-Mode MOS Transistors
logo
TEMIC Semiconductors
VN10 TEMIC-VN10 Datasheet
112Kb / 5P
   N-Channel Enhancement-Mode MOS Transistors
logo
Vishay Siliconix
VP0300B VISHAY-VP0300B Datasheet
250Kb / 4P
   P-Channel Enhancement-Mode MOSFET Transistors
Rev.C, 21-Jun-99
logo
Calogic, LLC
VN0610LL CALOGIC-VN0610LL Datasheet
24Kb / 2P
   N-Channel Enhancement-Mode MOS Transistors
VN2222 CALOGIC-VN2222 Datasheet
24Kb / 2P
   N-Channel Enhancement-Mode MOS Transistors
logo
TEMIC Semiconductors
VN0610L TEMIC-VN0610L Datasheet
202Kb / 4P
   N-Channel Enhancement-Mode MOS Transistors
logo
New Jersey Semi-Conduct...
VN0610LL NJSEMI-VN0610LL Datasheet
133Kb / 2P
   N-Channel Enhancement-Mode MOS Transistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com