Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-EPH3006-N3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VS-EPH3006-N3
Description  Hyperfast Rectifier, 30 A FRED Pt
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-EPH3006-N3 Datasheet(HTML) 4 Page - Vishay Siliconix

  VS-EPH3006-N3 Datasheet HTML 1Page - Vishay Siliconix VS-EPH3006-N3 Datasheet HTML 2Page - Vishay Siliconix VS-EPH3006-N3 Datasheet HTML 3Page - Vishay Siliconix VS-EPH3006-N3 Datasheet HTML 4Page - Vishay Siliconix VS-EPH3006-N3 Datasheet HTML 5Page - Vishay Siliconix VS-EPH3006-N3 Datasheet HTML 6Page - Vishay Siliconix VS-EPH3006-N3 Datasheet HTML 7Page - Vishay Siliconix VS-EPH3006-N3 Datasheet HTML 8Page - Vishay Siliconix VS-EPH3006-N3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
New Product
VS-APH3006-F3, VS-APH3006-N3, VS-EPH3006-F3, VS-EPH3006-N3
www.vishay.com
Vishay Semiconductors
Revision: 05-Apr-12
4
Document Number: 93571
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 5 - Maximum Allowable Case Temperature vs.
Average Forward Current
Fig. 6 - Forward Power Loss Characteristics
Fig. 7 - Typical Reverse Recovery vs. dIF/dt
Fig. 8 - Typical Stored Charge vs. dIF/dt
Average Forward Current - I
F(AV) (A)
0
10
20
30
40
50
80
90
100
110
120
130
140
150
160
170
180
DC
Average Forward Current - I
F(AV) (A)
0
5
10
15
20
25
30
35
40
45
0
20
40
60
80
D = 0.01
D = 0.02
D = 0.05
D = 0.1
D = 0.2
D = 0.5
DC
RMS Limit
I
F = 30 A, 125 °C
I
F = 30 A, 25 °C
typical value
dI
F/dt (A/μs)
10
20
30
40
50
60
70
80
90
100
1000
I
F = 30 A, 125 °C
I
F = 30 A, 25 °C
typical value
dI
F/dt (A/μs)
10
0
200
300
400
500
600
700
800
900
100
1000


Similar Part No. - VS-EPH3006-N3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-EPH3006-N3 VISHAY-VS-EPH3006-N3 Datasheet
199Kb / 8P
   Hyperfast Rectifier, 30 A FRED Pt짰
01-Jan-2022
More results

Similar Description - VS-EPH3006-N3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ETH3006S-M3 VISHAY-ETH3006S-M3 Datasheet
194Kb / 9P
   Hyperfast Rectifier, 30 A FRED Pt
Revision: 21-Apr-11
APH3006-F3 VISHAY-APH3006-F3 Datasheet
230Kb / 10P
   Hyperfast Rectifier, 30 A FRED Pt
Revision: 24-May-11
30EPH06PBF VISHAY-30EPH06PBF_11 Datasheet
152Kb / 8P
   Hyperfast Rectifier, 30 A FRED Pt
Revision: 04-Apr-11
30ETH06PBF VISHAY-30ETH06PBF_11 Datasheet
152Kb / 8P
   Hyperfast Rectifier, 30 A FRED Pt
Revision: 28-Apr-11
30ETH06SPBF VISHAY-30ETH06SPBF_10 Datasheet
176Kb / 9P
   Hyperfast Rectifier, 30 A FRED Pt
Revision: 11-Mar-10
ETH3006-M3 VISHAY-ETH3006-M3 Datasheet
197Kb / 9P
   Hyperfast Rectifier, 30 A FRED Pt
Revision: 18-Apr-11
30ETH06FP-F3 VISHAY-30ETH06FP-F3 Datasheet
157Kb / 8P
   Hyperfast Rectifier, 30 A FRED Pt®
Revision: 16-Nov-11
VS-ETH3006-M3 VISHAY-VS-ETH3006-M3 Datasheet
199Kb / 9P
   Hyperfast Rectifier, 30 A FRED Pt®
Revision: 18-Apr-11
VS-30ETH06STRLPBF VISHAY-VS-30ETH06STRLPBF Datasheet
175Kb / 9P
   Hyperfast Rectifier, 30 A FRED Pt®
Revision: 11-Mar-10
VS-30CTH02SHM3 VISHAY-VS-30CTH02SHM3_V01 Datasheet
159Kb / 7P
   Hyperfast Rectifier, 30 A FRED Pt®
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com