Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSKC166-16PBF Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VSKC166-16PBF
Description  Standard Recovery Diodes, 165 A to 230 A (INT-A-PAK Power Modules)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSKC166-16PBF Datasheet(HTML) 3 Page - Vishay Siliconix

  VSKC166-16PBF Datasheet HTML 1Page - Vishay Siliconix VSKC166-16PBF Datasheet HTML 2Page - Vishay Siliconix VSKC166-16PBF Datasheet HTML 3Page - Vishay Siliconix VSKC166-16PBF Datasheet HTML 4Page - Vishay Siliconix VSKC166-16PBF Datasheet HTML 5Page - Vishay Siliconix VSKC166-16PBF Datasheet HTML 6Page - Vishay Siliconix VSKC166-16PBF Datasheet HTML 7Page - Vishay Siliconix VSKC166-16PBF Datasheet HTML 8Page - Vishay Siliconix VSKC166-16PBF Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
VS-VSK.166..PbF, VS-VSK.196..PbF, VS-VSK.236..PbF Series
www.vishay.com
Vishay Semiconductors
Revision: 30-Apr-13
3
Document Number: 94357
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Table shows the increment of thermal resistance RthJC when devices operate at different conduction angles than DC
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
Fig. 3 - On-State Power Loss Characteristics
Fig. 4 - On-State Power Loss Characteristics
R CONDUCTION PER JUNCTION
DEVICES
SINUSOIDAL CONDUCTION
AT TJ MAXIMUM
RECTANGULAR CONDUCTION
AT TJ MAXIMUM
UNITS
180°
120°
90°
60°
30°
180°
120°
90°
60°
30°
VSK.166
0.025
0.03
0.038
0.055
0.089
0.018
0.031
0.041
0.057
0.089
K/W
VSK.196
0.016
0.019
0.024
0.034
0.053
0.012
0.02
0.026
0.035
0.054
VSK.236
0.009
0.010
0.014
0.018
0.025
0.008
0.012
0.015
0.019
0.025
120
110
100
130
140
150
90
80
70
Average Forward Current (A)
40
80
120
160
200
0
30°
60°
90°
120°
180°
VSK.166.. Series
R
thJC (DC) = 0.20 K/W
Conduction angle
Ø
90
80
70
130
140
150
120
110
100
Average Forward Current (A)
50
100
150
200
250
300
0
DC
30°
60°
90°
120°
180°
VSK.166.. Series
R
thJC (DC) = 0.20 K/W
Ø
Conduction period
0
50
250
200
150
100
Average Forward Current (A)
80
40
120
160
200
0
RMS limit
180°
120°
90°
60°
30°
VSK.166.. Series
T
J = 150 °C
Conduction angle
Ø
0
50
200
150
100
Average Forward Current (A)
100
50
150
200
250
300
0
DC
180°
120°
90°
60°
30°
RMS limit
VSK.166.. Series
Per junction
T
J = 150 °C
Ø
Conduction period
250
300


Similar Part No. - VSKC166-16PBF

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
VSKC236-04 ISC-VSKC236-04 Datasheet
421Kb / 3P
   Standard Recovery Diodes
logo
Vishay Siliconix
VSKC56 VISHAY-VSKC56 Datasheet
275Kb / 9P
   ADD-A-PAK Generation VII Power Modules Standard Diodes, 60 A
Revision: 09-Mar-11
VSKC56-04 VISHAY-VSKC56-04 Datasheet
275Kb / 9P
   ADD-A-PAK Generation VII Power Modules Standard Diodes, 60 A
Revision: 09-Mar-11
VSKC56-06 VISHAY-VSKC56-06 Datasheet
275Kb / 9P
   ADD-A-PAK Generation VII Power Modules Standard Diodes, 60 A
Revision: 09-Mar-11
VSKC56-08 VISHAY-VSKC56-08 Datasheet
275Kb / 9P
   ADD-A-PAK Generation VII Power Modules Standard Diodes, 60 A
Revision: 09-Mar-11
More results

Similar Description - VSKC166-16PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-VSK.166..PBF VISHAY-VS-VSK.166..PBF Datasheet
280Kb / 13P
   Standard Recovery Diodes, 165 A to 230 A (INT-A-PAK Power Modules)
01-Jan-2022
VS-VSK166PBF VISHAY-VS-VSK166PBF Datasheet
281Kb / 13P
   Standard Recovery Diodes, 165 A to 230 A (INT-A-PAK Power Modules)
01-Jan-2022
VSKD236 VISHAY-VSKD236_10 Datasheet
278Kb / 13P
   Standard Recovery Diodes, 165 A to 230 A (INT-A-PAK Power Modules)
Revision: 20-May-10
VS-VSKD166 VISHAY-VS-VSKD166_V01 Datasheet
281Kb / 13P
   Standard Recovery Diodes, 165 A to 230 A (INT-A-PAK Power Modules)
01-Jan-2022
VS-VSK.166PBF VISHAY-VS-VSK.166PBF Datasheet
282Kb / 13P
   Standard Recovery Diodes, 165 A to 230 A (INT-A-PAK Power Modules)
Revision: 29-Sep-15
VSKD236 VISHAY-VSKD236 Datasheet
224Kb / 11P
   Standard Recovery Diodes, 165 A to 230 A (New INT-A-PAK Power Modules)
Revision: 22-Apr-08
logo
Nell Semiconductor Co.,...
NKD160 NELLSEMI-NKD160 Datasheet
1Mb / 3P
   Standard Recovery Diodes, 160 A (INT-A-PAK Power Modules)
NKD160S NELLSEMI-NKD160S Datasheet
2Mb / 3P
   Standard Recovery Diodes, 160 A(INT-A-PAK Power Modules)
NKD240 NELLSEMI-NKD240 Datasheet
1Mb / 3P
   Standard Recovery Diodes, 240 A(INT-A-PAK Power Modules)
NKD200 NELLSEMI-NKD200 Datasheet
1Mb / 3P
   Standard Recovery Diodes, 200 A(INT-A-PAK Power Modules)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com