Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VY1151K31Y5SQ6 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VY1151K31Y5SQ6
Description  Ceramic Disc Capacitors Safety Standard Approved Disc AC Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VY1151K31Y5SQ6 Datasheet(HTML) 1 Page - Vishay Siliconix

  VY1151K31Y5SQ6 Datasheet HTML 1Page - Vishay Siliconix VY1151K31Y5SQ6 Datasheet HTML 2Page - Vishay Siliconix VY1151K31Y5SQ6 Datasheet HTML 3Page - Vishay Siliconix VY1151K31Y5SQ6 Datasheet HTML 4Page - Vishay Siliconix VY1151K31Y5SQ6 Datasheet HTML 5Page - Vishay Siliconix VY1151K31Y5SQ6 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
EMI/RFI Y1-VY1
Vishay BCcomponents
Ceramic Disc Capacitors
Safety Standard Approved Disc AC Capacitors
Document Number: 28537
For technical questions, contact: CDC@vishay.com
www.vishay.com
Revision: 15-Oct-09
82
DISSIPATION FACTOR
2.5 % maximum
CATEGORY TEMPERATURE RANGE
- 40 °C to + 125 °C
TEMPERATURE CHARACTERISTICS
See Ordering Information tables
CLIMATIC CATEGORY
40/125/21 according to EN60068-1
COATING
According to UL 94 V-0
Epoxy resin, isolating, flame retardant
APPROVALS
ENEC VDE (DE1-32019)
UL 1414 file E183844
CSA 22.2
PACKAGING
Bulk; tape and reel; taped ammopack
FEATURES
• Complying with IEC 60384-14, 3rd edition
• High reliability
• Vertical (inline) kinked or straight leads
• Compliant to RoHS directive 2002/95/EC and in
accordance to WEEE 2002/96/EC
• Halogen-free according to IEC 61249-2-21
definition
APPLICATIONS
• X1, Y1 according to IEC 60384-14.2
• Across-the-line
• Line by-pass
Antenna coupling
DESIGN
The capacitors consist of a ceramic disc both sides of which
are silver-plated. Connection leads are made of tinned
copper having a diameter of 0.6 mm.
The capacitors may be supplied with vertical (inline) kinked
leads having a lead spacing of 10.0 mm. Encapsulation is
made of flammable resistant epoxy resin in accordance with
“UL 94 V-0“.
CAPACITANCE RANGE
10 pF to 4700 pF
RATED VOLTAGE UR
IEC 60384-14.2:
(X1): 760 VAC, 50 Hz
(Y1): 500 VAC, 50 Hz
250 VAC, 50/60 Hz, UL1414 and CSA 22.2
TEST VOLTAGE
Component test (100 %):
4000 VAC, 50 Hz, 2 s
Random sampling test (destructive test):
4000 VAC, 50 Hz, 60 s
Voltage proof of coating (destructive test):
4000 VAC, 50 Hz, 60 s
INSULATION RESISTANCE
10 000 M
Ω minimum
TOLERANCE OF CAPACITANCE
± 20 % (code M); ± 10 % (code K)
SH = 4.0 mm max.
L = 30.0
± 5.0 mm
T
D
F
Ø d 0.6 mm
e = 3.0 mm max.
Capacitors with 10 mm lead spacing


Similar Part No. - VY1151K31Y5SQ6

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VY1151K31Y5SQ6 VISHAY-VY1151K31Y5SQ6 Datasheet
127Kb / 6P
   AC Line Rated Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
Revision: 11-Jun-12
VY1151K31Y5SQ6UV0 VISHAY-VY1151K31Y5SQ6UV0 Datasheet
183Kb / 8P
   AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
Revision: 18-Oct-13
VY1151K31Y5SQ6V0 VISHAY-VY1151K31Y5SQ6V0 Datasheet
452Kb / 6P
   AC Line Rated Disc Capacitors
Revision: 12-Apr-10
VY1151K31Y5SQ6V0 VISHAY-VY1151K31Y5SQ6V0 Datasheet
446Kb / 5P
   Ceramic Disc Capacitors Safety Standard Approved Disc Capacitors
Revision: 14-Mar-08
VY1151K31Y5SQ6V0 VISHAY-VY1151K31Y5SQ6V0 Datasheet
127Kb / 6P
   AC Line Rated Disc Capacitors
Revision: 11-Jun-12
More results

Similar Description - VY1151K31Y5SQ6

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EMIY1-VY1 VISHAY-EMIY1-VY1 Datasheet
446Kb / 5P
   Ceramic Disc Capacitors Safety Standard Approved Disc Capacitors
Revision: 14-Mar-08
EMIY2-VY2 VISHAY-EMIY2-VY2 Datasheet
171Kb / 6P
   Ceramic Disc Capacitors Safety Standard Approved Disc Capacitor
Revision: 12-Oct-07
VY1COMPACT VISHAY-VY1COMPACT Datasheet
195Kb / 8P
   Singlelayer AC disc safety capacitors
Revision: 16-Jan-17
VY1 VISHAY-VY1 Datasheet
190Kb / 8P
   Singlelayer AC disc safety capacitors
Revision: 16-Jan-17
logo
Panasonic Semiconductor
ECK-ATS102ME PANASONIC-ECK-ATS102ME Datasheet
345Kb / 6P
   Ceramic Disc Capacitors (Safety Regulations)
ECK-ANA472ME PANASONIC-ECK-ANA472ME Datasheet
345Kb / 6P
   Ceramic Disc Capacitors (Safety Regulations)
ECK-NVS222ME PANASONIC-ECK-NVS222ME Datasheet
345Kb / 6P
   Ceramic Disc Capacitors (Safety Regulations)
ECK-ATS102MB PANASONIC-ECK-ATS102MB Datasheet
345Kb / 6P
   Ceramic Disc Capacitors (Safety Regulations)
ECK-ATS103MF PANASONIC-ECK-ATS103MF Datasheet
345Kb / 6P
   Ceramic Disc Capacitors (Safety Regulations)
ECK-DNA222ME PANASONIC-ECK-DNA222ME Datasheet
90Kb / 6P
   Ceramic Disc Capacitors for Safety Regulations
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com