Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZT52C3V3 Datasheet(PDF) 1 Page - First Components International

Part # BZT52C3V3
Description  1/2 Watt ZEBER DIODES Planar Die Construction
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

BZT52C3V3 Datasheet(HTML) 1 Page - First Components International

  BZT52C3V3 Datasheet HTML 1Page - First Components International BZT52C3V3 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
SOD-123
Features:
* Planar Die Construction
* 500mW Power Dissipation on Ceramic PCB
* General Purpose Medium Current
* Ideally Suited for Automated Assembly Process
Symbol
Unit
VF
V
Pd
mW
Rthja
C/W
Tj/Tstg
C
Dimensions in mm
Characteristic
Mechanical Dimensions
Power Dissipation
Thermal Resistance, Junction to Ambient air
Operating and Storage Temperature Range
Value
0.9
500
305
-65 ~ +150
Forward Voltage @ If=10mA


Similar Part No. - BZT52C3V3

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BZT52C3V3 DIODES-BZT52C3V3 Datasheet
73Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS18004 Rev. 19 - 2
logo
Taiwan Semiconductor Co...
BZT52C3V3 TSC-BZT52C3V3 Datasheet
219Kb / 6P
   200mW, Surface Mount Zener SMD Zener Diode
logo
SeCoS Halbleitertechnol...
BZT52C3V3 SECOS-BZT52C3V3 Datasheet
184Kb / 4P
   Surface Mount Zener Diode
logo
Galaxy Semi-Conductor H...
BZT52C3V3 BILIN-BZT52C3V3 Datasheet
203Kb / 5P
   Surface mount zener diode
logo
Vishay Siliconix
BZT52C3V3 VISHAY-BZT52C3V3 Datasheet
121Kb / 8P
   Small Signal Zener Diodes
Rev. 1.8, 26-Feb-13
More results

Similar Description - BZT52C3V3

ManufacturerPart #DatasheetDescription
logo
SHIKUES Electronics
MMBZ5221BW SKTECHNOLGY-MMBZ5221BW Datasheet
853Kb / 3P
   Planar Die Construction
logo
SHENZHEN YONGERJIA INDU...
BZX84C2V4 WINNERJOIN-BZX84C2V4 Datasheet
435Kb / 5P
   Planar Die Construction.
MMSZ5221B WINNERJOIN-MMSZ5221B Datasheet
130Kb / 3P
   Planar Die Construction
logo
Pan Jit International I...
PJZ4V3XBWS PANJIT-PJZ4V3XBWS Datasheet
107Kb / 5P
   Planar Die construction
logo
SHIKUES Electronics
MMBZ5221B SKTECHNOLGY-MMBZ5221B Datasheet
856Kb / 3P
   Planar Die Construction
logo
Shanghai Leiditech Elec...
BZT52C2V0 LEIDITECH-BZT52C2V0 Datasheet
466Kb / 4P
   Planar die construction
logo
SHIKUES Electronics
MMBZ5221BS SKTECHNOLGY-MMBZ5221BS Datasheet
856Kb / 3P
   Planar Die Construction
logo
SHENZHEN YONGERJIA INDU...
BZT52C2V4 WINNERJOIN-BZT52C2V4 Datasheet
238Kb / 3P
   Planar Die Construction
logo
Diodes Incorporated
BZT52C4V3S-7 DIODES-BZT52C4V3S-7 Datasheet
88Kb / 4P
   Planar Die Construction
logo
Shanghai Leiditech Elec...
BZX84C2V4 LEIDITECH-BZX84C2V4 Datasheet
1Mb / 5P
   Planar Die Construction
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com