Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZT52C15S Datasheet(PDF) 1 Page - First Components International

Part # BZT52C15S
Description  200mW SURFACE MOUNT ZENER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

BZT52C15S Datasheet(HTML) 1 Page - First Components International

  BZT52C15S Datasheet HTML 1Page - First Components International BZT52C15S Datasheet HTML 2Page - First Components International BZT52C15S Datasheet HTML 3Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Description
Mechanical Dimensions
Features:
Power dissipation: Pd: 200mW (tamb=25C)
Forward Voltage: Vf: 0.9V
Operating and storage junction temp. range: Tj, Tstg: -55C to +150C
Maximum ratings (Tamb=25C unless otherwise specified)
Symbol
Value
Unite
Vf
0.9
V
Pd
200
mW
RjA
625
C/W
Tj, Tstg -65~+150
C
Note 1: Vald provided that device terminals are kept at ambient temp.
Note 2: Shart duration test pulse used in minimize self-hearing effect.
Note 3: f=1KHZ
Operating and Storage Temp. Range
SOD-323
Characteristic
Forward Voltage (note 2) @If=10mA
Power issipation (note 1)
Thermal Resistance Junction to Ambien
DIMENSIONS IN MM


Similar Part No. - BZT52C15S

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BZT52C15S DIODES-BZT52C15S Datasheet
54Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS30093 Rev. 9 - 2
BZT52C15S DIODES-BZT52C15S Datasheet
185Kb / 5P
   SURFACE MOUNT ZENER DIODE
logo
Microdiode Electronics ...
BZT52C15S CHENDA-BZT52C15S Datasheet
111Kb / 4P
   ZENER DIODE
logo
Sangdest Microelectroni...
BZT52C15S SMC-BZT52C15S Datasheet
139Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Micro Commercial Compon...
BZT52C15S MCC-BZT52C15S Datasheet
411Kb / 4P
   200 mW Zener Diodes 2.4 to 39 Volts
More results

Similar Description - BZT52C15S

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBZ5221BW DIODES-MMBZ5221BW Datasheet
63Kb / 3P
   200mW SURFACE MOUNT ZENER DIODE
DS31037 Rev. 5 - 2
logo
Taiwan Semiconductor Co...
BZT52C2V0K TSC-BZT52C2V0K Datasheet
191Kb / 3P
   200mW,Surface Mount Zener Diode
logo
Diodes Incorporated
MMBZ5221BW DIODES-MMBZ5221BW_09 Datasheet
95Kb / 5P
   200mW SURFACE MOUNT ZENER DIODE
BZX84C5V1W-7 DIODES-BZX84C5V1W-7 Datasheet
159Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
MMSZ5221BS WTE-MMSZ5221BS Datasheet
75Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
logo
Diode Semiconductor Kor...
BZX84C2V4W DSK-BZX84C2V4W Datasheet
320Kb / 5P
   200mW Surface Mount Zener Diode
logo
Diodes Incorporated
MMBZ5221BS DIODES-MMBZ5221BS_08 Datasheet
153Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
MMBZ5221BS DIODES-MMBZ5221BS_1 Datasheet
460Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
DS31039 Rev. 12 - 2
logo
Shenzhen Luguang Electr...
MMSZ5221BS LUGUANG-MMSZ5221BS Datasheet
198Kb / 3P
   200mW Surface Mount Zener Diode
MM3Z2V4 LUGUANG-MM3Z2V4 Datasheet
2Mb / 3P
   200mW Surface Mount Zener Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com