Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDC642 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FDC642
Description  P-Channel 2.5V Specified PowerTrench?줞OSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDC642 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FDC642 Datasheet HTML 1Page - Fairchild Semiconductor FDC642 Datasheet HTML 2Page - Fairchild Semiconductor FDC642 Datasheet HTML 3Page - Fairchild Semiconductor FDC642 Datasheet HTML 4Page - Fairchild Semiconductor FDC642 Datasheet HTML 5Page - Fairchild Semiconductor FDC642 Datasheet HTML 6Page - Fairchild Semiconductor FDC642 Datasheet HTML 7Page - Fairchild Semiconductor FDC642 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
FDC642P, Rev. B
Typical Characteristics
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation
with Drain Current and Gate Voltage.
Figure 3. On-Resistance Variation
with Temperature.
Figure 4. On-Resistance Variation
with Gate-to-Source Voltage.
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage
Variation with Source Current
and Temperature.
0
5
10
15
20
012345
-VDS, DRAIN-SOURCE VOLTAGE (V)
VGS = -4.5V
-2.5V
-3.5V
-3.0V
-2.0V
-1.5V
0.8
1
1.2
1.4
1.6
04
8
12
16
20
- I
D, DRAIN CURRENT (A)
V
GS = -2.5V
-3.5V
-4.5V
-3.0V
-4.0V
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
-50
-25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (
oC)
I
D = - 4A
V
GS = - 4.5V
0
0.05
0.1
0.15
0.2
0.25
12
345
-V
GS, GATE TO SOURCE VOLTAGE (V)
I
D = -2A
TA = 125
oC
TA = 25
oC
0
2
4
6
8
10
0.4
0.8
1.2
1.6
2
2.4
-V
GS, GATE TO SOURCE VOLTAGE (V)
T
A = -55
oC
25
oC
125
oC
V
DS = -5V
0.001
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
-VSD, BODY DIODE FORWARD VOLTAGE (V)
T = 125
oC
25
oC
-55
oC
V
GS = 0V


Similar Part No. - FDC642

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDC6420 FAIRCHILD-FDC6420 Datasheet
102Kb / 8P
   20V N & P-Channel PowerTrench MOSFETs
FDC6420C FAIRCHILD-FDC6420C Datasheet
102Kb / 8P
   20V N & P-Channel PowerTrench MOSFETs
logo
VBsemi Electronics Co.,...
FDC6420C-NL VBSEMI-FDC6420C-NL Datasheet
1Mb / 10P
   N- and P-Channel V (D-S) MOSFET
logo
ON Semiconductor
FDC642P-F085 ONSEMI-FDC642P-F085 Datasheet
1Mb / 9P
   MOSFET ??P-Channel, POWERTRENCH -20 V, -4 A, 100 m
September, 2020 ??Rev. 3
FDC642P-F085P ONSEMI-FDC642P-F085P Datasheet
1Mb / 9P
   MOSFET ??P-Channel, POWERTRENCH -20 V, -4 A, 100 m
September, 2020 ??Rev. 3
More results

Similar Description - FDC642

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDZ204P FAIRCHILD-FDZ204P Datasheet
195Kb / 6P
   P-Channel 2.5V Specified PowerTrench
FDZ206P FAIRCHILD-FDZ206P Datasheet
219Kb / 5P
   P-Channel 2.5V Specified PowerTrench
FDC634P FAIRCHILD-FDC634P_01 Datasheet
138Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
SI4463DY FAIRCHILD-SI4463DY Datasheet
49Kb / 3P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDC638P FAIRCHILD-FDC638P_01 Datasheet
156Kb / 5P
   P-Channel 2.5V PowerTrench Specified MOSFET
FDN302P FAIRCHILD-FDN302P Datasheet
103Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDN342P FAIRCHILD-FDN342P Datasheet
307Kb / 8P
   P-Channel 2.5V Specified PowerTrench??MOSFET
FDR840P FAIRCHILD-FDR840P Datasheet
78Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDC602P FAIRCHILD-FDC602P_01 Datasheet
66Kb / 5P
   P-Channel 2.5V PowerTrench Specified MOSFET
FDW264P FAIRCHILD-FDW264P Datasheet
153Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com