Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDC645 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FDC645
Description  N-Channel PowerTrench MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDC645 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDC645 Datasheet HTML 1Page - Fairchild Semiconductor FDC645 Datasheet HTML 2Page - Fairchild Semiconductor FDC645 Datasheet HTML 3Page - Fairchild Semiconductor FDC645 Datasheet HTML 4Page - Fairchild Semiconductor FDC645 Datasheet HTML 5Page - Fairchild Semiconductor FDC645 Datasheet HTML 6Page - Fairchild Semiconductor FDC645 Datasheet HTML 7Page - Fairchild Semiconductor FDC645 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
FDC645N Rev B(W)
Electrical Characteristics
T
A = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min Typ Max Units
Off Characteristics
BVDSS
Drain–Source Breakdown Voltage
VGS = 0 V, ID = 250
µA
30
V
∆BVDSS
===∆TJ
Breakdown Voltage Temperature
Coefficient
ID = 250
µA, Referenced to 25°C
22
mV/
°C
IDSS
Zero Gate Voltage Drain Current
VDS = 24 V, VGS = 0 V
1
µA
IGSSF
Gate–Body Leakage, Forward
VGS = 12 V, VDS = 0 V
100
nA
IGSSR
Gate–Body Leakage, Reverse
VGS = –12 V, VDS = 0 V
–100
nA
On Characteristics
(Note 2)
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250
µA
0.8
1.4
2
V
∆VGS(th)
===∆TJ
Gate Threshold Voltage
Temperature Coefficient
ID = 250
µA, Referenced to 25°C
– 4
mV/
°C
RDS(on)
Static Drain–Source
On–Resistance
VGS = 4.5 V, ID = 5.5 A
VGS = 10 V, ID = 6.2 A
VGS = 4.5 V, ID = 5.5 A, TJ =125
°C
25
23
34
30
26
48
m
ID(on)
On–State Drain Current
VGS = 4.5 V, VDS = 5 V
20
A
gFS
Forward Transconductance
VDS = 10 V,
ID = 5.5 A
33
S
Dynamic Characteristics
Ciss
Input Capacitance
1460
pF
Coss
Output Capacitance
227
pF
Crss
Reverse Transfer Capacitance
VDS = 15 V, V GS = 0 V,
f = 1.0 MHz
96
pF
Switching Characteristics (Note 2)
td(on)
Turn–On Delay Time
8
16
ns
tr
Turn–On Rise Time
9
18
ns
td(off)
Turn–Off Delay Time
35
56
ns
tf
Turn–Off Fall Time
VDS = 15 V, ID = 1 A,
VGS = 4.5 V, RGEN = 6
714
ns
Qg
Total Gate Charge
13
21
nC
Qgs
Gate–Source Charge
3.6
nC
Qgd
Gate–Drain Charge
VDS = 15 V, ID = 6.2 A,
VGS = 4.5 V
3.6
nC
Drain–Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain–Source Diode Forward Current
1.3
A
VSD
Drain–Source Diode Forward
Voltage
VGS = 0 V,
IS = 1.3 A
(Note 2)
0.7
1.2
V
Notes:
1. R
θJA is the sum of the junction-to-case and case-to-ambient resistance where the case thermal reference is defined as the solder mounting surface of the drain
pins. R
θJC is guaranteed by design while RθCA is determined by the user's board design.
a. 78°C/W when mounted on a 1in
2 pad of 2oz copper on FR-4 board.
b. 156°C/W when mounted on a minimum pad.
2. Pulse Test: Pulse Width
≤=300 µs, Duty Cycle ≤=2.0%


Similar Part No. - FDC645

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDC645N FAIRCHILD-FDC645N Datasheet
80Kb / 5P
   N-Channel PowerTrench MOSFET
FDC645N FAIRCHILD-FDC645N_01 Datasheet
80Kb / 5P
   N-Channel PowerTrench MOSFET
More results

Similar Description - FDC645

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD8896 FAIRCHILD-FDD8896 Datasheet
130Kb / 11P
   N-Channel PowerTrench MOSFET
FDD5680 FAIRCHILD-FDD5680 Datasheet
83Kb / 4P
   N-Channel, PowerTrench??MOSFET
FDD20AN06_F085 FAIRCHILD-FDD20AN06_F085 Datasheet
325Kb / 11P
   N-Channel PowerTrench MOSFET
logo
ON Semiconductor
FDD86369 ONSEMI-FDD86369 Datasheet
1Mb / 8P
   N-Channel PowerTrench MOSFET
January, 2017, Rev. 1.0
logo
Fairchild Semiconductor
FDMS86152 FAIRCHILD-FDMS86152 Datasheet
258Kb / 7P
   N-Channel PowerTrench MOSFET
logo
ON Semiconductor
FDWS86380_F085 ONSEMI-FDWS86380_F085 Datasheet
528Kb / 8P
   N-Channel PowerTrench MOSFET
December, 2016, Rev. 1.0
logo
Fairchild Semiconductor
FDP8876 FAIRCHILD-FDP8876 Datasheet
303Kb / 6P
   N-Channel PowerTrench MOSFET
FDB8441 FAIRCHILD-FDB8441 Datasheet
307Kb / 7P
   N-Channel PowerTrench MOSFET
FDD13AN06A0 FAIRCHILD-FDD13AN06A0 Datasheet
281Kb / 11P
   N-Channel PowerTrench MOSFET
FDP8874 FAIRCHILD-FDP8874 Datasheet
264Kb / 10P
   N-Channel PowerTrench MOSFET
FDS8984 FAIRCHILD-FDS8984_10 Datasheet
446Kb / 6P
   N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com