Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDC655AN Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FDC655AN
Description  Single N-Channel, Logic Level, PowerTrenchTM MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDC655AN Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDC655AN Datasheet HTML 1Page - Fairchild Semiconductor FDC655AN Datasheet HTML 2Page - Fairchild Semiconductor FDC655AN Datasheet HTML 3Page - Fairchild Semiconductor FDC655AN Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS (T
A = 25°C unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
OFF CHARACTERISTICS
BV
DSS
Drain-Source Breakdown Voltage
V
GS = 0 V, ID = 250 µA
30
V
BV
DSS/TJ
Breakdown Voltage Temp. Coefficient
I
D = 250 µA, Referenced to 25
oC
23
mV /
oC
I
DSS
Zero Gate Voltage Drain Current
V
DS = 24 V, VGS = 0 V
1
µA
T
J = 55
oC
10
µA
I
GSSF
Gate - Body Leakage, Forward
V
GS = 20 V, VDS = 0 V
100
nA
I
GSSR
Gate - Body Leakage, Reverse
V
GS = -20 V, VDS= 0 V
-100
nA
ON CHARACTERISTICS (Note 2)
V
GS(th)
Gate Threshold Voltage
V
DS = VGS, ID = 250 µA
1
1.6
3
V
V
GS(th)/TJ
Gate Threshold VoltageTemp.Coefficient
I
D = 250 µA, Referenced to 25
oC
-4.2
mV /
oC
R
DS(ON)
Static Drain-Source On-Resistance
V
GS = 10 V, ID = 6.3 A
0.023
0.027
T
J = 125
oC
0.035
0.045
V
GS = 4.5 V, ID = 5.5 A
0.029
0.035
I
D(on)
On-State Drain Current
V
GS = 10 V, VDS = 5 V
20
A
g
FS
Forward Transconductance
V
DS = 10 V, ID = 6.3 A
4.5
S
DYNAMIC CHARACTERISTICS
C
iss
Input Capacitance
V
DS = 15 V, VGS = 0 V,
830
pF
C
oss
Output Capacitance
f = 1.0 MHz
185
pF
C
rss
Reverse Transfer Capacitance
80
pF
SWITCHING CHARACTERISTICS (Note 2)
t
D(on)
Turn - On Delay Time
V
DD = 15 V, ID = 1 A,
6
12
ns
t
r
Turn - On Rise Time
V
GS = 10 V, RGEN = 6
10
18
ns
t
D(off)
Turn - Off Delay Time
18
29
ns
t
f
Turn - Off Fall Time
5
12
ns
Q
g
Total Gate Charge
V
DS = 15 V, ID = 6.3 A,
9
13
nC
Q
gs
Gate-Source Charge
V
GS = 5 V
2.8
nC
Q
gd
Gate-Drain Charge
3.1
nC
DRAIN-SOURCE DIODE CHARACTERISTICS
I
S
Continuous Source Diode Current
1.3
A
V
SD
Drain-Source Diode Forward Voltage
V
GS = 0 V, IS = 1.3 A
(Note 2)
0.73
1.2
V
Notes:
1. RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of the drain pins. RθJC is guaranteed by
design while RθCA is determined by the user's board design.
a. 78
oC/W when mounted on a minimum on a 1 in2 pad of 2oz Cu in FR-4 board.
b. 156
oC/W when mounted on a minimum pad of 2oz Cu in FR-4 board.
2. Pulse Test: Pulse Width < 300µs, Duty Cycle < 2.0%.
FDC655AN Rev.C


Similar Part No. - FDC655AN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDC655BN FAIRCHILD-FDC655BN Datasheet
528Kb / 6P
   Single N-Channel, Logic Level, PowerTrench MOSFET
More results

Similar Description - FDC655AN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS6612A FAIRCHILD-FDS6612A Datasheet
246Kb / 8P
   Single N-Channel, Logic Level, PowerTrenchTM MOSFET
FDR4420A FAIRCHILD-FDR4420A Datasheet
224Kb / 4P
   Single N-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6670A FAIRCHILD-FDS6670A Datasheet
242Kb / 8P
   Single N-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6690A FAIRCHILD-FDS6690A Datasheet
457Kb / 6P
   Single N-Channel, Logic Level, PowerTrenchTM MOSFET
FDP6035AL FAIRCHILD-FDP6035AL Datasheet
93Kb / 5P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDN359AN FAIRCHILD-FDN359AN Datasheet
264Kb / 8P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDP6670AL FAIRCHILD-FDP6670AL Datasheet
413Kb / 5P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDP7030BL FAIRCHILD-FDP7030BL Datasheet
112Kb / 5P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDS6630A FAIRCHILD-FDS6630A Datasheet
197Kb / 8P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDD6690A FAIRCHILD-FDD6690A Datasheet
61Kb / 5P
   N-Channel, Logic Level, PowerTrenchTM MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com