Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3904BU Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 2N3904BU
Description  NPN General Purpose Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

2N3904BU Datasheet(HTML) 2 Page - Fairchild Semiconductor

  2N3904BU Datasheet HTML 1Page - Fairchild Semiconductor 2N3904BU Datasheet HTML 2Page - Fairchild Semiconductor 2N3904BU Datasheet HTML 3Page - Fairchild Semiconductor 2N3904BU Datasheet HTML 4Page - Fairchild Semiconductor 2N3904BU Datasheet HTML 5Page - Fairchild Semiconductor 2N3904BU Datasheet HTML 6Page - Fairchild Semiconductor 2N3904BU Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
2N3904 / MMBT3904 / PZT3904 Rev. B0
2
Electrical Characteristics T
a = 25°C unless otherwise noted
* Pulse Test: Pulse Width
≤ 300μs, Duty Cycle ≤ 2.0%
Ordering Information
Symbol
Parameter
Test Condition
Min.
Max.
Units
OFF CHARACTERISTICS
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC = 1.0mA, IB = 0
40
V
V(BR)CBO
Collector-Base Breakdown Voltage
IC = 10μA, IE = 0
60
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE = 10μA, IC = 0
6.0
V
IBL
Base Cutoff Current
VCE = 30V, VEB = 3V
50
nA
ICEX
Collector Cutoff Current
VCE = 30V, VEB = 3V
50
nA
ON CHARACTERISTICS*
hFE
DC Current Gain
IC = 0.1mA, VCE = 1.0V
IC = 1.0mA, VCE = 1.0V
IC = 10mA, VCE = 1.0V
IC = 50mA, VCE = 1.0V
IC = 100mA, VCE = 1.0V
40
70
100
60
30
300
VCE(sat)
Collector-Emitter Saturation Voltage
IC = 10mA, IB = 1.0mA
IC = 50mA, IB = 5.0mA
0.2
0.3
V
V
VBE(sat)
Base-Emitter Saturation Voltage
IC = 10mA, IB = 1.0mA
IC = 50mA, IB = 5.0mA
0.65
0.85
0.95
V
V
SMALL SIGNAL CHARACTERISTICS
fT
Current Gain - Bandwidth Product
IC = 10mA, VCE = 20V,
f = 100MHz
300
MHz
Cobo
Output Capacitance
VCB = 5.0V, IE = 0,
f = 1.0MHz
4.0
pF
Cibo
Input Capacitance
VEB = 0.5V, IC = 0,
f = 1.0MHz
8.0
pF
NF
Noise Figure
IC = 100μA, VCE = 5.0V,
RS = 1.0kΩ,
f = 10Hz to 15.7kHz
5.0
dB
SWITCHING CHARACTERISTICS
td
Delay Time
VCC = 3.0V, VBE = 0.5V
IC = 10mA, IB1 = 1.0mA
35
ns
tr
Rise Time
35
ns
ts
Storage Time
VCC = 3.0V, IC = 10mA,
IB1 = IB2 = 1.0mA
200
ns
tf
Fall Time
50
ns
Part Number
Marking
Package
Packing Method
Pack Qty
2N3904BU
2N3904
TO-92
BULK
10000
2N3904TA
2N3904
TO-92
AMMO
2000
2N3904TAR
2N3904
TO-92
AMMO
2000
2N3904TF
2N3904
TO-92
TAPE REEL
2000
2N3904TFR
2N3904
TO-92
TAPE REEL
2000
MMBT3904
1A
SOT-23
TAPE REEL
3000
MMBT3904_D87Z
1A
SOT-23
TAPE REEL
10000
PZT3904
3904
SOT-223
TAPE REEL
2500


Similar Part No. - 2N3904BU

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N3904BU ONSEMI-2N3904BU Datasheet
329Kb / 9P
   NPN General - Purpose Amplifier
July, 2021 ??Rev. 2
More results

Similar Description - 2N3904BU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BCW33 FAIRCHILD-BCW33 Datasheet
85Kb / 5P
   NPN General Purpose Amplifier
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
   NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
   NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
   NPN General Purpose Amplifier
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
   NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
   NPN General Purpose Amplifier
2N3904 FAIRCHILD-2N3904 Datasheet
64Kb / 7P
   NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124 Datasheet
93Kb / 2P
   NPN General Purpose Amplifier
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
2N4953 FAIRCHILD-2N4953 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com