Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6N136SDM Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # 6N136SDM
Description  Single-Channel: 6N135M, 6N136M, HCPL4503M Dual-Channel: HCPL2530M, HCPL2531M (Preliminary) HIGH SPEED TRANSISTOR OPTOCOUPLERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

6N136SDM Datasheet(HTML) 3 Page - Fairchild Semiconductor

  6N136SDM Datasheet HTML 1Page - Fairchild Semiconductor 6N136SDM Datasheet HTML 2Page - Fairchild Semiconductor 6N136SDM Datasheet HTML 3Page - Fairchild Semiconductor 6N136SDM Datasheet HTML 4Page - Fairchild Semiconductor 6N136SDM Datasheet HTML 5Page - Fairchild Semiconductor 6N136SDM Datasheet HTML 6Page - Fairchild Semiconductor 6N136SDM Datasheet HTML 7Page - Fairchild Semiconductor 6N136SDM Datasheet HTML 8Page - Fairchild Semiconductor 6N136SDM Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
©2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
6N13XM, HCPLXXXM Rev. 1.0.6
3
Electrical Characteristics
(TA = 0 to 70°C unless otherwise specified. Typical value is measured at TA = 25ºC and VCC = 5.0V.)
Individual Component Characteristics
Symbol
Parameter
Test Conditions
Device
Min.
Typ.
Max.
Unit
EMITTER
VF
Input Forward Voltage
IF = 16mA, TA =25°C
All
1.45
1.7
V
IF = 16mA
All
1.8
BVR
Input Reverse
Breakdown Voltage
IR = 10 µA
All
5.0
21
V
∆V
F/∆TA
Temperature Coefficient
of Forward Voltage
IF = 16mA
All
-1.7
mV/°C
DETECTOR
IOH
Logic High Output
Current
IF = 0mA, VO = VCC = 5.5V,
TA =25°C
All
0.0007
0.5
µA
IF = 0mA, VO = VCC = 15V,
TA =25°C
6N135M
6N136M
HCPL4503M
0.0019
1
IF = 0mA, VO = VCC = 15V
All
50
ICCL
Logic Low Supply
Current
IF = 16mA, VO = Open,
VCC = 15V
6N135M
6N136M
HCPL4503M
163
200
µA
IF1 = IF2 = 16mA,
VO = Open, VCC = 15V
HCPL2530M
HCPL2531M
400
ICCH
Logic High Supply
Current
IF = 0mA, VO = Open,
VCC = 15V, TA =25°C
6N135M
6N136M
HCPL4503M
0.0002
1
µA
IF = 0mA, VO = Open,
VCC = 15V
6N135M
6N136M
HCPL4503M
0.0004
2
IF = 0mA, VO = Open,
VCC = 15V
HCPL2530M
HCPL2531M
4


Similar Part No. - 6N136SDM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
6N136SD FAIRCHILD-6N136SD Datasheet
577Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
6N136SD FAIRCHILD-6N136SD Datasheet
592Kb / 12P
   High Speed Transistor Optocouplers
6N136SDV FAIRCHILD-6N136SDV Datasheet
577Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
6N136SDV FAIRCHILD-6N136SDV Datasheet
592Kb / 12P
   High Speed Transistor Optocouplers
More results

Similar Description - 6N136SDM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HCPL4503M FAIRCHILD-HCPL4503M_10 Datasheet
422Kb / 15P
   Single-Channel: 6N135M, 6N136M, HCPL4503M Dual-Channel: HCPL2530M, HCPL2531M (Preliminary)
6N135M FAIRCHILD-6N135M_10 Datasheet
422Kb / 15P
   Dual-Channel: HCPL2530M, HCPL2531M (Preliminary) High Speed Transistor Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0531-500E AVAGO-HCPL-0531-500E Datasheet
179Kb / 14P
   Dual Channel, High Speed Optocouplers
logo
Agilent(Hewlett-Packard...
6N135 HP-6N135 Datasheet
149Kb / 16P
   Single Channel, High Speed Optocouplers
logo
Shenzhen Tenand Technol...
6N138 TENAND-6N138 Datasheet
698Kb / 15P
   Single Channel, High Speed Optocouplers
logo
Lite-On Technology Corp...
6N135 LITEON-6N135 Datasheet
623Kb / 15P
   Single Channel, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2530-000E AVAGO-HCPL-2530-000E Datasheet
179Kb / 14P
   Dual Channel, High Speed Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL2530 HP-HCPL2530 Datasheet
207Kb / 12P
   Dual Channel, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N136-500E AVAGO-6N136-500E Datasheet
691Kb / 17P
   Single Channel, High Speed Optocouplers
HCPL-4503-500E AVAGO-HCPL-4503-500E Datasheet
351Kb / 16P
   Single Channel, High Speed Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com