Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDC658P Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FDC658P
Description  Single P-Channel, Logic Level, PowerTrenchTM MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDC658P Datasheet(HTML) 7 Page - Fairchild Semiconductor

  FDC658P Datasheet HTML 1Page - Fairchild Semiconductor FDC658P Datasheet HTML 2Page - Fairchild Semiconductor FDC658P Datasheet HTML 3Page - Fairchild Semiconductor FDC658P Datasheet HTML 4Page - Fairchild Semiconductor FDC658P Datasheet HTML 5Page - Fairchild Semiconductor FDC658P Datasheet HTML 6Page - Fairchild Semiconductor FDC658P Datasheet HTML 7Page - Fairchild Semiconductor FDC658P Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
© 1998 Fairchild Semiconductor Corporation
SuperSOT
™-6 (FS PKG Code 31, 33)
1 : 1
Scale 1:1 on letter size paper
Dimensions shown below are in:
inches [millimeters]
Part Weight per unit (gram): 0.0158
SuperSOTTM-6 Tape and Reel Data and Package Dimensions, continued
September 1998, Rev. A


Similar Part No. - FDC658P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDC658AP FAIRCHILD-FDC658AP Datasheet
275Kb / 5P
   Single P-Channel Logic Level PowerTrench짰 MOSFET -30V, -4A, 50mOhm
logo
Guangdong Kexin Industr...
FDC658AP KEXIN-FDC658AP Datasheet
1Mb / 4P
   P-Channel MOSFET
logo
VBsemi Electronics Co.,...
FDC658AP VBSEMI-FDC658AP Datasheet
1,005Kb / 9P
   P-Channel 30-V (D-S) MOSFET
More results

Similar Description - FDC658P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SI4425DY FAIRCHILD-SI4425DY Datasheet
119Kb / 5P
   Single P-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6575 FAIRCHILD-FDS6575 Datasheet
247Kb / 8P
   Single P-Channel, Logic Level, PowerTrenchTM MOSFET
FDR858P FAIRCHILD-FDR858P Datasheet
261Kb / 8P
   Single P-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6675 FAIRCHILD-FDS6675 Datasheet
247Kb / 5P
   Single P-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6675 FAIRCHILD-FDS6675_07 Datasheet
515Kb / 5P
   Single P-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6685 FAIRCHILD-FDS6685 Datasheet
204Kb / 8P
   P-Channel Logic Level PowerTrenchTM MOSFET
FDS4435 FAIRCHILD-FDS4435 Datasheet
637Kb / 8P
   P-Channel Logic Level PowerTrenchTM MOSFET
FDS4953 FAIRCHILD-FDS4953 Datasheet
249Kb / 8P
   Dual P-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6975 FAIRCHILD-FDS6975 Datasheet
249Kb / 8P
   Dual P-Channel, Logic Level, PowerTrenchTM MOSFET
FDR8308P FAIRCHILD-FDR8308P Datasheet
268Kb / 8P
   Dual P-Channel, Logic Level, PowerTrenchTM MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com