Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZY47-C30 Datasheet(PDF) 2 Page - First Components International

Part # BZY47-C30
Description  2 Watt ZENER DIODES (3.3V to 200V) PRO ELECTRON REGISTRATION
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

BZY47-C30 Datasheet(HTML) 2 Page - First Components International

  BZY47-C30 Datasheet HTML 1Page - First Components International BZY47-C30 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Data Sheet
2 Watt
ZENER DIODES (3.3V to 200V)
Zener
Voltage
Range
Test
Current
I
ZT
Max. Zener
Impedance
Min. Reverse
Voltage @
I
R = 1µA
3.1 - 3.5
3.4 - 3.8
3.7 - 4.1
4.0 - 4.6
4.4 - 5.0
4.8 - 5.4
5.2 - 6.0
5.8 - 6.6
6.4 - 7.2
7.0 - 7.9
7.7 - 8.7
8.5 - 9.6
9.4 - 10.6
10.4 - 11.6
11.4 - 12.7
12.4 - 14.1
13.8 - 15.8
15.3 - 17.1
16.8 - 19.1
18.8 - 21.2
20.8 - 23.3
22.8 - 25.6
25.1 - 28.9
28 - 32
31 - 35
34 - 38
37 - 41
40 - 46
44 - 50
48 - 54
52 - 60
58 - 66
64 - 72
70 - 79
77 - 88
85 - 96
94 - 106
104 - 116
114 - 127
124 - 141
138 - 156
153 - 171
168 - 191
188 - 212
100
100
100
100
100
100
100
100
100
100
50
50
50
50
50
50
50
25
25
25
25
25
25
25
25
10
10
10
10
10
10
10
10
10
10
5
5
5
5
5
5
5
5
5
Z
ZT @ IZT (Ω)
Part#
Electrical Characteristics @ 25OC.
BZY47-C3V3
BZY47-C3V6
BZY47-C3V9
BZY47-C4V3
BZY47-C4V7
BZY47-C5V1
BZY47-C5V6
BZY47-C6V2
BZY47-C6V8
BZY47-C7V5
BZY47-C8V2
BZY47-C9V1
BZY47-C10
BZY47-C11
BZY47-C12
BZY47-C13
BZY47-C15
BZY47-C16
BZY47-C18
BZY47-C20
BZY47-C22
BZY47-C24
BZY47-C27
BZY47-C30
BZY47-C33
BZY47-C36
BZY47-C39
BZY47-C43
BZY47-C47
BZY47-C51
BZY47-C56
BZY47-C62
BZY47-C68
BZY47-C75
BZY47-C82
BZY47-C91
BZY47-C100
BZY47-C110
BZY47-C120
BZY47-C130
BZY47-C150
BZY47-C160
BZY47-C180
BZY47-C200
3.8
3.8
3.8
3.8
3.8
2
1
1
1
2
2
4
4
7
7
10
10
15
15
15
15
15
15
15
15
40
40
45
45
60
60
80
80
100
100
200
200
250
250
300
300
350
350
350
Typical
Temp. Coeff.
(% /oC)
Max. Regulator
Current @ 45°°°°°
C
I
ZR
- 0.06
- 0.06
- 0.06
+/- 0.03
+/- 0.03
+/- 0.035
+/- 0.035
+/- 0.035
+/- 0.035
+/- 0.035
+/- 0.055
+/- 0.065
+/- 0.070
+/- 0.075
+/- 0.075
+/- 0.075
+/- 0.075
+/- 0.085
+/- 0.085
+/- 0.085
+/- 0.085
+/- 0.085
+/- 0.085
+/- 0.085
+/- 0.085
+/- 0.085
+/- 0.085
+/- 0.095
+/- 0.095
+/- 0.095
+/- 0.095
+/- 0.105
+/- 0.105
+/- 0.105
+/- 0.105
+/- 0.11
+/- 0.11
+/- 0.11
+/- 0.11
+/- 0.11
+/- 0.11
+/- 0.11
+/- 0.11
+/- 0.11
0.5
0.5
0.5
1.0
1.0
1.0
2.0
2.0
2.0
2.0
3.5
3.5
5.0
5.0
7.0
7.0
10
10
10
10
12
12
14
14
17
17
20
20
24
24
28
28
34
34
41
41
50
50
60
60
75
75
90
90
435
385
345
320
310
280
255
235
220
200
180
165
145
135
120
110
98
90
80
72
66
50
53
48
44
40
37
33
30
27
25
21
20
18
16
15
13
12
11
10
9
8.5
8.0
7.5
Page 12-16


Similar Part No. - BZY47-C30

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
BZY47-C30 FCI-BZY47-C30 Datasheet
81Kb / 2P
   ZENER DIODES (3.3V to 200V)
More results

Similar Description - BZY47-C30

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
1N5913 FCI-1N5913 Datasheet
113Kb / 2P
   1.5 Watt ZENER DIODES(3.3V to 200V)
BZY47C3V3 FCI-BZY47C3V3 Datasheet
81Kb / 2P
   ZENER DIODES (3.3V to 200V)
1N5227A FCI-1N5227A Datasheet
162Kb / 3P
   쩍 Watt ZENER DIODES (2.4V to 200V)
1N5228A FCI-1N5228A Datasheet
162Kb / 3P
   쩍 Watt ZENER DIODES (2.4V to 200V)
1N4728 FCI-1N4728 Datasheet
172Kb / 2P
   1 Watt ZENER DIODES (3.3V to 100V)
BZX85C3V3 FCI-BZX85C3V3 Datasheet
98Kb / 2P
   1 - 1.3 Watt ZENER DIODES (3.3V to 100V)
1N5221A FCI-1N5221A Datasheet
162Kb / 3P
   ZENER DIODES (2.4V to 200V)
1N5222A FCI-1N5222A Datasheet
162Kb / 3P
   ZENER DIODES (2.4V to 200V)
1N5225A FCI-1N5225A Datasheet
162Kb / 3P
   ZENER DIODES (2.4V to 200V)
1N5224A FCI-1N5224A Datasheet
162Kb / 3P
   ZENER DIODES (2.4V to 200V)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com