Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZY47-C30 Datasheet(PDF) 1 Page - First Components International

Part # BZY47-C30
Description  2 Watt ZENER DIODES (3.3V to 200V) PRO ELECTRON REGISTRATION
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

BZY47-C30 Datasheet(HTML) 1 Page - First Components International

  BZY47-C30 Datasheet HTML 1Page - First Components International BZY47-C30 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
Features
n PRO ELECTRON REGISTRATION
n HIGH SURGE CAPABILITY...50 W @ 10mA
Mechanical Dimensions
n WIDE VOLTAGE RANGE...3.3 to 200V
n MEETS UL SPECIFICATION 94V-0
Maximum Ratings
BZY47C3V3...C200
Data Sheet
2 Watt
ZENER DIODES (3.3V to 200V)
Page 12-15
Units
DC Power Dissipation with T
A = 70
...P
D
Junction to Ambient Thermal Resistance...R
θJA
Lead Temperature...T
L
Operating & Storage Temperature Range...T
J, TSTRG
°C
°C
............................................. 2.0 ...............................................
............................................. 52.5 ...............................................
............................................. 300 ...............................................
W
°C / W
°C
......................................... -65 to 175 ..........................................
Breakdown Characteristics
Zener Voltage (V)
.205
.160
1.00 Min.
.031 typ.
.080
.107
JEDEC
D0-41


Similar Part No. - BZY47-C30

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
BZY47-C30 FCI-BZY47-C30 Datasheet
81Kb / 2P
   ZENER DIODES (3.3V to 200V)
More results

Similar Description - BZY47-C30

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
1N5913 FCI-1N5913 Datasheet
113Kb / 2P
   1.5 Watt ZENER DIODES(3.3V to 200V)
BZY47C3V3 FCI-BZY47C3V3 Datasheet
81Kb / 2P
   ZENER DIODES (3.3V to 200V)
1N5227A FCI-1N5227A Datasheet
162Kb / 3P
   쩍 Watt ZENER DIODES (2.4V to 200V)
1N5228A FCI-1N5228A Datasheet
162Kb / 3P
   쩍 Watt ZENER DIODES (2.4V to 200V)
1N4728 FCI-1N4728 Datasheet
172Kb / 2P
   1 Watt ZENER DIODES (3.3V to 100V)
BZX85C3V3 FCI-BZX85C3V3 Datasheet
98Kb / 2P
   1 - 1.3 Watt ZENER DIODES (3.3V to 100V)
1N5221A FCI-1N5221A Datasheet
162Kb / 3P
   ZENER DIODES (2.4V to 200V)
1N5222A FCI-1N5222A Datasheet
162Kb / 3P
   ZENER DIODES (2.4V to 200V)
1N5225A FCI-1N5225A Datasheet
162Kb / 3P
   ZENER DIODES (2.4V to 200V)
1N5224A FCI-1N5224A Datasheet
162Kb / 3P
   ZENER DIODES (2.4V to 200V)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com