Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDMS86201 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDMS86201
Description  N-Channel PowerTrench짰 MOSFET 120 V, 35 A, 11.5 m
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDMS86201 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDMS86201 Datasheet HTML 1Page - Fairchild Semiconductor FDMS86201 Datasheet HTML 2Page - Fairchild Semiconductor FDMS86201 Datasheet HTML 3Page - Fairchild Semiconductor FDMS86201 Datasheet HTML 4Page - Fairchild Semiconductor FDMS86201 Datasheet HTML 5Page - Fairchild Semiconductor FDMS86201 Datasheet HTML 6Page - Fairchild Semiconductor FDMS86201 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
April 2010
©2010 Fairchild Semiconductor Corporation
FDMS86201 Rev.C
www.fairchildsemi.com
1
Preliminary Datasheet
FDMS86201
N-Channel PowerTrench® MOSFET
120 V, 35 A, 11.5 m
:
Features
„ Max rDS(on) = 11.5 m: at VGS = 10 V, ID = 11.6 A
„ Max rDS(on) = 14.5 m: at VGS = 6 V, ID = 10.7 A
„ Advanced Package and Silicon combination for low rDS(on)
and high efficiency
„ MSL1 robust package design
„ 100% UIL tested
„ RoHS Compliant
General Description
This
N-Channel
MOSFET
is
produced using Fairchild
Semiconductor‘s advanced Power Trench® process that has
been especially tailored to minimize the on-state resistance and
yet maintain superior switching performance.
Application
„ DC-DC Conversion
Power 56
D
D
D
D
G
S
S
S
Pin 1
Bottom
Top
G
S
S
S
D
D
D
D
5
6
7
8
3
2
1
4
MOSFET Maximum Ratings T
A = 25 °C unless otherwise noted
Thermal Characteristics
Package Marking and Ordering Information
Symbol
Parameter
Ratings
Units
VDS
Drain to Source Voltage
120
V
VGS
Gate to Source Voltage
±20
V
ID
Drain Current -Continuous (Package limited)
TC = 25 °C
35
A
-Continuous (Silicon limited)
TC = 25 °C
65
-Continuous
TA = 25 °C
(Note 1a)
11.6
-Pulsed
160
EAS
Single Pulse Avalanche Energy
(Note 3)
264
mJ
PD
Power Dissipation
TC = 25 °C
104
W
Power Dissipation
TA = 25 °C
(Note 1a)
2.5
TJ, TSTG
Operating and Storage Junction Temperature Range
-55 to +150
°C
RTJC
Thermal Resistance, Junction to Case
1.2
°C/W
RTJA
Thermal Resistance, Junction to Ambient
(Note 1a)
50
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FDMS86201
FDMS86201
Power 56
13 ’’
12 mm
3000 units


Similar Part No. - FDMS86201

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMS86200 FAIRCHILD-FDMS86200 Datasheet
319Kb / 7P
   N-Channel Power Trench짰 MOSFET 150 V, 49 A, 18 m廓
FDMS86200DC FAIRCHILD-FDMS86200DC Datasheet
1Mb / 2P
   DUAL COOL??PACKAGE POWERTRENCH짰 MOSFETs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com