Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCR0340 Datasheet(PDF) 1 Page - First Components International

Part # FCR0340
Description  0.3 Amp Silicon Controlled Rectifiers VOID-FREE GLASS PASSIVATED CHIPS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FCR0340 Datasheet(HTML) 1 Page - First Components International

  FCR0340 Datasheet HTML 1Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
V
DRM
Volts
V
RRM
200
300
400
I
T(AV)
0.3
Amps
V
TSM
6
Amps
I
GTM
0.1
Amps
P
GM
0.1
Watts
P
G(AV)
0.05
Watts
I
DRM
10
µAmps
I
RRM
200
V
TM
1.7
Volts
I
HO
5
mAmps
Critical
5
Volts/µsec
dV/dt
I
GT
200
µAmps
V
GT
0.8
Volts
T
gt
2.2
µsec
R
θJC
75
o
C/Watt
T
STG
-40 to 150
o
C
T
OPER
-40 to 110
o
C
Repetitive Peak Off-State Voltage and
Repetitive Peak Reverse Voltage @ T
C = 125
o
C
FCR0320
FCR0330
FCR0340
RMS On-State Current @ T
C = 50
o
C and
Conduction Angle of 180o
Peak-Surge On-State Current
One cycle @ 50Hz or 60Hz
Peak Gate-Trigger Current for 3µs max.
Peak Gate-Power Dissipation @ I
GT < IGTM
Average Gate-Power Dissipation
Peak Off-State Current (1)
T
C = 25
o
C
@ Rated Reverse Voltage T
C = 125
o
C
Maximum On-State Voltage @ T
C = 25
o
C and I
T = 0.3A
DC Holding Current (1), Gate Open, T
C = 25
o
C
Critical Rate-Of-Rise of Off-State Voltage (1)
Gate Open, T
C = 110
o
C
DC Gate -Trigger Current for Anode (2)
DC Gate -Trigger Voltage for Anode (2)
Gate-Controlled Turn-On Time, t
D + tR
I
GT = 10mA, TC = 25
o
C
Typical Thermal Resistance Junction to Case
Storage Temperature Range
Operating Temperature Range
Description
Data Sheet
0.3 Amp Silicon
Controlled Rectifiers
Maximum Ratings and Electrical Characteristics
Symbol
Value
Units
Notes:
(1) R
G-K = 1kΩ.
(2) Voltage = 7Vdc, R
L = 100Ω, TC = 25
o
C.
Mechanical Dimensions
Features
n DIRECTLY DRIVEN WITH IC
AND MOS DEVICE
n VOID-FREE GLASS PASSIVATED CHIPS
n AVAILABLE IN VOLTAGE RATINGS
FROM 200 TO 400 VOLTS
n SENSITIVE GATE TRIGGER CURRENT
1
2
3
TO-92
1. CATHODE
2. GATE
3. ANODE


Similar Part No. - FCR0340

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FCR0340S FCI-FCR0340S Datasheet
161Kb / 2P
   0.3 Amp Silicon Controlled Rectifiers Mechanical Dimensions
More results

Similar Description - FCR0340

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FCR0320S FCI-FCR0320S Datasheet
161Kb / 2P
   0.3 Amp Silicon Controlled Rectifiers Mechanical Dimensions
logo
Goodwork Semiconductor ...
1N5400G GWSEMI-1N5400G Datasheet
65Kb / 2P
   AMP GLASS PASSIVATED RECTIFIERS
logo
First Components Intern...
RL801 FCI-RL801 Datasheet
85Kb / 2P
   8.0 Amp Glass Passivated PLASTIC SILICON RECTIFIERS
logo
Nell Semiconductor Co.,...
85D NELLSEMI-85D Datasheet
519Kb / 7P
   Glass passivated chips
logo
Leshan Radio Company
3QL60AK-22 LRC-3QL60AK-22 Datasheet
368Kb / 4P
   Glass passivated chips
3QL50AK-22 LRC-3QL50AK-22 Datasheet
454Kb / 4P
   Glass passivated chips
logo
Taiwan Semiconductor Co...
1T1G TSC-1T1G Datasheet
54Kb / 2P
   1.0 AMP. Glass Passivated Rectifiers
logo
Jinan Gude Electronic D...
6A05G JGD-6A05G Datasheet
137Kb / 2P
   6.0 AMP. GLASS PASSIVATED RECTIFIERS
logo
Formosa MS
1N4001G FORMOSA-1N4001G Datasheet
32Kb / 2P
   1.0 AMP GLASS PASSIVATED RECTIFIERS
1N5400G FORMOSA-1N5400G Datasheet
32Kb / 2P
   3.0 AMP GLASS PASSIVATED RECTIFIERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com