Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDPF3N50NZ Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FDPF3N50NZ
Description  N-Channel UniFETTM II MOSFET?
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDPF3N50NZ Datasheet(HTML) 8 Page - Fairchild Semiconductor

  FDPF3N50NZ Datasheet HTML 1Page - Fairchild Semiconductor FDPF3N50NZ Datasheet HTML 2Page - Fairchild Semiconductor FDPF3N50NZ Datasheet HTML 3Page - Fairchild Semiconductor FDPF3N50NZ Datasheet HTML 4Page - Fairchild Semiconductor FDPF3N50NZ Datasheet HTML 5Page - Fairchild Semiconductor FDPF3N50NZ Datasheet HTML 6Page - Fairchild Semiconductor FDPF3N50NZ Datasheet HTML 7Page - Fairchild Semiconductor FDPF3N50NZ Datasheet HTML 8Page - Fairchild Semiconductor FDPF3N50NZ Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
©2010 Fairchild Semiconductor Corporation
FDPF3N50NZ Rev. C1
www.fairchildsemi.com
8
Mechanical Dimensions
Dimensions in Millimeters
TO-220M03


Similar Part No. - FDPF3N50NZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDPF3N50NZ FAIRCHILD-FDPF3N50NZ Datasheet
298Kb / 14P
   DESIGN/PROCESS CHANGE NOTIFICATION
logo
Inchange Semiconductor ...
FDPF3N50NZ ISC-FDPF3N50NZ Datasheet
323Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDPF3N50NZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP7N60NZ FAIRCHILD-FDP7N60NZ Datasheet
354Kb / 10P
   N-Channel UniFETTM II MOSFET
FDD8N50NZTM FAIRCHILD-FDD8N50NZTM Datasheet
326Kb / 8P
   N-Channel UniFETTM II MOSFET?
FDPF12N50NZ FAIRCHILD-FDPF12N50NZ Datasheet
388Kb / 10P
   N-Channel UniFETTM II MOSFET?
FDPF5N50NZU FAIRCHILD-FDPF5N50NZU Datasheet
337Kb / 8P
   N-Channel UniFETTM II Ultra FRFETTM MOSFET?
FDA16N50F109 FAIRCHILD-FDA16N50F109 Datasheet
1Mb / 8P
   N-Channel UniFETTM MOSFET
FDD7N60NZTM FAIRCHILD-FDD7N60NZTM Datasheet
668Kb / 9P
   N-Channel UniFETTM II MOSFET 600 V, 5.5 A, 1.25 廓
FDP8N50NZ FAIRCHILD-FDP8N50NZ Datasheet
882Kb / 10P
   N-Channel UniFETTM II MOSFET 500 V, 8 A, 850 m
October 2013
FDPF12N60NZ FAIRCHILD-FDPF12N60NZ Datasheet
376Kb / 10P
   N-Channel UniFETTM II MOSFET 600 V, 12 A, 650 m?
FDPF12N50NZT FAIRCHILD-FDPF12N50NZT Datasheet
854Kb / 10P
   N-Channel UniFETTM II MOSFET 500 V, 11.5 A, 520 m
FDP16N50U FAIRCHILD-FDP16N50U Datasheet
826Kb / 9P
   N-Channel UniFETTM Ultra FRFET MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com