Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDR3502N Datasheet(PDF) 1 Page - First Components International

Part # FDR3502N
Description  35 Amp Silicon Automotive Dish Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FDR3502N Datasheet(HTML) 1 Page - First Components International

  FDR3502N Datasheet HTML 1Page - First Components International FDR3502N Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
9.5 Dish
Dimension in mm
Mechanical Dimensions
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
oC ambient temperature unless otherwise specified.
-40 to +175
FDR3502N/P FDR3504N/P
FDR3506N/P
SYMBOL
VRRM
VRMS
VB
I(AV)
IFSM
VF
IR
TJ, TSTG
600
400
420
280
600
400
35
10
450
500
UNIT
V
V
V
V
A
A
uA
uA
oC
200
140
200
1.2
Maximum Peak Repetitive Reverse Voltage@Irrm=10uA
Maximum RMS Voltage
Maximum DC Blocking Voltage(TA=25
oC)
Maximum Average Forward Current Io@Tc=150
oC
Peak Forward Surge Current, 8.3ms single
Maximum Inst. Forward Voltage Drop,
Maximum DC Reverse Current
(VB)@TJ=25
oC
Operating Junction and Storage Temperature Range
60 Hz, resistive or inductive load
Half sine-wave superimposed on rated load
(JEDEC method)
IF at 80Amp
At Rated DC Blocking Voltage
(VB)@TJ=175
oC
¬ Weight: 1.15 gram
Features
¬ Low forward voltage drop
¬ High current capability
¬ Case: OFC Heat Sink
¬ High surge current capability
¬ Encap: Epoxy Sealed Rated
Mechanical Data
¬ High reliability
UL94V-0
(P) LEAD
(N) LEAD


Similar Part No. - FDR3502N

ManufacturerPart #DatasheetDescription
logo
FCI connector
FDR3502N FCI-CONNECTOR-FDR3502N Datasheet
177Kb / 2P
   35 AMP SILICON AUTOMOTIVE DISH RECIFIERS
More results

Similar Description - FDR3502N

ManufacturerPart #DatasheetDescription
logo
FCI connector
FDR3502-3506 FCI-CONNECTOR-FDR3502-3506 Datasheet
177Kb / 2P
   35 AMP SILICON AUTOMOTIVE DISH RECTIFIERS
logo
First Components Intern...
FDR3001 FCI-FDR3001 Datasheet
177Kb / 2P
   35 Amp Silicon Automotive Dish Recitifiers
logo
FCI connector
FDR3001 FCI-CONNECTOR-FDR3001 Datasheet
177Kb / 2P
   35 AMP SILICON AUTOMOTIVE DISH RECIFIERS
FDR3002 FCI-CONNECTOR-FDR3002 Datasheet
177Kb / 2P
   35 AMP SILICON AUTOMOTIVE DISH RECIFIERS
logo
First Components Intern...
FDR20 FCI-FDR20 Datasheet
131Kb / 2P
   20 & 30 Amp AUTOMOTIVE DISH RECTIFIERS
FR3501 FCI-FR3501 Datasheet
140Kb / 2P
   35 Amp PLASTIC SILICON AUTOMOTIVE RECTIFIERS
logo
FCI connector
FR3501 FCI-CONNECTOR-FR3501 Datasheet
151Kb / 2P
   35 Amp PLASTIC SILICON AUTOMOTIVE RECTIFIERS
logo
First Components Intern...
FR3501 FCI-FR3501_1 Datasheet
151Kb / 2P
   35 Amp PLASTIC SILICON AUTOMOTIVE RECTIFIERS
PFR3501 FCI-PFR3501 Datasheet
158Kb / 2P
   35 Amp Press Fit SILICON AUTOMOTIVE RECTIFIERS
logo
DIOTEC Electronics Corp...
TVS3527D DEC-TVS3527D Datasheet
176Kb / 1P
   35 AMP OVERVOLTAGE TRANSIENT DISH DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com