Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FG2503 Datasheet(PDF) 1 Page - First Components International

Part # FG2503
Description  25.0 Amps. Glass Passivated Power Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FG2503 Datasheet(HTML) 1 Page - First Components International

  FG2503 Datasheet HTML 1Page - First Components International FG2503 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Weight: 2.24 grams
TO-220AC
Type Number
Symbol
PIN 1
-
PIN 3
+
PIN 2
CASE
Features
Low forward voltage drop
High current capability
High reliability
High surge current capability
Mechanical Data
Cases: TO-220AC molded plastic
Epoxy: UL 94V-0 rate flame retardant
Terminals: Leads solderable per MIL-STD-
202, Method 208 guaranteed
Polarity: As marked
High temperature soldering guaranteed:
260
℃/10 seconds .16”,(4.06mm) from case
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol FG
2501
FG
2502
FG
2503
FG
2504
FG
2505
FG
2506
FG
2507
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800 1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800 1000
V
Maximum Average Forward Rectified
Current .375”(9.5mm) Lead Length
@TC = 100
I(AV)
25
.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
40
0
A
Maximum Instantaneous Forward Voltage
@25A
VF
1.1
V
Maximum DC Reverse Current @ TC=25
at Rated DC Blocking Voltage
IR
10
uA
uA
Typical Junction Capacitance ( Note 1 )
Cj
100
pF
Typical Thermal Resistance (Note 2)
R
θJC
2.3
C/W
Operating and Storage Temperature Range
TJ ,TSTG
- 65 to + 175
C/W
Notes: 1. Measured at 1 MHz and Applied Reverse Voltage of 4.0 Volts D.C.
2. Thermal Resistance from Junction to Case Mounted on Heatsink size 2” x 3” x 0.25”
Al-Plate
Description
Mechanical Dimensions
Dimensions in inches and (millimeters)
MAX.412(10.5)
.06(1.52)
.05(1.27)
.594(15.1)
.587(14.9)
.56(14.22)
.53(13.46)
.037(0.94)
.027(0.68)
DIA
.205(5.20)
.195(4.95)
.154(3.91)
.148(3.74)
PIN
1
2
.185(4.70)
.175(4.44)
.11(2.79)
.10(2.54)
.025(0.64)
.014(0.35)
.055(1.40)
.045(1.14)


Similar Part No. - FG2503

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
FG256 MICROSEMI-FG256 Datasheet
8Mb / 162P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
FG256 MICROSEMI-FG256 Datasheet
11Mb / 242P
   ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
logo
Actel Corporation
FG256 ACTEL-FG256 Datasheet
824Kb / 108P
   SX-A Family FPGAs
logo
Microsemi Corporation
FG256 MICROSEMI-FG256 Datasheet
8Mb / 162P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
FG256 MICROSEMI-FG256 Datasheet
10Mb / 197P
   SmartFusion Customizable System-on-Chip (cSoC)
More results

Similar Description - FG2503

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FG25A01 FCI-FG25A01 Datasheet
192Kb / 2P
   25.0 Amps. Glass Passivated Power Rectifiers High reliability
logo
Taiwan Semiconductor Co...
P2500M TSC-P2500M Datasheet
236Kb / 4P
   25.0 AMPS. Glass Passivated Rectifier
TS25P01G TSC-TS25P01G_09 Datasheet
338Kb / 2P
   Single Phase 25.0 AMPS. Glass Passivated Bridge Rectifiers
TS25P01G TSC-TS25P01G Datasheet
48Kb / 2P
   Single Phase 25.0 AMPS. Glass Passivated Bridge Rectifiers
TS25P01G TSC-TS25P01G_1 Datasheet
115Kb / 2P
   Single Phase 25.0 AMPS. Glass Passivated Bridge Rectifiers
TS25P01G TSC-TS25P01G_11 Datasheet
140Kb / 2P
   Single Phase 25.0 Amps. Glass Passivated Bridge Rectifiers
logo
SeCoS Halbleitertechnol...
GBJ25005 SECOS-GBJ25005 Datasheet
286Kb / 2P
   25.0 AMP Glass Passivated Bridge Rectifiers
GBJ25A SECOS-GBJ25A Datasheet
187Kb / 2P
   25.0 AMP Glass Passivated Bridge Rectifiers
logo
Thinki Semiconductor Co...
GBJ25005 THINKISEMI-GBJ25005 Datasheet
422Kb / 2P
   25.0 AMPERE GLASS PASSIVATED FLAT BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
1N5400G TSC-1N5400G_1 Datasheet
61Kb / 2P
   3.0 AMPS. Glass Passivated Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com