Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVALST7590-1 Datasheet(PDF) 8 Page - STMicroelectronics

Part # EVALST7590-1
Description  Narrow-band OFDM power line networking PRIME compliant system-on-chip
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVALST7590-1 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button EVALST7590-1 Datasheet HTML 4Page - STMicroelectronics EVALST7590-1 Datasheet HTML 5Page - STMicroelectronics EVALST7590-1 Datasheet HTML 6Page - STMicroelectronics EVALST7590-1 Datasheet HTML 7Page - STMicroelectronics EVALST7590-1 Datasheet HTML 8Page - STMicroelectronics EVALST7590-1 Datasheet HTML 9Page - STMicroelectronics EVALST7590-1 Datasheet HTML 10Page - STMicroelectronics EVALST7590-1 Datasheet HTML 11Page - STMicroelectronics EVALST7590-1 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Maximum ratings
ST7590
8/24
Doc ID 18349 Rev 1
3
Maximum ratings
3.1
Absolute maximum ratings
3.2
Thermal data
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
Min
Max
VCC
Power supply voltage
-0.3
20
V
VSSA-GND
Voltage between VSSA and GND
-0.3
0.3
V
VDDIO
I/O supply voltage
-0.3
5.5
V
VI
Digital input voltage
GND-0.3
VDDIO+0.3
V
VO
Digital output voltage
GND-0.3
VDDIO+0.3
V
V(PA_IN)
PA inputs voltage range
VSS-0.3
VCC+0.3
V
V(PA_OUT)
PA_OUT voltage range
VSS-0.3
VCC+0.3
V
V(RX_IN)
RX_IN voltage range
-(VCCA+0.3)
VCC+0.3
V
V(ZC_IN)
ZC_IN voltage range
-(VCCA+0.3)
VCCA+0.3
V
V(TX_OUT, CL) TX_OUT, CL voltage range
VSSA-0.3
VCCA+0.3
V
V(XIN)
XIN voltage range
GND-0.3
VDDIO+0.3
V
I(PA_OUT)
Power amplifier output non-repetitive peak
current
5
Apeak
I(PA_OUT)
Power amplifier output non-repetitive rms
current
1.4
Arms
Tamb
Operating ambient temperature
-40
85
ºC
Tstg
Storage temperature
-50
150
ºC
V(ESD)
Maximum withstanding voltage range
test condition: cdf-aec-q100-002 “human body
model” acceptance criteria: “normal
performance”
-2
+2
kV
Table 3.
Thermal characteristics (1)
1.
Typical values.
Symbol
Parameter
QFN48 TQFP100
Unit
RthJA1 Maximum thermal resistance junction-ambient steady state
(2)
2.
Mounted on a 2s PCB.
58
50
°C/W
RthJA2 Maximum thermal resistance junction-ambient steady state
(3)
3.
Mounted on a 2s2p PCB, with a dissipating surface, connected through vias, on the bottom side of the
PCB.
32
25
°C/W


Similar Part No. - EVALST7590-1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVALSTDRIVE101 STMICROELECTRONICS-EVALSTDRIVE101 Datasheet
959Kb / 13P
   STDRIVE101 demonstration board for three-phase brushless motors
Rev 1 - October 2020
EVALSTGAP2SICSC STMICROELECTRONICS-EVALSTGAP2SICSC Datasheet
5Mb / 14P
   Demonstration board for STGAP2SiCSC isolated 4 A single gate driver
Rev 1 - October 2020
EVALSTGAP2SM STMICROELECTRONICS-EVALSTGAP2SM Datasheet
761Kb / 12P
   Demonstration board for STGAP2SM isolated 4 A single gate driver
November 2018
EVALSTISO62XV1 STMICROELECTRONICS-EVALSTISO62XV1 Datasheet
509Kb / 6P
   Dual channel digital isolator evaluation board
Rev 1 - November 2020
EVALSTPM-3PHISO STMICROELECTRONICS-EVALSTPM-3PHISO Datasheet
291Kb / 4P
   Three-phase full shunt electricity meter evaluation board based on STPMS2, STISO621W and STM32F413RH
Rev 1 - October 2020
More results

Similar Description - EVALST7590-1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7590 STMICROELECTRONICS-ST7590 Datasheet
620Kb / 24P
   Narrow-band OFDM power line networking PRIME compliant system-on-chip
AN4444 STMICROELECTRONICS-AN4444 Datasheet
3Mb / 68P
   ST7590 PRIME compliant power line networking SoC design guide
logo
Microchip Technology
PL485 MICROCHIP-PL485 Datasheet
742Kb / 22P
   Programmable Narrow-Band Power Line Communication (NB-PLC) system on chip
03/2020 Rev B
logo
STMicroelectronics
ST7570 STMICROELECTRONICS-ST7570 Datasheet
441Kb / 26P
   S-FSK power line networking system-on-chip
ST7570TR STMICROELECTRONICS-ST7570TR Datasheet
441Kb / 26P
   S-FSK power line networking system-on-chip
UM0934 STMICROELECTRONICS-UM0934 Datasheet
1Mb / 113P
   ST7570 S-FSK power line networking System-on-Chip
EVALKITST7580-1 STMICROELECTRONICS-EVALKITST7580-1 Datasheet
136Kb / 4P
   ST7580 power line networking system-on-chip demonstration kit
AN3213 STMICROELECTRONICS-AN3213 Datasheet
2Mb / 64P
   ST7570 S-FSK power line networking system-on-chip
ST7580 STMICROELECTRONICS-ST7580 Datasheet
830Kb / 33P
   FSK, PSK multi-mode power line networking system-on-chip
logo
Analog Devices
ADE8165 AD-ADE8165 Datasheet
58Kb / 2P
   Narrow-Band Power-Line Communications Master Modem IC with Networking Stack
Rev. Sp0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com