Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24LC512I-SM Datasheet(PDF) 2 Page - Microchip Technology

Part # 24LC512I-SM
Description  512K I2C??Serial EEPROM
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC512I-SM Datasheet(HTML) 2 Page - Microchip Technology

  24LC512I-SM Datasheet HTML 1Page - Microchip Technology 24LC512I-SM Datasheet HTML 2Page - Microchip Technology 24LC512I-SM Datasheet HTML 3Page - Microchip Technology 24LC512I-SM Datasheet HTML 4Page - Microchip Technology 24LC512I-SM Datasheet HTML 5Page - Microchip Technology 24LC512I-SM Datasheet HTML 6Page - Microchip Technology 24LC512I-SM Datasheet HTML 7Page - Microchip Technology 24LC512I-SM Datasheet HTML 8Page - Microchip Technology 24LC512I-SM Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
24AA512/24LC512/24FC512
DS21754M-page 2
 2010 Microchip Technology Inc.
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings (†)
VCC.............................................................................................................................................................................6.5V
All inputs and outputs w.r.t. VSS ......................................................................................................... -0.6V to VCC +1.0V
Storage temperature ...............................................................................................................................-65°C to +150°C
Ambient temperature with power applied................................................................................................-40°C to +125°C
ESD protection on all pins
 4kV
TABLE 1-1:
DC CHARACTERISTICS
† NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions above those
indicated in the operational listings of this specification is not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability.
DC CHARACTERISTICS
Electrical Characteristics:
Industrial (I):
VCC = +1.7V to 5.5V
TA = -40°C to +85°C
Automotive (E):
VCC = +2.5V to 5.5V
TA = -40°C to +125°C
Param.
No.
Sym.
Characteristic
Min.
Max.
Units
Conditions
D1
A0, A1, A2, SCL, SDA
and WP pins:
——
D2
VIH
High-level input voltage
0.7 VCC
—V
D3
VIL
Low-level input voltage
0.3 VCC
0.2 VCC
V
V
VCC
 2.5V
VCC < 2.5V
D4
VHYS
Hysteresis of Schmitt
Trigger inputs
(SDA, SCL pins)
0.05 VCC
—V
VCC
 2.5V (Note)
D5
VOL
Low-level output voltage
0.40
V
IOL = 3.0 ma @ VCC = 4.5V
IOL = 2.1 ma @ VCC = 2.5V
D6
ILI
Input leakage current
±1
AVIN = VSS or VCC, WP = VSS
VIN = VSS or VCC, WP = VCC
D7
ILO
Output leakage current
±1
AVOUT = VSS or VCC
D8
CIN,
COUT
Pin capacitance
(all inputs/outputs)
—10
pF
VCC = 5.0V (Note)
TA = 25°C, FCLK = 1 MHz
D9
ICC Read Operating current
400
AVCC = 5.5V, SCL = 400 kHz
ICC Write
5
mA
VCC = 5.5V
D10
ICCS
Standby current
1
ATA = -40°C to +85°C
SCL = SDA = VCC = 5.5V
A0, A1, A2, WP = VSS
—5
ATA = -40°C to +125°C
SCL = SDA = VCC = 5.5V
A0, A1, A2, WP = VSS
Note:
This parameter is periodically sampled and not 100% tested.


Similar Part No. - 24LC512I-SM

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LC512I/CS17K MICROCHIP-24LC512I/CS17K Datasheet
702Kb / 36P
   512K I2C Serial EEPROM
01/05/10
24LC512I/MF MICROCHIP-24LC512I/MF Datasheet
702Kb / 36P
   512K I2C Serial EEPROM
01/05/10
24LC512I/P MICROCHIP-24LC512I/P Datasheet
702Kb / 36P
   512K I2C Serial EEPROM
01/05/10
24LC512I/SM MICROCHIP-24LC512I/SM Datasheet
702Kb / 36P
   512K I2C Serial EEPROM
01/05/10
24LC512I/SN MICROCHIP-24LC512I/SN Datasheet
702Kb / 36P
   512K I2C Serial EEPROM
01/05/10
More results

Similar Description - 24LC512I-SM

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24FC512-I MICROCHIP-24FC512-I Datasheet
702Kb / 36P
   512K I2C Serial EEPROM
01/05/10
24LC512TISM MICROCHIP-24LC512TISM Datasheet
702Kb / 36P
   512K I2C??Serial EEPROM
2010
24LC512 MICROCHIP-24LC512 Datasheet
702Kb / 36P
   512K I2C??Serial EEPROM
2010
24LC515 MICROCHIP-24LC515 Datasheet
285Kb / 22P
   512K I2C CMOS Serial EEPROM
2003
24AA512 MICROCHIP-24AA512_05 Datasheet
490Kb / 26P
   512K I2C??CMOS Serial EEPROM
2005
24AA515 MICROCHIP-24AA515_05 Datasheet
373Kb / 22P
   512K I2C??CMOS Serial EEPROM
2005
24AA512 MICROCHIP-24AA512 Datasheet
420Kb / 26P
   512K I2C CMOS Serial EEPROM
2004
24AA512 MICROCHIP-24AA512_08 Datasheet
419Kb / 28P
   512K I2C??CMOS Serial EEPROM
2008
24AA515 MICROCHIP-24AA515_08 Datasheet
352Kb / 24P
   512K I2C??CMOS Serial EEPROM
2008
logo
E-CMOS Corporation
EC24C512B E-CMOS-EC24C512B Datasheet
427Kb / 13P
   512K bitsTwo-wire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com