Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP748JF Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP748JF
Description  Office Machine Household Use Equipment Solid State Relay Switching Power Supply
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP748JF Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP748JF Datasheet HTML 1Page - Toshiba Semiconductor TLP748JF Datasheet HTML 2Page - Toshiba Semiconductor TLP748JF Datasheet HTML 3Page - Toshiba Semiconductor TLP748JF Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TLP748J
2008-12-01
1
HOC-0533
TOSHIBA Photocoupler GaAs IRed & Photo-Thyristor
TLP748J
Office Machine
Household Use Equipment
Solid State Relay
Switching Power Supply
The TOSHIBA TLP748J consists of a photo−thyristor optically coupled
to a gallium arsenide infrared emitting diode in a six lead plastic DIP
package.
• Peak off−state voltage: 600 V (min.)
• Trigger LED current: 10 mA (max.)
• On−state current: 150 mA (max.)
• UL recognized (scheduled): UL1577, file no. E67349
• BSI approved (scheduled): BS EN60065
BS EN60950:
• SEMKO approved (scheduled): SS4330784、
SS-EN60950
• Isolation voltage: 4000 Vrms (min.)
• Option (D4) type
VDE approved (scheduled): DIN EN 60747-5-2
Maximum operating insulation voltage: 630 Vpk , 890 Vpk
Highest permissible over voltage: 6000 Vpk , 8000 Vpk
(Note)
When a EN 60747-5-2 approved type is needed,
please designate the “option (D4)”
7.62 mm pich
10.16 mm pich
standard type
(LF2) type
• Creepage distance:
7.0 mm (min.)
8.0 mm (min.)
Clearance:
7.0 mm (min.)
8.0 mm (min.)
Insulation thickness:
0.5 mm (min.)
0.5 mm (min.)
Pin Configuration (top view)
1 : ANODE
2 : CATHODE
3 : N.C.
4 : CATHODE
5 : ANODE
6 : GATE
5
6
4
2
1
3
Unit in mm
TOSHIBA
11−7A8
Weight: 0.42g
TENTATIVE


Similar Part No. - TLP748JF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP748J TOSHIBA-TLP748J Datasheet
245Kb / 6P
   Office Machine Household Use Equipment Solid State Relay Switching Power Supply
More results

Similar Description - TLP748JF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP731 TOSHIBA-TLP731 Datasheet
415Kb / 9P
   OFFICE MACHINE HOUSEHOLD USE EQUIPMENT SOLID STATE RELAY SWITCHING POWER SUPPLY
TLP549J TOSHIBA-TLP549J Datasheet
248Kb / 6P
   Office Machine Household Use Equipment Solid State Relay Switching Power Supply
TLP741J TOSHIBA-TLP741J Datasheet
291Kb / 6P
   OFFICE MACHINE HOUSEHOLD USE EQUIPMENT SOLID STATE RELAY SWITCHING POWER SUPPLY
TLP148G TOSHIBA-TLP148G Datasheet
256Kb / 6P
   Office Machine Household Use Equipment Solid State Relay Switching Power Supply
TLP548J TOSHIBA-TLP548J Datasheet
251Kb / 6P
   Office Machine Household Use Equipment Solid State Relay Switching Power Supply
TLP733 TOSHIBA-TLP733 Datasheet
162Kb / 10P
   Office Machine Household Use Equipment Solid State Relay Switching Power Supply
TLP748J TOSHIBA-TLP748J Datasheet
245Kb / 6P
   Office Machine Household Use Equipment Solid State Relay Switching Power Supply
TLP148G TOSHIBA-TLP148G_14 Datasheet
269Kb / 6P
   Office Machine Household Use Equipment Solid State Relay Switching Power Supply
TLP3061 TOSHIBA-TLP3061_07 Datasheet
156Kb / 6P
   OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
TLP3041 TOSHIBA-TLP3041_07 Datasheet
551Kb / 6P
   OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com