Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

20ETS10SPBF Datasheet(PDF) 5 Page - International Rectifier

Part # 20ETS10SPBF
Description  INPUT RECTIFIER DIODE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

20ETS10SPBF Datasheet(HTML) 5 Page - International Rectifier

  20ETS10SPBF Datasheet HTML 1Page - International Rectifier 20ETS10SPBF Datasheet HTML 2Page - International Rectifier 20ETS10SPBF Datasheet HTML 3Page - International Rectifier 20ETS10SPBF Datasheet HTML 4Page - International Rectifier 20ETS10SPBF Datasheet HTML 5Page - International Rectifier 20ETS10SPBF Datasheet HTML 6Page - International Rectifier 20ETS10SPBF Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
20ETS...SPbF SAFEIR Series
Bulletin I2109 rev A 08/06
www.irf.com
10.16 (0.40)
REF.
8.89 (0.35)
4.57 (0.18)
4.32 (0.17)
0.61 (0.02) MAX.
5.08 (0.20) REF.
1.32 (0.05)
1.22 (0.05)
13
6.47 (0.25)
6.18 (0.24)
93°
REF.
2.61 (0.10)
2.32 (0.09)
5.28 (0.21)
4.78 (0.19)
4.69 (0.18)
4.20 (0.16)
0.55 (0.02)
0.46 (0.02)
14.73 (0.58)
15.49 (0.61)
1.40 (0.055)
1.14 (0.045)
3X
0.93 (0.37)
0.69 (0.27)
2X
11.43 (0.45)
17.78 (0.70)
8.89 (0.35)
3.81 (0.15)
2.08 (0.08)
2X
2.54 (0.10)
2X
MINIMUM RECOMMENDED FOOTPRINT
2
D
2Pak (SMD-220)
Dimensions in millimeters and inches
Anode
1
3
Base
Cathode
2
Anode
Marking Information
ASSEMBLED ON WW 12, 2000
LOT CODE 5K3A
RECTIFIER
LOGO
LOT CODE
ASSEMBLY
INTERNATIONAL
PART NUMBER
DATE CODE
YEAR 0 = 2000
WEEK 12
P = LEAD-FREE
THIS IS A 20ETS12S WITH
20ETS12S
Outline Table


Similar Part No. - 20ETS10SPBF

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
20ETS10S ISC-20ETS10S Datasheet
279Kb / 2P
   Input Rectifier Diode
More results

Similar Description - 20ETS10SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
10ETS IRF-10ETS Datasheet
70Kb / 5P
   INPUT RECTIFIER DIODE
20ETS16S IRF-20ETS16S Datasheet
142Kb / 7P
   INPUT RECTIFIER DIODE
10ETS12 IRF-10ETS12 Datasheet
165Kb / 7P
   INPUT RECTIFIER DIODE
80EPS IRF-80EPS Datasheet
80Kb / 6P
   INPUT RECTIFIER DIODE
logo
Inchange Semiconductor ...
10ETS08S ISC-10ETS08S Datasheet
264Kb / 2P
   Input Rectifier Diode
10ETS12S ISC-10ETS12S Datasheet
263Kb / 2P
   Input Rectifier Diode
10ETS08F ISC-10ETS08F Datasheet
266Kb / 2P
   Input Rectifier Diode
10ETS10 ISC-10ETS10 Datasheet
263Kb / 2P
   Input Rectifier Diode
logo
International Rectifier
80EPSPBF IRF-80EPSPBF Datasheet
102Kb / 6P
   INPUT RECTIFIER DIODE
25ETS08S IRF-25ETS08S Datasheet
142Kb / 7P
   INPUT RECTIFIER DIODE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com