Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

20ETS12SPBF Datasheet(PDF) 1 Page - International Rectifier

Part # 20ETS12SPBF
Description  INPUT RECTIFIER DIODE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

20ETS12SPBF Datasheet(HTML) 1 Page - International Rectifier

  20ETS12SPBF Datasheet HTML 1Page - International Rectifier 20ETS12SPBF Datasheet HTML 2Page - International Rectifier 20ETS12SPBF Datasheet HTML 3Page - International Rectifier 20ETS12SPBF Datasheet HTML 4Page - International Rectifier 20ETS12SPBF Datasheet HTML 5Page - International Rectifier 20ETS12SPBF Datasheet HTML 6Page - International Rectifier 20ETS12SPBF Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Major Ratings and Characteristics
I
F(AV) Sinusoidal
waveform
V
RRM
800 to 1200
V
I
FSM
300
A
V
F
@10 A, T
J = 25°C
1.0
V
T
J
- 40 to 150
°C
Characteristics
Values
Units
20
A
Output Current in Typical Applications
Single-phase Bridge
Three-phase Bridge
Units
Description/ Features
The 20ETS...SPbF rectifier SAFE
IR series has
been optimized for very low forward voltage drop,
with moderate leakage. The glass passivation
technology used has reliable operation up to 150°C
junction temperature.
Typical applications are in input rectification and
these products are designed to be used with
International Rectifier Switches and Output
Rectifiers which are available in identical package
outlines.
Capacitive input filter TA = 55°C, TJ = 125°C,
16.3
21
A
common heatsink of 1°C/W
INPUT RECTIFIER DIODE
Lead-Free ("PbF" suffix)
V
F < 1V @ 10A
I
FSM = 300A
V
RRM = 800 - 1200V
SAFE
IR Series
20ETS...SPbF
1
Bulletin I2209 rev A 08/06
D
2 Pak (SMD-220)
Package Outline
www.irf.com


Similar Part No. - 20ETS12SPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
20ETS12SPBF VISHAY-20ETS12SPBF Datasheet
170Kb / 7P
   Input Rectifier Diode, 20 A
Revision: 28-Jul-10
More results

Similar Description - 20ETS12SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
10ETS IRF-10ETS Datasheet
70Kb / 5P
   INPUT RECTIFIER DIODE
20ETS16S IRF-20ETS16S Datasheet
142Kb / 7P
   INPUT RECTIFIER DIODE
10ETS12 IRF-10ETS12 Datasheet
165Kb / 7P
   INPUT RECTIFIER DIODE
80EPS IRF-80EPS Datasheet
80Kb / 6P
   INPUT RECTIFIER DIODE
logo
Inchange Semiconductor ...
10ETS08S ISC-10ETS08S Datasheet
264Kb / 2P
   Input Rectifier Diode
10ETS12S ISC-10ETS12S Datasheet
263Kb / 2P
   Input Rectifier Diode
10ETS08F ISC-10ETS08F Datasheet
266Kb / 2P
   Input Rectifier Diode
10ETS10 ISC-10ETS10 Datasheet
263Kb / 2P
   Input Rectifier Diode
logo
International Rectifier
80EPSPBF IRF-80EPSPBF Datasheet
102Kb / 6P
   INPUT RECTIFIER DIODE
25ETS08S IRF-25ETS08S Datasheet
142Kb / 7P
   INPUT RECTIFIER DIODE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com