Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G2A-434A-NAC115 Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # G2A-434A-NAC115
Description  Highly Reliable, 4-pole Miniature Relay Ideal for Sequence Control
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G2A-434A-NAC115 Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button G2A-434A-NAC115 Datasheet HTML 2Page - Omron Electronics LLC G2A-434A-NAC115 Datasheet HTML 3Page - Omron Electronics LLC G2A-434A-NAC115 Datasheet HTML 4Page - Omron Electronics LLC G2A-434A-NAC115 Datasheet HTML 5Page - Omron Electronics LLC G2A-434A-NAC115 Datasheet HTML 6Page - Omron Electronics LLC G2A-434A-NAC115 Datasheet HTML 7Page - Omron Electronics LLC G2A-434A-NAC115 Datasheet HTML 8Page - Omron Electronics LLC G2A-434A-NAC115 Datasheet HTML 9Page - Omron Electronics LLC G2A-434A-NAC115 Datasheet HTML 10Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
http://www.ia.omron.com/
7
(c)Copyright OMRON Corporation 2007 All Rights Reserved.
G2A
Dimensions
Note: 1. All units are in millimeters unless otherwise indicated.
2. Dimensional tolerances are
±0.1 mm.
Built-in Operation Indicator Models
Color of operation indicator
AC model: Red
DC model: Green
Note: Do not reverse the polarity of the coil of DC Relays that have a built-in indicator or diode.
G2A-432A-N
Solder Terminal Models
PCB Terminal Models
Mounting Holes on PCB
(Bottom View)
Terminal Arrangement/Internal Connections
(Bottom View)
Standard Models
Make-before-break
Contact Models
Arc Barrier Equipped Models
Built-in Diode Models
5
4.1
12.65
4.4
Fourteen, 1.5-dia. holes
4.4
13.2
6.35
7.3
0.5
21.5 max.
28.5 max.
1.8
42.5 max.
4
0.5
1
2.6
21.5 max.
0.5
28.5 max.
Fourteen, 1.2-dia. 1.2 holes x 3 elliptic holes
1.8
42.5 max.
5.4
2.6
100/110, 200/220 VAC
6, 12, 24, 50 VDC
6, 12, 24 VDC
48, 100 VDC
G2A-432A-N1
6, 12, 24 VDC
48, 100 VDC


Similar Part No. - G2A-434A-NAC115

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G2A-434A OMRON-G2A-434A Datasheet
664Kb / 7P
   Fully Sealed Version of G2A that Displays Its Power in Adverse Environments
2010.4
More results

Similar Description - G2A-434A-NAC115

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G2A OMRON-G2A Datasheet
678Kb / 10P
   Highly Reliable, 4-pole Miniature Relay Ideal for Sequence Control
logo
Panasonic Semiconductor
DR-L2-24V PANASONIC-DR-L2-24V Datasheet
458Kb / 3P
   HIGHLY RELIABLE MINIATURE DIP RELAYS
logo
Nais(Matsushita Electri...
DR-12V NAIS-DR-12V Datasheet
458Kb / 3P
   HIGHLY RELIABLE MINIATURE DIP RELAYS
logo
Omron Electronics LLC
G2AK-232A-DC24 OMRON-G2AK-232A-DC24 Datasheet
391Kb / 8P
   Magnetic Latching Version of G2A Ideal for Sequence Control
logo
TE Connectivity Ltd
V23003 TEC-V23003 Datasheet
1Mb / 5P
   Highly reliable multi purpose relay
logo
Omron Electronics LLC
G2AK OMRON-G2AK Datasheet
391Kb / 8P
   Magnetic Latching Version of G2A Ideal for Sequence Control
MY4N-J-DC24 OMRON-MY4N-J-DC24 Datasheet
446Kb / 18P
   Versatile and Function-filled Miniature Power Relay for Sequence Control and Power Switching Applications
logo
ZETTLER Electronics
AZ830-4C ZETTLER-AZ830-4C Datasheet
99Kb / 2P
   4 POLE POLARIZED MINIATURE DIP RELAY
AZ830-4C-5DEA ZETTLER-AZ830-4C-5DEA Datasheet
156Kb / 2P
   4 POLE POLARIZED MINIATURE DIP RELAY
logo
List of Unclassifed Man...
12ACC12T4V10 ETC2-12ACC12T4V10 Datasheet
1Mb / 8P
   Highly reliable spring contacts for
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com